Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1114-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1114-Q1
Description  Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1114-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  ADS1114-Q1 Datasheet HTML 1Page - Texas Instruments ADS1114-Q1 Datasheet HTML 2Page - Texas Instruments ADS1114-Q1 Datasheet HTML 3Page - Texas Instruments ADS1114-Q1 Datasheet HTML 4Page - Texas Instruments ADS1114-Q1 Datasheet HTML 5Page - Texas Instruments ADS1114-Q1 Datasheet HTML 6Page - Texas Instruments ADS1114-Q1 Datasheet HTML 7Page - Texas Instruments ADS1114-Q1 Datasheet HTML 8Page - Texas Instruments ADS1114-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
1
ADDR
10
SCL
2
ALERT/RDY
9
SDA
3
GND
8
VDD
4
AIN0
7
AIN3
5
AIN1
6
AIN2
Not to scale
5
ADS1113-Q1, ADS1114-Q1, ADS1115-Q1
www.ti.com
SBAS563C – DECEMBER 2011 – REVISED DECEMBER 2016
Product Folder Links: ADS1113-Q1 ADS1114-Q1 ADS1115-Q1
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE
RESOLUTION
(Bits)
MAXIMUM SAMPLE
RATE
(SPS)
INPUT CHANNELS
Differential
(Single-Ended)
PGA
INTERFACE
SPECIAL
FEATURES
ADS1115-Q1
16
860
2 (4)
Yes
I2C
Comparator
ADS1114-Q1
16
860
1 (1)
Yes
I2C
Comparator
ADS1113-Q1
16
860
1 (1)
No
I2C
None
ADS1015-Q1
12
3300
2 (4)
Yes
I2C
Comparator
ADS1014-Q1
12
3300
1 (1)
Yes
I2C
Comparator
ADS1013-Q1
12
3300
1 (1)
No
I2C
None
ADS1118-Q1
16
860
2 (4)
Yes
SPI
Temperature sensor
ADS1018-Q1
12
3300
2 (4)
Yes
SPI
Temperature sensor
6 Pin Configuration and Functions
DGS Package
10-Pin VSSOP
Top View
(1)
See the Unused Inputs and Outputs section for unused pin connections.
Pin Functions
PIN(1)
TYPE
DESCRIPTION
NAME
ADS1113-Q1
ADS1114-Q1
ADS1115-Q1
ADDR
1
1
1
Digital input
I2C slave address select
AIN0
4
4
4
Analog input
Analog input 0
AIN1
5
5
5
Analog input
Analog input 1
AIN2
6
Analog input
Analog input 2 (ADS1115-Q1 only)
AIN3
7
Analog input
Analog input 3 (ADS1115-Q1 only)
ALERT/RDY
2
2
Digital output
Comparator output or conversion ready (ADS1114-Q1 and ADS1115-Q1 only)
GND
3
3
3
Analog
Ground
NC
2, 6, 7
6, 7
Not connected
SCL
10
10
10
Digital input
Serial clock input. locks data on SDA
SDA
9
9
9
Digital I/O
Serial data. Transmits and receives data
VDD
8
8
8
Analog
Power supply. Connect a 0.1-μF, power-supply decoupling capacitor to GND.


Similar Part No. - ADS1114-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1114-Q1 TI-ADS1114-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED DECEMBER 2022
ADS1114-Q1 TI1-ADS1114-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   ADS101x-Q1 Automotive, Low-Power, I2C-Compatible, 3.3-kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED JULY 2023
More results

Similar Description - ADS1114-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1113-Q1 TI-ADS1113-Q1_V01 Datasheet
1Mb / 50P
[Old version datasheet]   ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED DECEMBER 2022
ADS1013-Q1 TI1-ADS1013-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Automotive, Low-Power, I2C-Compatible, 3.3-kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
logo
Maxim Integrated Produc...
MAX190 MAXIM-MAX190 Datasheet
1,010Kb / 28P
   Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
Rev 2; 4/93
MAX11626 MAXIM-MAX11626_14 Datasheet
401Kb / 22P
   ADCs with FIFO and Internal Reference
Rev 5; 9/14
MAX11638 MAXIM-MAX11638 Datasheet
1Mb / 22P
   8-Bit, 16-/8-Channel, 300ksps ADCs with FIFO and Internal Reference
19-6035; Rev 0; 9/11
MAX11618 MAXIM-MAX11618 Datasheet
1Mb / 21P
   10-Bit, 300ksps ADCs with FIFO and Internal Reference
19-5961; Rev 1; 9/11
MAX11626_1110 MAXIM-MAX11626_1110 Datasheet
1Mb / 22P
   12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 3; 10/11
MAX11626 MAXIM-MAX11626 Datasheet
1Mb / 22P
   12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 2; 3/11
MAX1407 MAXIM-MAX1407 Datasheet
1Mb / 48P
   Low-Power, 16-Bit Multichannel DAS with Internal Reference,10-Bit DACs, and RTC
19-2229; Rev 0; 10/01
MAX11166 MAXIM-MAX11166 Datasheet
1Mb / 33P
   16-Bit, 500ksps/250ksps, ±5V SAR ADCs with Internal Reference in TDFN
Rev 1; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com