Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPW65R080CFD Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPW65R080CFD
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW65R080CFD Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPW65R080CFD Datasheet HTML 1Page - Infineon Technologies AG IPW65R080CFD Datasheet HTML 2Page - Infineon Technologies AG IPW65R080CFD Datasheet HTML 3Page - Infineon Technologies AG IPW65R080CFD Datasheet HTML 4Page - Infineon Technologies AG IPW65R080CFD Datasheet HTML 5Page - Infineon Technologies AG IPW65R080CFD Datasheet HTML 6Page - Infineon Technologies AG IPW65R080CFD Datasheet HTML 7Page - Infineon Technologies AG IPW65R080CFD Datasheet HTML 8Page - Infineon Technologies AG IPW65R080CFD Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
! "
# $
+ (,
&
-
%
.-
% .% &
. /
0
.
.
%
/ 1
2 34 /
/
/
5- !
%
.
'
5
%
/
%
. 3
//
% % .%
&
' %
.
&
/ &
5
% . 3
%
.
-
5
5
-
' %
5
-
% .0
. %
% % .%
5
*
/
-
% . //
5 0
0 .%
'
6 7
+
5
-
6
- % .%
..
6
-
& -
#
89.
6
-
: &
6 5+
/
.0 ;
.
/
6 9
.
//
.
3
23+
3
4
/
-
5
% . "
.
'.'
& 5 0 <
0 < .% .0
& 0
'
! "#$
%& '
(
)
*
+, -.
/
0
1
. 2
3
4
5&22
6
78
9&:- : &: : ;:
4;72
+
70
)
2
1
4
-. ; < :
, 0&:
-. ; < :
, 0&:
-. ; < :
, 0&:
-. ; < :
, 0&:
=> ,
=> ,
=> ,
=> ,
?
> ,
?
> ,
?
> ,
?
> ,
: @ >2
: @ >2
: @ >2
: @ >2
1 A/6
) 0
B
<
/6 / )
2
4..
: ( 4


Similar Part No. - IPW65R080CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW65R080CFD INFINEON-IPW65R080CFD Datasheet
1Mb / 12P
   650V CoolMOS CFD Power Transistor
Rev. 2.0, 2011-02-02
logo
Inchange Semiconductor ...
IPW65R080CFD ISC-IPW65R080CFD Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPW65R080CFDA INFINEON-IPW65R080CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-04-02 revision:2.1
More results

Similar Description - IPW65R080CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com