Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRSM516-076 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IRSM516-076
Description  Integrated Power Module for Small Appliance Motor Drive Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRSM516-076 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IRSM516-076 Datasheet HTML 2Page - Infineon Technologies AG IRSM516-076 Datasheet HTML 3Page - Infineon Technologies AG IRSM516-076 Datasheet HTML 4Page - Infineon Technologies AG IRSM516-076 Datasheet HTML 5Page - Infineon Technologies AG IRSM516-076 Datasheet HTML 6Page - Infineon Technologies AG IRSM516-076 Datasheet HTML 7Page - Infineon Technologies AG IRSM516-076 Datasheet HTML 8Page - Infineon Technologies AG IRSM516-076 Datasheet HTML 9Page - Infineon Technologies AG IRSM516-076 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
IRSM506-076
IRSM516-076 Series
6
February 10, 2016
Module Pin-Out Description
Pin
Name
Description
1
COM
Logic Ground
2
VB1
High Side Floating Supply Voltage 1
3
VCC1
15V Supply 1
4
HIN1
Logic Input for High Side Gate Driver - Phase 1
5
LIN1
Logic Input for Low Side Gate Driver - Phase 1
6
NC
Not Connected
7
VB2
High Side Floating Supply Voltage 2
8
VCC2
15V Supply 2
9
HIN2
Logic Input for High Side Gate Driver - Phase 2
10
LIN2
Logic Input for Low Side Gate Driver - Phase 2
11
VTH
Thermistor Output (IRSM506-076DA)
NC
Not Connected (IRSM516-076DA)
12
VB3
High Side Floating Supply Voltage 3
13
VCC3
15V Supply 3
14
HIN3
Logic Input for High Side Gate Driver - Phase 3
15
LIN3
Logic Input for Low Side Gate Driver - Phase 3
16
NC
Not Connected
17
V+
DC Bus Voltage Positive
18
U/VS1
Output - Phase 1, High Side Floating Supply Offset 1
19
VR1
Phase 1 Low Side Emitter
20
VR2
Phase 2 Low Side Emitter
21
V/VS2
Output - Phase 2, High Side Floating Supply Offset 2
22
VR3
Phase 3 Low Side Emitter
23
W/VS3
Output - Phase 3, High Side Floating Supply Offset 2
A 0123-412W
IRSM506-076PA


Similar Part No. - IRSM516-076

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRSM515-015DA INFINEON-IRSM515-015DA Datasheet
587Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM515-015DA2 INFINEON-IRSM515-015DA2 Datasheet
587Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM515-015PA INFINEON-IRSM515-015PA Datasheet
587Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM515-024DA INFINEON-IRSM515-024DA Datasheet
583Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM515-024DA2 INFINEON-IRSM515-024DA2 Datasheet
583Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
More results

Similar Description - IRSM516-076

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSM836-035MA IRF-IRSM836-035MA Datasheet
517Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
IRSM836-025MA IRF-IRSM836-025MA Datasheet
501Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
logo
Infineon Technologies A...
IRSM836-045MA INFINEON-IRSM836-045MA Datasheet
556Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
IRSM505-015PA INFINEON-IRSM505-015PA Datasheet
587Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM505-024 INFINEON-IRSM505-024 Datasheet
583Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM836-015MA INFINEON-IRSM836-015MA Datasheet
746Kb / 20P
   Integrated Power Module for Small Appliance Motor Drive Applications
March 24, 2015
IRSM836-044MA INFINEON-IRSM836-044MA Datasheet
756Kb / 20P
   Integrated Power Module for Small Appliance Motor Drive Applications
March 24, 2015
IRSM505-035 INFINEON-IRSM505-035 Datasheet
569Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM836-024MA INFINEON-IRSM836-024MA Datasheet
508Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
IRSM836-035MA INFINEON-IRSM836-035MA Datasheet
517Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com