Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRSM506-076 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IRSM506-076
Description  Integrated Power Module for Small Appliance Motor Drive Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRSM506-076 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IRSM506-076 Datasheet HTML 1Page - Infineon Technologies AG IRSM506-076 Datasheet HTML 2Page - Infineon Technologies AG IRSM506-076 Datasheet HTML 3Page - Infineon Technologies AG IRSM506-076 Datasheet HTML 4Page - Infineon Technologies AG IRSM506-076 Datasheet HTML 5Page - Infineon Technologies AG IRSM506-076 Datasheet HTML 6Page - Infineon Technologies AG IRSM506-076 Datasheet HTML 7Page - Infineon Technologies AG IRSM506-076 Datasheet HTML 8Page - Infineon Technologies AG IRSM506-076 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
IRSM506-076
IRSM516-076 Series
2
February 10, 2016
Internal Electrical Schematic
Half-Bridge
HVIC
Half-Bridge
HVIC
Half-Bridge
HVIC
Integrated in HVIC
1 COM
2 VB1
3 VCC1
4 HIN1
5 LIN1
6 NC
7 VB2
8 VCC2
9 HIN2
10 LIN2
11 VTH
12 VB3
13 VCC3
14 HIN3
15 LIN3
16 NC
17 V+
18 U/VS1
19 VR1
20 VR2
21 V/VS2
22 VR3
23 W/VS3
Half-Bridge
HVIC
Half-Bridge
HVIC
Half-Bridge
HVIC
Integrated in HVIC
1 COM
2 VB1
3 VCC1
4 HIN1
5 LIN1
6 NC
7 VB2
8 VCC2
9 HIN2
10 LIN2
11 NC
12 VB3
13 VCC3
14 HIN3
15 LIN3
16 NC
17 V+
18 U/VS1
19 VR1
20 VR2
21 V/VS2
22 VR3
23 W/VS3
IRSM506-076
IRSM516-076
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the module may occur. These are not tested at
manufacturing. All voltage parameters are absolute voltages referenced to COM unless otherwise stated in the table.
Symbol
Description
Min
Max
Unit
VCES / VRRM
IGBT/ FW Diode Blocking Voltage
---
600
V
IO @ TC=25°C
DC Output Current per IGBT
---
4.0
A
IOP @ TC =25°C
Pulsed Output Current per IGBT (Note 1)
---
15
Pd @ TC=25°C
Maximum Power Dissipation per IGBT
---
16
W
VISO
Isolation Voltage (1min)
---
1900
VRMS
TJ
Operating Junction Temperature
-40
150
°C
TC
Operating Case Temperature
-40
150
°C
TS
Storage Temperature
-40
150
°C
VS1,2,3
High Side Floating Supply Offset Voltage
VB1,2,3 - 20
VB1,2,3 +0.3
V
VB1,2,3
High Side Floating Supply Voltage
-0.3
625
V
VCC
Low Side and Logic Supply voltage
-0.3
25
V
VIN
Input Voltage of LIN, HIN
COM -0.3
VCC+0.3
V
Note 1: Pulse Width = 100µs, Single Pulse


Similar Part No. - IRSM506-076

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSM505-015 IRF-IRSM505-015 Datasheet
831Kb / 15P
   Integrated Power Module for Small Appliance Motor Drive Applications
logo
Infineon Technologies A...
IRSM505-015DA INFINEON-IRSM505-015DA Datasheet
587Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM505-015DA2 INFINEON-IRSM505-015DA2 Datasheet
587Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM505-015PA INFINEON-IRSM505-015PA Datasheet
587Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
logo
International Rectifier
IRSM505-015 IRF-IRSM505-015_15 Datasheet
831Kb / 15P
   Integrated Power Module for Small Appliance Motor Drive Applications
More results

Similar Description - IRSM506-076

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSM836-035MA IRF-IRSM836-035MA Datasheet
517Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
IRSM836-025MA IRF-IRSM836-025MA Datasheet
501Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
logo
Infineon Technologies A...
IRSM836-045MA INFINEON-IRSM836-045MA Datasheet
556Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
IRSM505-015PA INFINEON-IRSM505-015PA Datasheet
587Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM505-024 INFINEON-IRSM505-024 Datasheet
583Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM836-015MA INFINEON-IRSM836-015MA Datasheet
746Kb / 20P
   Integrated Power Module for Small Appliance Motor Drive Applications
March 24, 2015
IRSM836-044MA INFINEON-IRSM836-044MA Datasheet
756Kb / 20P
   Integrated Power Module for Small Appliance Motor Drive Applications
March 24, 2015
IRSM505-035 INFINEON-IRSM505-035 Datasheet
569Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM836-024MA INFINEON-IRSM836-024MA Datasheet
508Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
IRSM836-035MA INFINEON-IRSM836-035MA Datasheet
517Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com