Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN7002N Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SN7002N
Description  SIPMOS횘 Small-Signal-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SN7002N Datasheet(HTML) 4 Page - Infineon Technologies AG

  SN7002N Datasheet HTML 1Page - Infineon Technologies AG SN7002N Datasheet HTML 2Page - Infineon Technologies AG SN7002N Datasheet HTML 3Page - Infineon Technologies AG SN7002N Datasheet HTML 4Page - Infineon Technologies AG SN7002N Datasheet HTML 5Page - Infineon Technologies AG SN7002N Datasheet HTML 6Page - Infineon Technologies AG SN7002N Datasheet HTML 7Page - Infineon Technologies AG SN7002N Datasheet HTML 8Page - Infineon Technologies AG SN7002N Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2011-07-11
Rev. 2.6
Page 4
SN7002N
1 Power dissipation
Ptot = f (TA)
0
20
40
60
80
100 120
°C
160
TA
0
0.04
0.08
0.12
0.16
0.2
0.24
0.28
0.32
W
0.38
SN7002N
2 Drain current
ID = f (TA)
parameter: VGS≥ 10 V
0
20
40
60
80
100 120
°C 160
TA
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
A
0.22
SN7002N
3 Safe operating area
ID = f ( VDS )
parameter : D = 0 , TA = 25 °C
10
0
10
1
10
2
V
VDS
-3
10
-2
10
-1
10
0
10
1
10
A
SN7002N
R DS(on)
=
V DS
/ I D
DC
10 ms
1 ms
tp = 200.0µs
4 Transient thermal impedance
ZthJA = f (tp)
parameter : D = tp/T
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
10
K/W
SN7002N
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50


Similar Part No. - SN7002N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SN7002N INFINEON-SN7002N Datasheet
114Kb / 8P
   SIPMOS Small-Signal-Transistor
2003-03-26
SN7002N INFINEON-SN7002N Datasheet
5Mb / 9P
   SIPMOS Small-Signal-Transistor Feature Enhancement mode Logic Level
Rev. 2.5 2009-14-08
SN7002N INFINEON-SN7002N_09 Datasheet
5Mb / 9P
   SIPMOS Small-Signal-Transistor Feature Enhancement mode Logic Level
Rev. 2.5 2009-14-08
More results

Similar Description - SN7002N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO615CG INFINEON-BSO615CG_12 Datasheet
440Kb / 13P
   SIPMOS횘 Small-Signal-Transistor
2012-04-04
BSO612CV INFINEON-BSO612CV_12 Datasheet
392Kb / 13P
   SIPMOS횘 Small-Signal-Transistor
2012-04-04
SN7002W INFINEON-SN7002W_11 Datasheet
317Kb / 8P
   SIPMOS횘 Small-Signal-Transistor
Rev. 2.5 2011-07-13
BSP315P-E6327 INFINEON-BSP315P-E6327 Datasheet
543Kb / 9P
   SIPMOS횘 Small-Signal-Transistor
Rev.1.7 2012-11-26
BSP613P INFINEON-BSP613P_16 Datasheet
387Kb / 9P
   SIPMOS횘 Small-Signal-Transistor
Rev.2.8 2016-05-30
SN7002W INFINEON-SN7002W_09 Datasheet
1Mb / 8P
   SIPMOS횘 Small-Signal-Transistor Feature N-Channel Enhancement mode
Rev. 2.4 2009-08-19
SPB80P06PG INFINEON-SPB80P06PG_11 Datasheet
613Kb / 11P
   SIPMOS횘 Power-Transistor
Rev 1.6 2011-09-01
SPP80P06PH INFINEON-SPP80P06PH Datasheet
612Kb / 11P
   SIPMOS횘 Power-Transistor
Rev 1.5 2011-09-01
SPP08P06PH INFINEON-SPP08P06PH Datasheet
484Kb / 10P
   SIPMOS횘 Power-Transistor
Rev 1.6 2011-08-31
SPD30N03 INFINEON-SPD30N03 Datasheet
111Kb / 8P
   SIPMOS횘 Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com