Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SES5VSC70-6 Datasheet(PDF) 7 Page - Surge Components

Part # SES5VSC70-6
Description  100 Watts Peak Power per Line
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SURGE [Surge Components]
Direct Link  http://www.surgecomponents.com
Logo SURGE - Surge Components

SES5VSC70-6 Datasheet(HTML) 7 Page - Surge Components

  SES5VSC70-6 Datasheet HTML 1Page - Surge Components SES5VSC70-6 Datasheet HTML 2Page - Surge Components SES5VSC70-6 Datasheet HTML 3Page - Surge Components SES5VSC70-6 Datasheet HTML 4Page - Surge Components SES5VSC70-6 Datasheet HTML 5Page - Surge Components SES5VSC70-6 Datasheet HTML 6Page - Surge Components SES5VSC70-6 Datasheet HTML 7Page - Surge Components SES5VSC70-6 Datasheet HTML 8Page - Surge Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Surge Components, Inc.
95 East Jefryn Blvd
Deer Park, NY
11729
(631) 595-1818
7
7. PACKING INFORMATION
8. APPLICATION NOTE
The SES5VSC70-6 is TVS arrays designed to protect I/O or data lines from the damaging effects of ESD
or EFT. This product provides both unidirectional and bidirectional protection, with a surage capability of
100 watts Ppp line for an 8/20µs wave shape and ESD protection > 25kv.
Common-mode unidirectional configuration (Figure 1)
The SES5VSC70-6 provides up to 5 lines of protection in a common-mode unidirectional configuration
as depicted in Figure 1.
Circuit connectivity is as follows:
■ Line 1 is connected to Pin1.
■ Line 2 is connected to Pin3.
■ Line 3 is connected to Pin4.
■ Line 4 is connected to Pin6
■ Line 5 is connected to Pin5.
■ Pin2 is connected to ground.
Common-mode unidirectional configuration (Figure 2)
Reel Dia
Tape Width
AO
BO
KO
D
E
F
W
PO
P2
P
Imax
178mm(7”)
8mm
2.25±0.10
2.34±0.10
1.22±0.10
1.50±0.10
1.75±0.10
3.50±0.05
8.00±0.30
4.00±0.10
2.00±0.005
4.00±0.005
0.25


Similar Part No. - SES5VSC70-6

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SES5VSC70-6 GOOD-ARK-SES5VSC70-6 Datasheet
607Kb / 8P
   ESD Protector
SES5VSC70-6U GOOD-ARK-SES5VSC70-6U Datasheet
605Kb / 6P
   Low Capacitance ESD Protector Array
More results

Similar Description - SES5VSC70-6

ManufacturerPart #DatasheetDescription
logo
Surge Components
SES5VT553-5 SURGE-SES5VT553-5 Datasheet
413Kb / 8P
   100 Watts Peak Power per Line
SES5VT563-6 SURGE-SES5VT563-6 Datasheet
395Kb / 6P
   100 Watts Peak Power per Line
SES5VSC70-5 SURGE-SES5VSC70-5 Datasheet
406Kb / 8P
   100 Watts Peak Power per Line
logo
FutureWafer Tech Co.,Lt...
FM05VDB FUTUREWAFER-FM05VDB Datasheet
844Kb / 6P
   100 Watts peak pulse power per line
logo
Surge Components
SES5VD523-2U SURGE-SES5VD523-2U Datasheet
276Kb / 5P
   200 Watts peak pulse power per line
SES7VD523-2U SURGE-SES7VD523-2U Datasheet
349Kb / 4P
   200 Watts peak pulse power per line
SES5VD323-2B SURGE-SES5VD323-2B Datasheet
326Kb / 4P
   500 Watts peak pulse power per line
SES5VD323-2U SURGE-SES5VD323-2U Datasheet
334Kb / 4P
   500 Watts peak pulse power per line
logo
Shanghai Leiditech Elec...
TPD2E009DRTR LEIDITECH-TPD2E009DRTR Datasheet
1Mb / 6P
   100 Watts Peak Pulse Power per Line (tp=8/20μs)
Rev : 01.06.2015
TPD2EUSB30DRTR LEIDITECH-TPD2EUSB30DRTR Datasheet
1Mb / 6P
   100 Watts Peak Pulse Power per Line (tp=8/20μs)
Rev : 01.06.2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com