Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SES5VSC70-5 Datasheet(PDF) 2 Page - Surge Components

Part # SES5VSC70-5
Description  100 Watts Peak Power per Line
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SURGE [Surge Components]
Direct Link  http://www.surgecomponents.com
Logo SURGE - Surge Components

SES5VSC70-5 Datasheet(HTML) 2 Page - Surge Components

  SES5VSC70-5 Datasheet HTML 1Page - Surge Components SES5VSC70-5 Datasheet HTML 2Page - Surge Components SES5VSC70-5 Datasheet HTML 3Page - Surge Components SES5VSC70-5 Datasheet HTML 4Page - Surge Components SES5VSC70-5 Datasheet HTML 5Page - Surge Components SES5VSC70-5 Datasheet HTML 6Page - Surge Components SES5VSC70-5 Datasheet HTML 7Page - Surge Components SES5VSC70-5 Datasheet HTML 8Page - Surge Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Surge Components, Inc.
95 East Jefryn Blvd
Deer Park, NY
11729
(631) 595-1818
2
1.. FEATURE
100 Watts Peak Power per Line(tp=8/20us)
SC-70-5L package
Up to four lines of protection
Monolithic structure
Working woltage: 5V
Low clamping voltage
ESD protection > 25KV
Low leakage current
RoHS compliant
Transient protection for data lines to IEC 61000-4-2(ESD) ± 15KV (air),
± 8KV (contact); IEC 61000-4-4 (EFT) 40A (5/50ns)
2. APPLICATION
Cellular phones
MP3 players
Notebook
PDAs
Digital cameras
Cellular phones station
3. ELECTRICAL CHARACTERISTICS PER LINE@25℃
℃(UNLESS OTHERWISE SPECIFIED) note 1
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Reverse stand-off voltage
VRWM
5
V
Reverse Breakdown voltage
VBR
It=1mA
6
V
Reverse Leakage Current
IR
VRWM=5V T=25℃
5
uA
Clamping Voltage
VC
IPP=1A TP=8/20uS
8.8
V
Clamping voltage
VC
IPP=10A TP=8/20uS
10.0
V
Junction Capacitance
CJ
VR=0V f=1MHz
60
pF
Note 1: Pin 1,3,4,5 to Pin 2


Similar Part No. - SES5VSC70-5

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SES5VSC70-5 GOOD-ARK-SES5VSC70-5 Datasheet
533Kb / 7P
   ESD Protector
More results

Similar Description - SES5VSC70-5

ManufacturerPart #DatasheetDescription
logo
Surge Components
SES5VT553-5 SURGE-SES5VT553-5 Datasheet
413Kb / 8P
   100 Watts Peak Power per Line
SES5VSC70-6 SURGE-SES5VSC70-6 Datasheet
475Kb / 8P
   100 Watts Peak Power per Line
SES5VT563-6 SURGE-SES5VT563-6 Datasheet
395Kb / 6P
   100 Watts Peak Power per Line
logo
FutureWafer Tech Co.,Lt...
FM05VDB FUTUREWAFER-FM05VDB Datasheet
844Kb / 6P
   100 Watts peak pulse power per line
logo
Surge Components
SES5VD523-2U SURGE-SES5VD523-2U Datasheet
276Kb / 5P
   200 Watts peak pulse power per line
SES7VD523-2U SURGE-SES7VD523-2U Datasheet
349Kb / 4P
   200 Watts peak pulse power per line
SES5VD323-2B SURGE-SES5VD323-2B Datasheet
326Kb / 4P
   500 Watts peak pulse power per line
SES5VD323-2U SURGE-SES5VD323-2U Datasheet
334Kb / 4P
   500 Watts peak pulse power per line
logo
Shanghai Leiditech Elec...
TPD2E009DRTR LEIDITECH-TPD2E009DRTR Datasheet
1Mb / 6P
   100 Watts Peak Pulse Power per Line (tp=8/20μs)
Rev : 01.06.2015
TPD2EUSB30DRTR LEIDITECH-TPD2EUSB30DRTR Datasheet
1Mb / 6P
   100 Watts Peak Pulse Power per Line (tp=8/20μs)
Rev : 01.06.2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com