Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C31026-12BC Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS7C31026-12BC
Description  5V/3.3V 64Kx6 CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C31026-12BC Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS7C31026-12BC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C31026-12BC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C31026-12BC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C31026-12BC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C31026-12BC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C31026-12BC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C31026-12BC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C31026-12BC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C31026-12BC Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
®
AS7C1026
AS7C31026
DID 11-20011-A. 5/22/00
ALLIANCE SEMICONDUCTOR
5
Write cycle (over the operating range)
Shaded areas indicate preliminary information.
Write waveform 1 (WE controlled)
Write waveform 2 (CE controlled)
Parameter
Symbol
-10
-12
-15
-20
Unit
Notes
Min Max Min Max Min Max Min Max
Write cycle time
tWC
10
–12–
15
–20–
ns
Chip enable (CE) to write end
tCW
8–
8
12
13
ns
Address setup to write end
tAW
8–
9
10
12
ns
Address setup time
tAS
0
0–
0–0
ns
Write pulse width
tWP
8–
8
10
12
ns
Address hold from end of write
tAH
0
0–
0–0
ns
Data valid to write end
tDW
5
6–
8–
10
ns
Data hold time
tDH
0
0–
0–0
ns
5
Write enable to output in high Z
tWZ
–6
–6–
6
–8
ns
4, 5
Output active from write end
tOW
1
1–
1–2
ns
4, 5
Byte select low to end of write
tBW
8
8–
9–
12
ns
Address
CE
LB, UB
WE
DataIN
DataOUT
tWC
tCW
tBW
tAW
tAS
tWP
tDW
tDH
tOW
tWZ
tWR
Data undefined
high Z
Data valid
Address
CE
LB, UB
WE
DataIN
tWC
tCW
tBW
tWP
tDW
tDH
tOW
tWZ
tWR
DataOUT
Data undefined
high Z
high Z
tAS
tAW
Data valid
tCLZ


Similar Part No. - AS7C31026-12BC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C31026-12BC ALSC-AS7C31026-12BC Datasheet
238Kb / 10P
   5V / 3.3V 64KX16 CMOS SRAM
More results

Similar Description - AS7C31026-12BC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C513 ALSC-AS7C513 Datasheet
198Kb / 10P
   5V/3.3V 32Kx6 CMOS SRAM
AS7C1026 ALSC-AS7C1026 Datasheet
238Kb / 10P
   5V / 3.3V 64KX16 CMOS SRAM
AS7C4096 ALSC-AS7C4096 Datasheet
246Kb / 9P
   5V/3.3V 512K X8 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
   5V/3.3V 32K x 6 CMOS SRAM
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
AS7C1024A ALSC-AS7C1024A Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C34098 ALSC-AS7C34098 Datasheet
235Kb / 10P
   5V/3.3V 256K x 16 CMOS SRAM
AS7C1025 ALSC-AS7C1025 Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
logo
Golledge Electronics Lt...
GXO-U108 GOLLEDGE-GXO-U108_16 Datasheet
178Kb / 2P
   3.3V & 5V CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com