Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53J10KE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # 53J10KE
Description  Rugged construction
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

53J10KE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  53J10KE Datasheet HTML 1Page - Ohmite Mfg. Co. 53J10KE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
6
Test Condition
Maximum ∆R
Short term overload 5X Rated power for 5 sec-
onds (3W); 10X Rated power
for 5 seconds (5W)
<2% + 0R05
Load life at rated power 1000 hours (1.5 Hrs ON, 0.5
Hrs OFF cycle)
<5% + 0R05
Robustness of termination As per BS-CECC 40201-002 <1% + 0R05
Temp. Coefficient
of Resistance
±90 ppm/°C for below 1.0 Ω
±50 for 1.0 Ω to 99 Ω
±30 for 100 Ω and above
Short Term
Overload
53J 5X for 5 seconds
55J 10X for 5 seconds
Leads Tin Coated Copper
50 Series
Economical Silicone Coated Wirewound
Automated winding, in-line color
banding, and testing allow for an
economically priced, industrial
grade wirewound power resistor.
These resistors feature an all
welded construction with a high
purity alumina ceramic core and
high quality RoHS grade tinned
copper wire instead of copper
weld which produces better
thermal characteristics. The 50
series accompanies Ohmite's
wide range of axial leaded prod-
ucts.
Series
Power at 25°C
Resistance Limiting Element Voltage
53J
3W
0R1 to 10K
150
55J
5W
0R1 to 20K
200
Fea ture S
•Ruggedconstruction
•OptimizedforMedium
to High volume pro-
duction
•Customresistance
values can also be
produced on request.
Serie S S peci F ication S
c haracteri S tic S
123 4
Key to four-band code
Band 1 2
3
4
Color
Digit
Multiplier
Tolerance
Black
0 0
x
Brown
1 1
x
10Ω
± 1%
(F)
Red
2 2
x
100Ω
± 2%
(G)
Orange
3 3
x
1KΩ
± 3%
Yellow
4 4
x
10KΩ
± 4%
Green
5 5
x
100KΩ
Blue
6 6
Violet
7 7
Grey
8 8
White
9 9
Gold
x
0.1Ω
± 5%
(J)
Silver
x
0.01Ω
± 10%
(K)
Ambient Temperature, °C
350
0
50
25
100 150 200 250 300
40
0
60
80
20
100
Derating


Similar Part No. - 53J10KE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
53J10KE OHMITE-53J10KE Datasheet
508Kb / 2P
   Economical Silicone Coated Wirewound
More results

Similar Description - 53J10KE

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
TD4 TTELEC-TD4 Datasheet
306Kb / 2P
   rugged construction
logo
List of Unclassifed Man...
ATC200B ETC2-ATC200B Datasheet
247Kb / 6P
   Rugged Construction
ATC920C ETC2-ATC920C Datasheet
94Kb / 2P
   Rugged Construction
logo
Ohmite Mfg. Co.
RES-OD-OF-OA OHMITE-RES-OD-OF-OA Datasheet
303Kb / 2P
   Rugged construction
logo
List of Unclassifed Man...
ABS1699 ETC2-ABS1699 Datasheet
1Mb / 3P
   Durable, rugged construction
logo
Ultralife Corporation.
UBBL03 ULTRALIFE-UBBL03 Datasheet
501Kb / 2P
   Rugged case construction
Rev: L
logo
List of Unclassifed Man...
ARINC404A ETC2-ARINC404A Datasheet
658Kb / 3P
   Durable, rugged construction
logo
EUROQUARTZ limited
T1235 EUROQUARTZ-T1235 Datasheet
93Kb / 1P
   Rugged construction SMD TCXO
logo
Linx Technologies
ANT-315-HETH LINX-ANT-315-HETH Datasheet
445Kb / 2P
   Rugged phosphor-bronze construction
5/16/16
logo
M/A-COM Technology Solu...
MADP-042XX8-13060 MA-COM-MADP-042XX8-13060_15 Datasheet
669Kb / 5P
   Rugged Silicon-Glass Construction
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com