Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12FR050E Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # 12FR050E
Description  Ideal for current sensing applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

12FR050E Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  12FR050E Datasheet HTML 1Page - Ohmite Mfg. Co. 12FR050E Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
45
L +.015 /
+0.4
D +.015 /
+0.4
A (min.)
B ±.010 /
±0.03
0.032 ±.002
0.81±.05
(20 AWG)
Series Wattage
Ohms
13
3
0.005-0.1
14
4.5
0.005-0.1
17
7
0.005-0.1
Series
Wattage
Length
Diam.
A
B
13
3
0.625/15.9
0.200/5.08
1.25/31.8
0.125/3.18
14
4.5
1.060/26.9
0.335/8.51
1.50/38.1
0.200/5.08
17
7
1.500/38.1
0.375/9.53
1.50/38.1
0.200/5.08
Terminals Tinned Copper Leads
Encapsulation Silicone Molding Compound
Derating Linearly from 100% at +25˚C to 0% at
+200˚C
Resistance Range 0.005Ω to 0.100Ω standard
Standard Tolerance ±1%; others available
Operating Temp. Range -55˚C to +200˚C
Temperature Coefficient
of Resistance
(0˚C to 85˚C) ≥0.015Ω: ±50 PPM/˚C;
<0.015Ω: ±100 PPM/˚C
Environmental
Performance
Exceeds the requirements of MIL-
PRF-49465
Power rating Based on 25˚C free air rating.
Overload 5 times rated wattage for 5 seconds
Max. Current 22 amps
Dialectric withstanding
voltage
1500 VAC for 4.5 and 7 watt; 1000
VAC for 3 watt
Insulation resistance Not less than 1000 MΩ
Thermal EMF Less than ±2µV/˚C
Ohmite’sFour-terminalCurrent-senseResistorsare
specificallydesignedforlow-resistanceapplications
requiringthehighestaccuracyandtemperature
stability.Thisfour-terminalversionofOhmite’s10
Seriesresistorisspeciallydesignedforuseina
Kelvinconfiguration,inwhichacurrentisapplied
throughtwooppositeterminalsandsensingvoltage
ismeasuredacrosstheothertwoterminals.
TheKelvinconfigurationenablestheresistance
andtemperaturecoefficientoftheterminalstobe
effectivelyeliminated.Thefourterminaldesign
alsoresultsinalowertemperaturecoefficientof
resistanceandlowerself-heatingdriftwhichmaybe
experiencedontwo-terminalresistors.Therequire-
menttoconnecttotheterminalsatprecisetest
pointsiseliminated,allowingfortightertolerancing
ontheendapplication.
Chara C teri S ti CS
Serie S S pe C i F i C ation S
Dimen S ion S
10 Series
Axial Wire Element Current Sense
Four Terminal Axial
Fea ture S
•Ideal for current sensing applications
•1% Tolerance standard, others available
•Low Inductance (non-inductive below 0.25Ω)
•Tinned Copper Leads
•RoHS Compliant
or D erin G in F ormation
� � � � � � � �
Ohm Value
Example:
R050= 0.05�
Tolerance
F = 1%
D= 0.5%
10 Series
Wattage
Terminals
Blank = 2 terminals
P
= 4 terminals
RoHS Compliant
Standard part numbers
Ohmic
value
3 watt
4.5 watt
7 watt
0.005 13FPR005E 14FPR005E 17FPR005E
0.010 13FPR010E 14FPR010E 17FPR010E
0.015 13FPR015E 14FPR015E 17FPR015E
0.020 13FPR020E 14FPR020E 17FPR020E
0.025 13FPR025E 14FPR025E 17FPR025E
0.030 13FPR030E 14FPR030E 17FPR030E
0.040 13FPR040E 14FPR040E 17FPR040E
0.050 13FPR050E 14FPR050E 17FPR050E
0.060 13FPR060E 14FPR060E 17FPR060E
0.070 13FPR070E 14FPR070E 17FPR070E
0.075 13FPR075E 14FPR075E 17FPR075E
0.080 13FPR080E 14FPR080E 17FPR080E
0.090 13FPR090E 14FPR090E 17FPR090E
0.100 13FPR100E 14FPR100E 17FPR100E


Similar Part No. - 12FR050E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12FR050E ETC2-12FR050E Datasheet
143Kb / 1P
   Axial Wire Element Current Sense
logo
Ohmite Mfg. Co.
12FR050E OHMITE-12FR050E Datasheet
427Kb / 2P
   Axial Wire Element Current Sense Two Terminal Axial
More results

Similar Description - 12FR050E

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-60-4TERM OHMITE-RES-60-4TERM Datasheet
341Kb / 1P
   Ideal for current sensing applications
logo
Marl International Limi...
669-503-0410 MARL-669-503-0410_15 Datasheet
321Kb / 4P
   Ideal for marine applications
507-501-2112 MARL-507-501-2112_15 Datasheet
434Kb / 5P
   Ideal for high vibration applications
logo
Sangdest Microelectroni...
DSR1A SMC-DSR1A Datasheet
162Kb / 5P
   Ideal for surface mouted applications
logo
Marl International Limi...
240-061-64 MARL-240-061-64_13 Datasheet
202Kb / 4P
   Ideal for high vibration applications
logo
International Rectifier
IRF7342D2PBF IRF-IRF7342D2PBF_15 Datasheet
203Kb / 11P
   Ideal For Buck Regulator Applications
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-P106 AVAGO-HLMP-P106 Datasheet
227Kb / 7P
   Ideal for space limited applications
logo
STMicroelectronics
AN3306 STMICROELECTRONICS-AN3306 Datasheet
639Kb / 21P
   Current sensing in metering applications using
logo
International Rectifier
IRF5803D2PBF IRF-IRF5803D2PBF_15 Datasheet
148Kb / 11P
   Ideal For Buck Regulator Applications
logo
STMicroelectronics
AN4313 STMICROELECTRONICS-AN4313 Datasheet
232Kb / 15P
   Guidelines for designing touch sensing applications Guidelines for designing touch sensing applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com