Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGC0520S Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SGC0520S
Description  Surface Mount Schottky Rectifier Reverse Voltage 20~45V Forward Current 5A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SGC0520S Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SGC0520S Datasheet HTML 1Page - GOOD-ARK Electronics SGC0520S Datasheet HTML 2Page - GOOD-ARK Electronics SGC0520S Datasheet HTML 3Page - GOOD-ARK Electronics SGC0520S Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SGC0520S thru SGC0545S
Surface Mount Schottky Rectifier
Reverse Voltage 20~45V Forward Current 5A
www.goodark.com
1/4
2015.01-Rev.A
Features
• Heatsink design
• Schottky barrier diodes
• Low leakage current
Low leakage current
• Solder dip 260 °C, 10 s
• Low forward voltage drop
• Low profile - typical height of 1.1 mm
• Moisture sensitivity: level 1, per J-STD-020
• High temperature soldering guaranteed: 260℃/10 seconds
Anode 1
Anode 2
Cathode
& Heatsink
eSGC (TO‐277)   
Typical Applications
For low voltage high frequency inverters, DC/DC converters and polarity protection application.
VRRM
V
VRMS
V
VDC
V
30
28
40
31.5
45
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
Unit
Maximum RMS voltage
14
21
Maximum repetitive peak reverse voltage
SGC0520S
SGC0530S
SGC0540S
SGC0545S
20
30
40
45
Maximum DC blocking voltage
20
IF(AV)
1)
A
IFSM
A
TJ,
TSTG
°C
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
175
Operating junction and storage temperature
range
-55 to +150
gg
Maximum average forward rectified current
5.0
IF=5A
VF
Volts
Maximum instantaneous forward voltage
TA=25℃
Parameter
Test Conditions
Symbol
Unit
MAX.
Electrical Characteristics (TA = 25 °C unless otherwise noted)
0.5
CJ
pF
Typical thermal resistance
RθJM1)
℃/W
Note1)Thermal resistance RθJL is junction to lead,mounted on P.C.B with 30*30mm copper pad area
IR
mA
TA=125℃
Typical junction capacitance
4.0 V, 1 MHz
285
juntion to mout pad
20
Maximum DC reverse current at rated DC
blocking voltage
Rated
VR
TA=25℃
0.3
30
www.goodark.com
1/4
2015.01-Rev.A


Similar Part No. - SGC0520S

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC0501A GOOD-ARK-SGC0501A Datasheet
207Kb / 4P
   Surface Mount Glass Passivated Rectifier
SGC0502A GOOD-ARK-SGC0502A Datasheet
207Kb / 4P
   Surface Mount Glass Passivated Rectifier
SGC0503A GOOD-ARK-SGC0503A Datasheet
207Kb / 4P
   Surface Mount Glass Passivated Rectifier
SGC0503U GOOD-ARK-SGC0503U Datasheet
196Kb / 4P
   Surface Mount Glass Passivated superfast recovery Rectifier
SGC0504A GOOD-ARK-SGC0504A Datasheet
207Kb / 4P
   Surface Mount Glass Passivated Rectifier
More results

Similar Description - SGC0520S

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LS54 GOOD-ARK-LS54 Datasheet
228Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40/45V Forward Current 5A
LSL54 GOOD-ARK-LSL54 Datasheet
195Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40~45V Forward Current 5A
FS32 GOOD-ARK-FS32_15 Datasheet
209Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~45V Forward Current 3A
SGC1545S GOOD-ARK-SGC1545S_15 Datasheet
250Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 15A
SGC1045S GOOD-ARK-SGC1045S_15 Datasheet
213Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 10A
SGC2545S GOOD-ARK-SGC2545S_15 Datasheet
202Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 25A
SGC1545SA GOOD-ARK-SGC1545SA_15 Datasheet
257Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 15A
SGC1045SA GOOD-ARK-SGC1045SA_15 Datasheet
202Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 10A
SGC051BS GOOD-ARK-SGC051BS_15 Datasheet
209Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
SGC051B5S GOOD-ARK-SGC051B5S_15 Datasheet
205Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 150V Forward Current 5A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com