Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD3220 Datasheet(PDF) 8 Page - Sony Corporation

Part # CXD3220
Description  IEEE1394 Link/Transaction Layer Controller LSI for SBP-2
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3220 Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXD3220 Datasheet HTML 4Page - Sony Corporation CXD3220 Datasheet HTML 5Page - Sony Corporation CXD3220 Datasheet HTML 6Page - Sony Corporation CXD3220 Datasheet HTML 7Page - Sony Corporation CXD3220 Datasheet HTML 8Page - Sony Corporation CXD3220 Datasheet HTML 9Page - Sony Corporation CXD3220 Datasheet HTML 10Page - Sony Corporation CXD3220 Datasheet HTML 11Page - Sony Corporation CXD3220 Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
– 8 –
CXD3220R
4. Electrical Characteristics
4-1. DC Characteristics
(Ta = 25°C, VSS = 0V)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input voltage
Output voltage
Input leak current
Output leak
current
Power supply
VIH
VIL
VOH
VOL
VOH
VOL
II1
II2
IIL
IOZ
ICC1
ICC2
All input pins
All input pins
Output pins excluding
D [3:0], CTL [1:0], LREQ
D [3:0], CTL [1:0], LREQ
SD [15:0], D [3:0], CTL [1:0]
Normal input pins
XHRD, XHWR, XRD, XRESET, XSAC,
XWR
XWAIT (for high impedance state)
VIN = Vss or VDD
For ADP operation
VDD = 3.3V
For ADP not operation VDD = 3.3V
0.7VDD
VDD – 0.4
VDD – 0.4
–40
–10
–240
–40
–100
90
50
0.2VDD
0.4
0.4
40
10
–40
40
120
70
V
V
V
V
V
V
µA
µA
µA
µA
mA
mA
4-2. AC Characteristics
(VDD = 3.0 to 3.6V)
Item
Applicable pins
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input setup
Input hold
Output delay
Input setup
Input hold
Output delay
Input setup
Input hold
Output delay
SD [15:0], SDRQ, XSAC,
XHRD, XHWR
D [3:0], CTL [1:0]
D [3:0], CTL [1:0], LREQ
ADDRESS [6:0], DATA [15:0],
XCS, XWR, XRD
DATA [15:0], XWAIT
Tsu1
Th1
Td1
Tsu2
Th2
Td2
Tsu3
Th3
Td3
CL = 10pF
SYSCLK
Refer to 7-2. Transport data I/F write timing and
Transport data I/F read timing
5
2
215
ns
ns
ns
Reference clock
Refer to 6-1. ATF/CFR write timing and ATF/CFR
read timing
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input capacitance
Output capacitance
I/O capacitance
CIN
COUT
CI/O
All input pins
All input pins
D [3:0], CTL [1:0], SD [15:0]
9
11
11
pF
pF
pF
4-3. Input/Output Capacitance
IOH = –4mA
IOL = 4mA
IOH = –8mA
IOL = 8mA


Similar Part No. - CXD3220

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD3204R SONY-CXD3204R Datasheet
36Kb / 2P
   IEEE1394 LSI for D-STB, D-VHS, and DTV
More results

Similar Description - CXD3220

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7356HL PHILIPS-SAA7356HL Datasheet
157Kb / 36P
   1394 SBP-2 link layer controller
2000 Nov 17
logo
Sony Corporation
CXD1947Q SONY-CXD1947Q Datasheet
66Kb / 4P
   IEEE1394 LINK Layer / PCI Bridge LSI
CXD1948R SONY-CXD1948R Datasheet
718Kb / 78P
   IEEE1394 Link Layer LSI for DVB and DSS
logo
Texas Instruments
TSB43AA82A TI-TSB43AA82A Datasheet
741Kb / 147P
[Old version datasheet]   1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
TSB43AA82A TI1-TSB43AA82A_14 Datasheet
74Kb / 7P
[Old version datasheet]   (iSphynx II) 1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
TSB12LV21B-EP TI1-TSB12LV21B-EP Datasheet
82Kb / 6P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21B TI1-TSB12LV21B_14 Datasheet
76Kb / 7P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21B TI-TSB12LV21B Datasheet
299Kb / 22P
[Old version datasheet]   IEEE 1394 LINK LAYER CONTROLLER
logo
NXP Semiconductors
PDI1394L11 PHILIPS-PDI1394L11 Datasheet
294Kb / 46P
   1394 AV link layer controller
1997 Oct 21
PDI1394L40 PHILIPS-PDI1394L40 Datasheet
327Kb / 80P
   1394 enhanced AV link layer controller
2000 Dec 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com