Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L11767 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # L11767
Description  High output power red emitting diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L11767 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  L11767_15 Datasheet HTML 1Page - Hamamatsu Corporation L11767_15 Datasheet HTML 2Page - Hamamatsu Corporation L11767_15 Datasheet HTML 3Page - Hamamatsu Corporation L11767_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Red LED
L11767
High output power red emitting diode
www.hamamatsu.com
1
Absolute maximum ratings (Ta=25 °C unless otherwise noted)
Parameter
Symbol
Condition
Value
Unit
Reverse voltage
VR
5V
Forward current
IF
60
mA
Derating rate of forward
current
Ta > 25 °C
0.8
mA/°C
Pulse forward current
IFP
Pulse width=10 μs
Duty ratio=1%
0.5
A
Derating rate of pulse
forward current
Ta > 25 °C
6.7
mA/°C
Power dissipation
P
180
mW
Operating temperature
Topr
-30 to +85
°C
Storage temperature
Tstg
*1
-40 to +100
°C
Soldering condition
-
Less than 260 °C, within 5 seconds *2
-
*1: Guaranteed to resist temperature cycle test of up to 5 cycles
*2: At a position at least 1 mm away from the lead base
Note: Exceeding the absolute maximum ratings even momentarily may cause a drop in product quality. Always be sure to use the
product within the absolute maximum ratings.
Electrical and optical characteristics (Ta=25 °C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Peak emission wavelength
λp
IF=20 mA
650
660
670
nm
Spectral half-width
Δλ
IF=20 mA
-18
30
nm
Forward voltage
VF
IF=20 mA
-
2.1
2.5
V
Reverse current
IR
VR=5 V
--
20
μA
Radiant flux
φe
IF=20 mA
10
13
-
mW
Cutoff frequency*3
fc
IF=20 mA ± 1 mAp-p
3
6
-
MHz
*3: Frequency at which the light output drops by 3 dB relative to the output at 100 kHz
The L11767 is a high output red LED that delivers light output more than twice that of our previous products. Electric power
required to provide the same brightness as the previous products is reduced by as much as 70%. The L11767 also offers
high reliability since it is a 4-element (AlGaInP) LED.
Features
Applications
High radiant output power (more than twice compared to previous products)
13 mW (IF=20 mA typ.)
High reliability
Optical switches, etc.


Similar Part No. - L11767_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L11754 HAMAMATSU-L11754_15 Datasheet
158Kb / 2P
   HIGH POWER PHOTOIONIZER
L11798 HAMAMATSU-L11798_15 Datasheet
255Kb / 4P
   H2D2 LIGHT SOURCE UNIT
logo
Kingbright Corporation
L117EGW KINGBRIGHT-L117EGW Datasheet
114Kb / 4P
   2x5mm BI-COLOR RECTANGULAR LED LAMPS
L117EYW KINGBRIGHT-L117EYW Datasheet
114Kb / 4P
   2x5mm BI-COLOR RECTANGULAR LED LAMPS
L117GYW KINGBRIGHT-L117GYW Datasheet
114Kb / 4P
   2x5mm BI-COLOR RECTANGULAR LED LAMPS
More results

Similar Description - L11767_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AP1608F3C KINGBRIGHT-AP1608F3C Datasheet
114Kb / 4P
   INFRA-RED EMITTING DIODE
logo
Zetex Semiconductors
ZME50 ZETEX-ZME50 Datasheet
69Kb / 3P
   INFRA-RED EMITTING DIODE
logo
Micropac Industries
62196 MICROPAC-62196 Datasheet
77Kb / 2P
   RED LIGHT EMITTING DIODE
logo
Diodes Incorporated
ZME50 DIODES-ZME50 Datasheet
70Kb / 3P
   INFRA-RED EMITTING DIODE
logo
Panasonic Semiconductor
LN145W PANASONIC-LN145W Datasheet
26Kb / 1P
   GaAlAs Red Light Emitting Diode
LNA4501F PANASONIC-LNA4501F Datasheet
41Kb / 2P
   GaAlAs Red Light Emitting Diode
logo
Kingbright Corporation
AP3216SF4C KINGBRIGHT-AP3216SF4C Datasheet
132Kb / 4P
   3.2x1.6mm INFRA-RED EMITTING DIODE
AP2012SF4C KINGBRIGHT-AP2012SF4C Datasheet
116Kb / 4P
   2.0x1.25mm INFRA-RED EMITTING DIODE
AP3216F3C KINGBRIGHT-AP3216F3C_05 Datasheet
134Kb / 4P
   3.2x1.6mm INFRA-RED EMITTING DIODE
AP2012F3C KINGBRIGHT-AP2012F3C Datasheet
126Kb / 4P
   2.0x1.25mm INFRA-RED EMITTING DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com