Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP725R5F Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # AP725R5F
Description  Low inductance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

AP725R5F Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  AP725R5F Datasheet HTML 1Page - Ohmite Mfg. Co. AP725R5F Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
2/14.05
AP725 20W TO-263 Power Resistor
Power Dissipation 20 watts with h/s
Low inductance
D2PAK housing
Electrically isolated from backplate
TCR Options ±100 ppm/°C
RoHS Compliant
Characteristics
Tolerance (Code):
Value range:
Power rating:
Temperature coefficient:
Thermal resistance:
Inductance:
Operating voltage:
Dielectric strength:
Insulation resistance:
Operating temperature:
± 1% (F), ± 5% (J)
R02 to 130K (with standard resistance values)
20W at 25˚C case temperature
±100ppm/˚C
6.5˚C/W
0.1µH maximum
√P*R with a maximum of 250V
2kVac
10GΩ
-55˚C to 155˚C
Electrical Specifications
Parameter
Specification
Short term overload (2x Pr for R < 2Ω, 1.6 x Pr for R ≥ 2Ω, V < 1.5x operating voltage)
∆R ±0.25%
Load life ( 1000 hours at rated power)
∆R ±1.0%
Thermal shock (-55˚C to 155˚C, 5 cycles)
∆R ±0.5%
Resistance to soldering heat (10 sec at 270˚C)
∆R ±0.5%
Vibration (20 G 10 - 2000Hz .06” D.A)
∆R ±0.25%
Moisture sensitivity level
1
Soldering Profile
Power dissipation is 2.8W at an ambient temperature of 25°C
when mounted on a double sided copper using FR4, 70μm of
copper 39x30x1.6mm
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PWR263S-20 Series Power Resistor
DIMENSIONS:
MM
(INCHES)
Soldering Profile
PWR 263 S - 20 - 10R0 F E
Model
PWR = Power
Resistor
Package
263 = D2PAK
Pin Style
S = Surface Mount
Power
20 = 20 W
Resistance Value
<100 ohms ... “R” represents decimal
point (examples: 7R50 =
7.5 Ω; R500 = 0.5 Ω)
100 ohms.... First three digits are
significant, fourth digit
represents number of
zeros to follow (exam-
ples: 2000 = 200 ohms;
3002 = 30K ohms)
Absolute Tolerance
J = 5 %
F = 1 %
Packaging
E = Tape & Reel
Blank = Tubes
How to Order
Power dissipation is 2.8 W at an ambient temperature of 25 ˚C when mounted on a
double-sided copper board using FR4 standard, 70 µm of copper, 39 x 30 x 1.6 mm.
Product Dimensions
7.8
(0.307)
10.1
(0.398)
5.08
(0.20)
1.3
(.051)
1.4
(0.055)
1.92
(0.076)
0.25
(0.010)
48 °
1.6
(0.063)
15.39
(0.606)
8.8
(0.347)
10.4
(0.409)
REF.
3.1
(0.122)
4.5
(0.177)
TOLERANCE:
±0.38
UNLESS OTHERWISE NOTED
(±0.015)
LEAD
0.102 MAX AT MOUNTING
COPLANARITY: (0.004) SURFACE
Recommended Pad Layout
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (seconds)
60 - 120 seconds
60 - 90
seconds
260 °C peak
190 °C
150 °C
220 °C
Ramp Down
6 °C/second
245 °C
Maximum of 20 seconds between
+245 °C and +260 °C
Ramp Up
3 °C/second maximum
10 seconds minimum
<1>
<1>
8.0
(.315)
11.0
(.433)
2.4
(0.095)
0.26
(0.10)
4.23
(0.166)
4.02
(0.158)
10.52
(0.414)
2.25
(0.089)
Typical Part Marking
263 20
XXXX
X%
YYY
COSTA RICA
MODEL
NUMBER
TOLERANCE
DATE CODE
COUNTRY
OF ORIGIN
RESISTANCE
CODE
MANUFACTURER'S
TRADEMARK
www.arcolresistors.com
For more information and ordering, please consult


Similar Part No. - AP725R5F

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
AP725R5F OHMITE-AP725R5F Datasheet
412Kb / 2P
   Electrically isolated from backplate
More results

Similar Description - AP725R5F

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-P OHMITE-RES-P Datasheet
114Kb / 1P
   Low Inductance
logo
M/A-COM Technology Solu...
KSV14XX MA-COM-KSV14XX Datasheet
395Kb / 2P
   Low Inductance
logo
AVX Corporation
0612YC105KAT2A AVX-0612YC105KAT2A Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC224KAT2V AVX-0612YC224KAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC224MAT2V AVX-0612YC224MAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC473KAT2V AVX-0612YC473KAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC684KAT2W AVX-0612YC684KAT2W Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC103KAT2W AVX-0612ZC103KAT2W Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC104MAT2V AVX-0612ZC104MAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC105KAT2W AVX-0612ZC105KAT2W Datasheet
321Kb / 4P
   Low Inductance Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com