Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GZ2 Datasheet(PDF) 3 Page - General Semiconductor

Part # GZ2
Description  Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

GZ2 Datasheet(HTML) 3 Page - General Semiconductor

  GZ2 Datasheet HTML 1Page - General Semiconductor GZ2 Datasheet HTML 2Page - General Semiconductor GZ2 Datasheet HTML 3Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GZ Series
Zener Diodes
Electrical Characteristics (TJ = 25°C unless otherwise noted) Maximum VF=1.2V at IF=200mA
Reverse Current
Dynamic Resistance
Zener Voltage VZ (V)(1)
Test Condition
IR (
µA)
Test Condition
rd (
Ω)
Test Condition
Type
Grade
Min
Max
IZ (mA)
Max
VR (V)
Max
IZ (mA)
GZ9
C1
8.9
9.3
5
1
5.0
20
5
GZ9
C2
9.1
9.5
5
1
5.0
20
5
GZ9
C3
9.3
9.7
5
1
5.0
20
5
GZ11
A1
9.5
9.9
5
1
7.5
25
5
GZ11
A2
9.7
10.1
5
1
7.5
25
5
GZ11
A3
9.9
10.3
5
1
7.5
25
5
GZ11
B1
10.2
10.6
5
1
7.5
25
5
GZ11
B2
10.4
10.8
5
1
7.5
25
5
GZ11
B3
10.7
11.1
5
1
7.5
25
5
GZ11
C1
10.9
11.3
5
1
7.5
25
5
GZ11
C2
11.1
11.6
5
1
7.5
25
5
GZ11
C3
11.4
11.9
5
1
7.5
25
5
GZ12
A1
11.6
12.1
5
1
9.5
35
5
GZ12
A2
11.9
12.4
5
1
9.5
35
5
GZ12
A3
12.2
12.7
5
1
9.5
35
5
GZ12
B1
12.4
12.9
5
1
9.5
35
5
GZ12
B2
12.6
13.1
5
1
9.5
35
5
GZ12
B3
12.9
13.4
5
1
9.5
35
5
GZ12
C1
13.2
13.7
5
1
9.5
35
5
GZ12
C2
13.5
14.0
5
1
9.5
35
5
GZ12
C3
13.8
14.3
5
1
9.5
35
5
GZ15
1
14.1
14.7
5
1
11
40
5
GZ15
2
14.5
15.1
5
1
11
40
5
GZ15
3
14.9
15.5
5
1
11
40
5
GZ16
1
15.3
15.9
5
1
12
45
5
GZ16
2
15.7
16.5
5
1
12
45
5
GZ16
3
16.3
17.1
5
1
12
45
5
GZ18
1
16.9
17.7
5
1
13
55
5
GZ18
2
17.5
18.3
5
1
13
55
5
GZ18
3
18.1
19.0
5
1
13
55
5
GZ20
1
18.8
19.7
2
1
15
60
2
GZ20
2
19.5
20.4
2
1
15
60
2
GZ20
3
20.2
21.1
2
1
15
60
2
GZ22
1
20.9
21.9
2
1
17
65
2
GZ22
2
21.6
22.6
2
1
17
65
2
GZ22
3
22.3
23.3
2
1
17
65
2
GZ24
1
22.9
24.0
2
1
19
70
2
GZ24
2
23.6
24.7
2
1
19
70
2
GZ24
3
24.3
25.5
2
1
19
70
2
GZ27
1
25.2
26.6
2
1
21
80
2
GZ27
2
26.2
27.6
2
1
21
80
2
GZ27
3
27.2
28.6
2
1
21
80
2
GZ30
1
28.2
29.6
2
1
23
100
2
GZ30
2
29.2
30.6
2
1
23
100
2
GZ30
3
30.2
31.6
2
1
23
100
2
GZ33
1
31.2
32.6
2
1
25
120
2
GZ33
2
32.2
33.6
2
1
25
120
2
GZ33
3
33.2
34.6
2
1
25
120
2
GZ36
1
34.2
35.7
2
1
27
140
2
GZ36
2
35.3
36.8
2
1
27
140
2
GZ36
3
36.4
38.0
2
1
27
140
2
Note:(1) Tested with 40ms pulse


Similar Part No. - GZ2

ManufacturerPart #DatasheetDescription
logo
Relpol S.A.
GZ2 RELPOL-GZ2 Datasheet
10Mb / 20P
   Plug-in sockets and accessories
logo
Diodes Incorporated
GZ23C5V6 DIODES-GZ23C5V6 Datasheet
292Kb / 4P
   DUAL SURFACE MOUNT ZENER DIODE
Rev. 6 - 4 March 2021
GZ23C5V6-7 DIODES-GZ23C5V6-7 Datasheet
292Kb / 4P
   DUAL SURFACE MOUNT ZENER DIODE
Rev. 6 - 4 March 2021
GZ23C5V6 DIODES-GZ23C5V6_15 Datasheet
207Kb / 4P
   DUAL SURFACE MOUNT ZENER DIODE
More results

Similar Description - GZ2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com