Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0622018658 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0622018658
Description  Impact 100 Ohm 5 Pair Vertical Backplane Header, Unguided, Right Endwall
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0622018658 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0622018658 Datasheet HTML 1Page - Molex Electronics Ltd. 0622018658 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical
Current - Maximum per Contact
0.75A
Data Rate
25.0 Gbps
Impedance
100Ω
Shield Type
N/A
Shielded
No
Voltage - Maximum
30V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Application Specification
AS-76060-990-001, AS-76060-9999-001
Packaging Specification
PK-70873-7702
Product Specification
PS-76060-999-001
Sales Drawing
RSD-173430-001, SD-76055-001
Symbol/Footprint Data
SYM-76055-1135
Backplane Header
Removal Tool for
GbX® U-Series, GbX
I-Trac™, Impact™,
or Z-PACK Tinman*
0621009610
This document was generated on 11/17/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0622018658

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0622018658 MOLEX11-0622018658 Datasheet
46Kb / 2P
   Impact 100 Ohm 5 Pair Vertical Backplane Header, Left Guided, Right Endwall
0622018658 MOLEX11-0622018658 Datasheet
27Kb / 1P
   Press-In Tool for Backplane Module
0622018658 MOLEX11-0622018658 Datasheet
45Kb / 2P
   Impact 100 Ohm 5 Pair Vertical Backplane Header, Unguided, Open Endwall
0622018658 MOLEX11-0622018658 Datasheet
47Kb / 2P
   Impact 100 Ohm 5 Pair Vertical Backplane Header, Unguided, Dual Endwall
0622018658 MOLEX1-0622018658 Datasheet
43Kb / 2P
   Impact 100 Ohm 5 Pair Vertical Backplane Header, Unguided, Right Endwall
More results

Similar Description - 0622018658

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0760551637 MOLEX1-0760551637_17 Datasheet
39Kb / 2P
   Impact 100 Ohm 5 Pair Vertical Backplane Header, Unguided, Right Endwall
0760551136 MOLEX1-0760551136_17 Datasheet
43Kb / 2P
   Impact 100 Ohm 5 Pair Vertical Backplane Header, Unguided, Right Endwall
0760551635 MOLEX11-0760551635 Datasheet
42Kb / 2P
   Impact 100 Ohm 5 Pair Vertical Backplane Header, Unguided, Right Endwall
0760551636 MOLEX11-0760551636 Datasheet
42Kb / 2P
   Impact 100 Ohm 5 Pair Vertical Backplane Header, Unguided, Right Endwall
0760551133 MOLEX11-0760551133 Datasheet
43Kb / 2P
   Impact 100 Ohm 5 Pair Vertical Backplane Header, Unguided, Right Endwall
0760551135 MOLEX1-0760551135_17 Datasheet
43Kb / 2P
   Impact 100 Ohm 5 Pair Vertical Backplane Header, Unguided, Right Endwall
0760551137 MOLEX1-0760551137_17 Datasheet
41Kb / 2P
   Impact 100 Ohm 5 Pair Vertical Backplane Header, Unguided, Right Endwall
0760551238 MOLEX1-0760551238_17 Datasheet
41Kb / 2P
   Impact 100 Ohm 5 Pair Vertical Backplane Header, Unguided, Right Endwall
1712961137 MOLEX1-1712961137_17 Datasheet
42Kb / 2P
   Impact 100 Ohm 5 Pair Vertical Backplane Header, Unguided, Right Endwall
0760551637 MOLEX11-0760551637 Datasheet
42Kb / 2P
   Impact 100 Ohm 5 Pair Vertical Backplane Header, Unguided, Right Endwall
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com