Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8V43FS92432 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 8V43FS92432
Description  1360MHz Dual Output LVPECL Clock Synthesizer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8V43FS92432 Datasheet(HTML) 3 Page - Integrated Device Technology

  8V43FS92432 Datasheet HTML 1Page - Integrated Device Technology 8V43FS92432 Datasheet HTML 2Page - Integrated Device Technology 8V43FS92432 Datasheet HTML 3Page - Integrated Device Technology 8V43FS92432 Datasheet HTML 4Page - Integrated Device Technology 8V43FS92432 Datasheet HTML 5Page - Integrated Device Technology 8V43FS92432 Datasheet HTML 6Page - Integrated Device Technology 8V43FS92432 Datasheet HTML 7Page - Integrated Device Technology 8V43FS92432 Datasheet HTML 8Page - Integrated Device Technology 8V43FS92432 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
REVISION 1 10/28/15
3
1360MHZ DUAL OUTPUT LVPECL CLOCK SYNTHESIZER
8V43FS92432 DATA SHEET
Pin Description and Characteristic Tables
Table 1. Pin Description Table
Number
Name
Type1
Description
1VCC
Power
Positive supply for I/O and core.
2
nBYPASS
Input
Pullup
Selects the static circuit bypass mode.
3
GND
Power
Power supply ground.
4VCC
Power
Positive supply for I/O and core.
5VCC_PLL
Power
Positive power supply for the PLL (analog power supply). It is recommended
to use an external RC filter for the analog power supply pin VCC_PLL.
6
REF_SEL
Input
Pullup
Selects the reference clock input.
7
REF_CLK
Input
Pulldown
PLL external single-ended reference input. LVCMOS/LVTTL interface levels.
8
GND
Power
Power supply ground.
9
nCLK_STOPA
Input
Pullup
Output Qx disable in logic low state.
10
nCLK_STOPB
Input
Pullup
Output Qx disable in logic low state.
11
XTAL1
Crystal
Input
Crystal input.
12
XTAL2
Crystal
Output
Crystal output.
13
VCC
Power
Positive supply for I/O and core.
14
M0
Input
Pulldown
PLL feedback divider configuration.
15
M1
Input
Pulldown
PLL feedback divider configuration.
16
M2
Input
Pullup
PLL feedback divider configuration.
17
M3
Input
Pulldown
PLL feedback divider configuration.
18
M4
Input
Pullup
PLL feedback divider configuration.
19
GND
Power
Power supply ground.
20
M5
Input
Pullup
PLL feedback divider configuration.
21
M6
Input
Pullup
PLL feedback divider configuration.
22
M7
Input
Pullup
PLL feedback divider configuration.
23
M8
Input
Pullup
PLL feedback divider configuration.
24
M9
Input
Pulldown
PLL feedback divider configuration.
25
TEST_EN
Input
Pulldown
Factory test mode enable. This input must be set to logic low level in all
applications of the device.
26
LOCK
Output
LVCMOS
PLL lock indicator.
27
GND
Power
Power supply ground.
28
nQB
Output
LVPECL
High frequency clock output.
29
QB
Output
LVPECL
High frequency clock output.
30
VCC
Power
Positive supply for I/O and core.
31
GND
Power
Power supply ground.
32
nQA
Output
LVPECL
High frequency clock output.
33
QA
Output
LVPECL
High frequency clock output.


Similar Part No. - 8V43FS92432

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V43FS92432 RENESAS-8V43FS92432 Datasheet
594Kb / 28P
   1360MHz Dual Output LVPECL Clock Synthesizer
10/28/15
More results

Similar Description - 8V43FS92432

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V43FS92432 RENESAS-8V43FS92432 Datasheet
594Kb / 28P
   1360MHz Dual Output LVPECL Clock Synthesizer
10/28/15
logo
Freescale Semiconductor...
MPC92433 FREESCALE-MPC92433 Datasheet
412Kb / 20P
   1428 MHz Dual Output LVPECL Clock Synthesizer
logo
Motorola, Inc
MPC92432 MOTOROLA-MPC92432 Datasheet
453Kb / 20P
   1360 MHz Dual Output LVPECL Clock Synthesizer
logo
Integrated Device Techn...
MPC92432 IDT-MPC92432 Datasheet
617Kb / 19P
   1360 MHz Dual Output LVPECL Clock Synthesizer Fully integrated PLL
logo
CTS Corporation
VCT2000A CTS-VCT2000A Datasheet
141Kb / 5P
   LVPECL Output-Dual Input Clock Generator
logo
Maxim Integrated Produc...
DS4625 MAXIM-DS4625 Datasheet
139Kb / 6P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 0; 4/09
logo
Renesas Technology Corp
ICS843156 RENESAS-ICS843156 Datasheet
488Kb / 21P
   Crystal-to-LVPECL Clock Synthesizer
May 26, 2016
ICS843156I RENESAS-ICS843156I Datasheet
475Kb / 21P
   Crystal-to-LVPECL Clock Synthesizer
NOVEMBER 28, 2012
logo
Maxim Integrated Produc...
DS4625 MAXIM-DS4625_10 Datasheet
151Kb / 7P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 1; 3/10
logo
Exar Corporation
XR81102 EXAR-XR81102 Datasheet
176Kb / 8P
   Universal Clock - High Frequency LVPECL Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com