Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5P49V6913 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 5P49V6913
Description  Programmable Clock Generator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V6913 Datasheet(HTML) 5 Page - Integrated Device Technology

  5P49V6913 Datasheet HTML 1Page - Integrated Device Technology 5P49V6913 Datasheet HTML 2Page - Integrated Device Technology 5P49V6913 Datasheet HTML 3Page - Integrated Device Technology 5P49V6913 Datasheet HTML 4Page - Integrated Device Technology 5P49V6913 Datasheet HTML 5Page - Integrated Device Technology 5P49V6913 Datasheet HTML 6Page - Integrated Device Technology 5P49V6913 Datasheet HTML 7Page - Integrated Device Technology 5P49V6913 Datasheet HTML 8Page - Integrated Device Technology 5P49V6913 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
NOVEMBER 11, 2016
5
PROGRAMMABLE CLOCK GENERATOR
5P49V6913 DATASHEET
Reference Clock Input Pins and
Selection
The 5P49V6913 supports up to two clock inputs. One input
supports a crystal between XIN and XOUT. XIN can also be
driven from a single ended reference clock. XIN can accept
small amplitude signals like from TCXO or one channel of a
differential clock.
The second clock input (CLKIN, CLKINB) is a fully differential
input that only accepts a reference clock. The differential input
accepts differential clocks from all the differential logic types
and can also be driven from a single ended clock on one of the
input pins.
The CLKSEL pin selects the input clock between either
XTAL/REF or (CLKIN, CLKINB).
Either clock input can be set as the primary clock. The primary
clock designation is to establish which is the main reference
clock to the PLL. The non-primary clock is designated as the
secondary clock in case the primary clock goes absent and a
backup is needed. See the previous page for more details
about primary versus secondary clock operation.
The two external reference clocks can be manually selected
using the CLKSEL pin. The SM bits must be set to “0x” for
manual switchover which is detailed in Manual Switchover
Mode section.
Crystal Input (XIN/REF)
The crystal used should be a fundamental mode quartz
crystal; overtone crystals should not be used.
A crystal manufacturer will calibrate its crystals to the nominal
frequency with a certain load capacitance value. When the
oscillator load capacitance matches the crystal load
capacitance, the oscillation frequency will be accurate. When
the oscillator load capacitance is lower than the crystal load
capacitance, the oscillation frequency will be higher than
nominal and vice versa so for an accurate oscillation
frequency you need to make sure to match the oscillator load
capacitance with the crystal load capacitance.
To set the oscillator load capacitance there are two tuning
capacitors in the IC, one at XIN and one at XOUT. They can
be adjusted independently but commonly the same value is
used for both capacitors. The value of each capacitor is
composed of a fixed capacitance amount plus a variable
capacitance amount set with the XTAL[5:0] register.
Adjustment of the crystal tuning capacitors allows for
maximum flexibility to accommodate crystals from various
manufacturers. The range of tuning capacitor values available
are in accordance with the following table.
XTAL[5:0] Tuning Capacitor Characteristics
The capacitance at each crystal pin inside the chip starts at
9pF with setting 000000b and can be increased up to 25pF
with setting 111111b. The step per bit is 0.5pF.
You can write the following equation for this capacitance:
Ci = 9pF + 0.5pF × XTAL[5:0]
The PCB where the IC and the crystal will be assembled adds
some stray capacitance to each crystal pin and more
capacitance can be added to each crystal pin with additional
external capacitors.
You can write the following equations for the total capacitance
at each crystal pin:
CXIN = Ci1 + Cs1 + Ce1
CXOUT = Ci2 + Cs2 + Ce2
Ci1 and Ci2 are the internal, tunable capacitors. Cs1 and Cs2
are stray capacitances at each crystal pin and typical values
are between 1pF and 3pF.
Ce1 and Ce2 are additional external capacitors that can be
added to increase the crystal load capacitance beyond the
tuning range of the internal capacitors. However, increasing
the load capacitance reduces the oscillator gain so please
consult the factory when adding Ce1 and/or Ce2 to avoid
crystal startup issues. Ce1 and Ce2 can also be used to adjust
for unpredictable stray capacitance in the PCB.
The final load capacitance of the crystal:
CL = CXIN × CXOUT / (CXIN + CXOUT)
For most cases it is recommended to set the value for
capacitors the same at each crystal pin:
CXIN = CXOUT = Cx CL = Cx / 2
The complete formula when the capacitance at both crystal
pins is the same:
CL = (9pF + 0.5pF × XTAL[5:0] + Cs + Ce) / 2
Parameter
Bits
Step (pF)
Min (pF)
Max (pF)
XTAL
6
0.5
9
25
 


Similar Part No. - 5P49V6913

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49V6913 IDT-5P49V6913 Datasheet
506Kb / 35P
   Programmable Clock Generator
logo
Renesas Technology Corp
5P49V6913 RENESAS-5P49V6913 Datasheet
777Kb / 35P
   Programmable Clock Generator
Aug 1, 2022
logo
Integrated Device Techn...
5P49V6913 IDT-5P49V6913_18 Datasheet
506Kb / 35P
   Programmable Clock Generator
More results

Similar Description - 5P49V6913

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
   Programmable Clock Generator
5P35023 IDT-5P35023_17 Datasheet
385Kb / 34P
   Programmable Clock Generator
5P49V5929 IDT-5P49V5929_17 Datasheet
360Kb / 27P
   Programmable Clock Generator
logo
ON Semiconductor
NB3H63143G ONSEMI-NB3H63143G Datasheet
302Kb / 24P
   Programmable Clock Generator
October, 2015 ??Rev. 2
logo
Integrated Device Techn...
5P49V5933 IDT-5P49V5933_16 Datasheet
433Kb / 33P
   Programmable Clock Generator
5P49V5944 IDT-5P49V5944_16 Datasheet
416Kb / 32P
   Programmable Clock Generator
5P49V6914 IDT-5P49V6914 Datasheet
444Kb / 37P
   Programmable Clock Generator
5P49V5923 IDT-5P49V5923_17 Datasheet
413Kb / 27P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com