Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5P49V5935 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 5P49V5935
Description  Programmable Clock Generator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5935 Datasheet(HTML) 4 Page - Integrated Device Technology

  5P49V5935_16 Datasheet HTML 1Page - Integrated Device Technology 5P49V5935_16 Datasheet HTML 2Page - Integrated Device Technology 5P49V5935_16 Datasheet HTML 3Page - Integrated Device Technology 5P49V5935_16 Datasheet HTML 4Page - Integrated Device Technology 5P49V5935_16 Datasheet HTML 5Page - Integrated Device Technology 5P49V5935_16 Datasheet HTML 6Page - Integrated Device Technology 5P49V5935_16 Datasheet HTML 7Page - Integrated Device Technology 5P49V5935_16 Datasheet HTML 8Page - Integrated Device Technology 5P49V5935_16 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
PROGRAMMABLE CLOCK GENERATOR
4
NOVEMBER 11, 2016
5P49V5935 DATASHEET
PLL Features and Descriptions
Spread Spectrum
To help reduce electromagnetic interference (EMI), the
5P49V5935 supports spread spectrum modulation. The
output clock frequencies can be modulated to spread energy
across a broader range of frequencies, lowering system EMI.
The 5P49V5935 implements spread spectrum using the
Fractional-N output divide, to achieve controllable modulation
rate and spreading magnitude. The Spread spectrum can be
applied to any output clock, any clock frequency, and any
spread amount from ±0.25% to ±2.5% center spread and
-0.5% to -5% down spread.
Table 2: Loop Filter
PLL loop bandwidth range depends on the input reference
frequency (Fref) and can be set between the loop bandwidth
range as shown in the table below.
Table 3: Configuration Table
This table shows the SEL1, SEL0 settings to select the
configuration stored in OTP. Four configurations can be stored
in OTP. These can be factory programmed or user
programmed.
At power up time, the SEL0 and SEL1 pins must be tied to
either the VDDD/VDDA power supply so that they ramp with
that supply or are tied low (this is the same as floating the
pins). This will cause the register configuration to be loaded
that is selected according to Table 3 above. Providing that
OUT0_SEL_I2CB was 1 at POR and OTP register 0:7=0, after
the first 10mS of operation the levels of the SELx pins can be
changed, either to low or to the same level as VDDD/VDDA.
The SELx pins must be driven with a digital signal of < 300nS
Rise/Fall time and only a single pin can be changed at a time.
After a pin level change, the device must not be interrupted for
at least 1ms so that the new values have time to load and take
effect.
If OUT0_SEL_I2CB was 0 at POR, alternate configurations
can only be loaded via the I2C interface.
Table 4: Input Clock Select
Input clock select. Selects the active input reference source in
manual switchover mode.
0 = Integrated XTAL (default)
1 = CLKIN, CLKINB
CLKSEL Polarity can be changed by I2C programming as
shown in the table below.
PRIMSRC is bit 1 of Register 0x13.
Reference Clock Input Pins and
Selection
The 5P49V5935 by default uses an integrated 25MHz crystal
as input reference. It also has a redundant external clock
input. A glitchless manual switchover functions allows
selection of either one as mentioned above as input reference
during normal operation.
Either clock input can be set as the primary clock. The primary
clock designation is to establish which is the main reference
clock to the PLL. The non-primary clock is designated as the
secondary clock in case the primary clock goes absent and a
backup is needed. The PRIMSRC bit determines which clock
input will be selected as primary clock. When PRIMSRC bit is
“0”, integrated crystal is selected as the primary clock, and
when “1”, (CLKIN, CLKINB) as the primary clock.
The two reference inputs can be manually selected using the
CLKSEL pin. The SM bits must be set to “0x” for manual
switchover which is detailed in Manual Switchover Mode
section.
Manual Switchover Mode
When SM[1:0] is “0x”, the redundant inputs are in manual
switchover mode. In this mode, CLKSEL pin is used to switch
between the primary and secondary clock sources. The
primary and secondary clock source setting is determined by
the PRIMSRC bit. During the switchover, no glitches will occur
at the output of the device, although there may be frequency
and phase drift, depending on the exact phase and frequency
relationship between the primary and secondary clocks.
Input Reference
Frequency–Fref
(MHz)
Loop
Bandwidth Min
(kHz)
Loop
Bandwidth Max
(kHz)
1
40
126
350
300
1000
OUT0_SEL_I2CB
@ POR
SEL1 SEL0
I2C
Access
REG0:7 Config
10
0
No
0
0
10
1
No
0
1
11
0
No
0
2
11
1
No
0
3
0
X
X
Yes
1
I2C
defaults
0X
X
Yes
0
0
PRIMSRC
CLKSEL
Source
0
0
Integrated XTAL
0
1
CLKIN, CLKINB
1
0
CLKIN, CLKINB
1
1
Integrated XTAL


Similar Part No. - 5P49V5935_16

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49V5935 IDT-5P49V5935_1 Datasheet
460Kb / 32P
   Programmable Clock Generator
5P49V5935 IDT-5P49V5935_17 Datasheet
432Kb / 33P
   Programmable Clock Generator
More results

Similar Description - 5P49V5935_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
   Programmable Clock Generator
5P35023 IDT-5P35023_17 Datasheet
385Kb / 34P
   Programmable Clock Generator
5P49V5929 IDT-5P49V5929_17 Datasheet
360Kb / 27P
   Programmable Clock Generator
logo
ON Semiconductor
NB3H63143G ONSEMI-NB3H63143G Datasheet
302Kb / 24P
   Programmable Clock Generator
October, 2015 ??Rev. 2
logo
Integrated Device Techn...
5P49V5933 IDT-5P49V5933_16 Datasheet
433Kb / 33P
   Programmable Clock Generator
5P49V5944 IDT-5P49V5944_16 Datasheet
416Kb / 32P
   Programmable Clock Generator
5P49V6914 IDT-5P49V6914 Datasheet
444Kb / 37P
   Programmable Clock Generator
5P49V5923 IDT-5P49V5923_17 Datasheet
413Kb / 27P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com