Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5P49V5914 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 5P49V5914
Description  Programmable Clock Generator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5914 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 5P49V5914 Datasheet HTML 7Page - Integrated Device Technology 5P49V5914 Datasheet HTML 8Page - Integrated Device Technology 5P49V5914 Datasheet HTML 9Page - Integrated Device Technology 5P49V5914 Datasheet HTML 10Page - Integrated Device Technology 5P49V5914 Datasheet HTML 11Page - Integrated Device Technology 5P49V5914 Datasheet HTML 12Page - Integrated Device Technology 5P49V5914 Datasheet HTML 13Page - Integrated Device Technology 5P49V5914 Datasheet HTML 14Page - Integrated Device Technology 5P49V5914 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
NOVEMBER 11, 2016
11
PROGRAMMABLE CLOCK GENERATOR
5P49V5914 DATASHEET
Table 6: I2C Bus DC Characteristics
Table 7: I2C Bus AC Characteristics
Note 1: A device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the VIH(MIN) of the SCL signal) to bridge
the undefined region of the falling edge of SCL.
Note 2: I2C inputs are 5V tolerant.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
Input HIGH Level
For SEL1/SDA pin and
SEL0/SCL pin.
0.7xVDDD
5.5 2
V
VIL
Input LOW Level
For SEL1/SDA pin and
SEL0/SCL pin.
GND-0.3
0.3xVDDD
V
VHYS
Hysteresis of Inputs
0.05xVDDD
V
IIN
Input Leakage Current
-1
30
µA
VOL
Output LOW Voltage
IOL = 3 mA
0.4
V
Symbol
Parameter
Min
Typ
Max
Unit
FSCLK
Serial Clock Frequency (SCL)
10
400
kHz
tBUF
Bus free time between STOP and START
1.3
µs
tSU:START
Setup Time, START
0.6
µs
tHD:START
Hold Time, START
0.6
µs
tSU:DATA
Setup Time, data input (SDA)
0.1
µs
tHD:DATA
Hold Time, data input (SDA) 1
0µs
tOVD
Output data valid from clock
0.9
µs
CB
Capacitive Load for Each Bus Line
400
pF
tR
Rise Time, data and clock (SDA, SCL)
20 + 0.1xCB
300
ns
tF
Fall Time, data and clock (SDA, SCL)
20 + 0.1xCB
300
ns
tHIGH
HIGH Time, clock (SCL)
0.6
µs
tLOW
LOW Time, clock (SCL)
1.3
µs
tSU:STOP
Setup Time, STOP
0.6
µs


Similar Part No. - 5P49V5914

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49V5914 IDT-5P49V5914 Datasheet
448Kb / 37P
   Generates up to three independent output frequencies
5P49V5914 IDT-5P49V5914 Datasheet
508Kb / 36P
   Programmable Clock Generator
logo
Renesas Technology Corp
5P49V5914 RENESAS-5P49V5914 Datasheet
783Kb / 36P
   Programmable Clock Generator
SEPTEMBER 12, 2018
logo
Integrated Device Techn...
5P49V5914BdddNLGI IDT-5P49V5914BdddNLGI Datasheet
447Kb / 37P
   Programmable Clock Generator
logo
Renesas Technology Corp
5P49V5914BDDDNLGI RENESAS-5P49V5914BDDDNLGI Datasheet
783Kb / 36P
   Programmable Clock Generator
SEPTEMBER 12, 2018
More results

Similar Description - 5P49V5914

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
   Programmable Clock Generator
5P35023 IDT-5P35023_17 Datasheet
385Kb / 34P
   Programmable Clock Generator
5P49V5929 IDT-5P49V5929_17 Datasheet
360Kb / 27P
   Programmable Clock Generator
logo
ON Semiconductor
NB3H63143G ONSEMI-NB3H63143G Datasheet
302Kb / 24P
   Programmable Clock Generator
October, 2015 ??Rev. 2
logo
Integrated Device Techn...
5P49V5933 IDT-5P49V5933_16 Datasheet
433Kb / 33P
   Programmable Clock Generator
5P49V5944 IDT-5P49V5944_16 Datasheet
416Kb / 32P
   Programmable Clock Generator
5P49V6914 IDT-5P49V6914 Datasheet
444Kb / 37P
   Programmable Clock Generator
5P49V5923 IDT-5P49V5923_17 Datasheet
413Kb / 27P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com