Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5P49V5901 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 5P49V5901
Description  Programmable Clock Generator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5901 Datasheet(HTML) 3 Page - Integrated Device Technology

  5P49V5901 Datasheet HTML 1Page - Integrated Device Technology 5P49V5901 Datasheet HTML 2Page - Integrated Device Technology 5P49V5901 Datasheet HTML 3Page - Integrated Device Technology 5P49V5901 Datasheet HTML 4Page - Integrated Device Technology 5P49V5901 Datasheet HTML 5Page - Integrated Device Technology 5P49V5901 Datasheet HTML 6Page - Integrated Device Technology 5P49V5901 Datasheet HTML 7Page - Integrated Device Technology 5P49V5901 Datasheet HTML 8Page - Integrated Device Technology 5P49V5901 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
NOVEMBER 11, 2016
3
PROGRAMMABLE CLOCK GENERATOR
5P49V5901 DATASHEET
Table 1: Pin Descriptions
Number
Name
Type
Description
1
CLKIN
Input
Internal
Pull-down
Differential clock input. Weak 100kohms internal pull-down.
2
CLKINB
Input
Internal
Pull-down
Complementary differential clock input. Weak 100kohms internal pull-down.
3
XOUT
Input
Crystal Oscillator interface output.
4
XIN/REF
Input
Crystal Oscillator interface input, or single-ended LVCMOS clock input. Ensure that
the input voltage is 1.2V max.Refer to the section “Overdriving the XIN/REF
Interface”.
5VDDA
Power
Analog functions power supply pin.Connect to 1.8V to 3.3V. VDDA and VDDD should
have the same voltage applied.
6
CLKSEL
Input
Internal
Pull-down
Input clock select. Selects the active input reference source in manual switchover
mode.
0 = XIN/REF, XOUT (default)
1 = CLKIN, CLKINB
CLKSEL Polarity can be changed by I2C programming as shown in Table 4.
7
SD/OE
Input
Internal
Pull-down
Enables/disables the outputs (OE) or powers down the chip (SD). The SH bit
controls the configuration of the SD/OE pin. The SH bit needs to be high for SD/OE
pin to be configured as SD. The SP bit (0x02) controls the polarity of the signal to be
either active HIGH or LOW only when pin is configured as OE (Default is active
LOW.) Weak internal pull down resistor. When configured as SD, device is shut
down, differential outputs are driven high/low, and the single-ended LVCMOS
outputs are driven low. When configured as OE, and outputs are disabled, the
outputs can be selected to be tri-stated or driven high/low, depending on the
programming bits as shown in the SD/OE Pin Function Truth table.
8
SEL1/SDA
Input
Internal
Pull-down
Configuration select pin, or I2C SDA input as selected by OUT0_SEL_I2CB. Weak
internal pull down resistor.
9
SEL0/SCL
Input
Internal
Pull-down
Configuration select pin, or I2C SCL input as selected by OUT0_SEL_I2CB. Weak
internal pull down resistor.
10
VDDO4Power
Output power supply. Connect to 1.8 to 3.3V. Sets output voltage levels for
OUT4/OUT4B.
11
OUT4
Output
Output Clock 4. Please refer to the Output Drivers section for more details.
12
OUT4B
Output
Complementary Output Clock 4. Please refer to the Output Drivers section for more
details.
13
OUT3B
Output
Complementary Output Clock 3. Please refer to the Output Drivers section for more
details.
14
OUT3
Output
Output Clock 3. Please refer to the Output Drivers section for more details.
15
VDDO3Power
Output power supply. Connect to 1.8 to 3.3V. Sets output voltage levels for
OUT3/OUT3B.
16
OUT2B
Output
Complementary Output Clock 2. Please refer to the Output Drivers section for more
details.
17
OUT2
Output
Output Clock 2. Please refer to the Output Drivers section for more details.
18
VDDO2Power
Output power supply. Connect to 1.8 to 3.3V. Sets output voltage levels for
OUT2/OUT2B.
19
OUT1B
Output
Complementary Output Clock 1. Please refer to the Output Drivers section for more
details.
20
OUT1
Output
Output Clock 1. Please refer to the Output Drivers section for more details.
21
VDDO1Power
Output power supply. Connect to 1.8 to 3.3V. Sets output voltage levels for
OUT1/OUT1B.


Similar Part No. - 5P49V5901

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49V5901 IDT-5P49V5901 Datasheet
452Kb / 37P
   Generates up to four independent output frequencies
5P49V5901 IDT-5P49V5901 Datasheet
533Kb / 37P
   Programmable Clock Generator
logo
Renesas Technology Corp
5P49V5901 RENESAS-5P49V5901 Datasheet
788Kb / 37P
   Programmable Clock Generator
FEBRUARY 21, 2019
5P49V5901BDDDNLGI RENESAS-5P49V5901BDDDNLGI Datasheet
788Kb / 37P
   Programmable Clock Generator
FEBRUARY 21, 2019
5P49V5901BDDDNLGI8 RENESAS-5P49V5901BDDDNLGI8 Datasheet
788Kb / 37P
   Programmable Clock Generator
FEBRUARY 21, 2019
More results

Similar Description - 5P49V5901

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
   Programmable Clock Generator
5P35023 IDT-5P35023_17 Datasheet
385Kb / 34P
   Programmable Clock Generator
5P49V5929 IDT-5P49V5929_17 Datasheet
360Kb / 27P
   Programmable Clock Generator
logo
ON Semiconductor
NB3H63143G ONSEMI-NB3H63143G Datasheet
302Kb / 24P
   Programmable Clock Generator
October, 2015 ??Rev. 2
logo
Integrated Device Techn...
5P49V5933 IDT-5P49V5933_16 Datasheet
433Kb / 33P
   Programmable Clock Generator
5P49V5944 IDT-5P49V5944_16 Datasheet
416Kb / 32P
   Programmable Clock Generator
5P49V6914 IDT-5P49V6914 Datasheet
444Kb / 37P
   Programmable Clock Generator
5P49V5923 IDT-5P49V5923_17 Datasheet
413Kb / 27P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com