Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM7384-1 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM7384-1
Description  Frame Engine and Data Link Manager
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7384-1 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM7384-1 Datasheet HTML 1Page - PMC-Sierra, Inc PM7384-1 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PMC-1991024 (r2)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
© 2001 PMC-Sierra, Inc.
PM7384
PMC-Sierra,Inc.
Frame Engine and Data Link Manager
FREEDM-84P672
FEATURES
• Single-chip multi-channel HDLC
controller with a 66 MHz, 32 bit PCI 2.1
compatible bus for configuration,
monitoring and transfer of packet data.
• On-chip DMA controller with scatter/
gather capabilities.
• Supports up to 672 bi-directional
HDLC channels assigned to a
maximum of 84 channelised or
unchannelised links conveyed via a
19.44 MHz Scalable Bandwidth
Interconnect (SBI™) interface.
• Data on the SBI interface is divided
into three Synchronous Payload
Envelopes (SPEs). Each SPE can be
configured independently to carry data
for either 28 T1/J1 links, 21 E1 links, or
one unchannelised DS-3 link.
• Supports three bi-directional HDLC
channels each assigned to an
unchannelised link with arbitrary rate
link of up to 51.84 MHz when SYSCLK
is running at 45 MHz. Each link may be
configured individually to replace one
of the SPEs conveyed on the SBI
interface.
• For each channel, the HDLC receiver
supports programmable flag sequence
detection, bit de-stuffing and frame
check sequence validation. The
receiver supports the validation of both
CRC-CCITT and CRC-32 frame check
sequences.
• For each channel, the HDLC
transmitter supports programmable
flag sequence generation, bit stuffing
and frame check sequence generation.
The transmitter supports the
generation of both CRC-CCITT and
CRC-32 frame check sequences. The
transmitter also aborts packets under
the direction of the host or
automatically when the channel
underflows.
• Provides 32 Kbytes of on-chip memory
for partial packet buffering in both the
transmit and receive directions. This
memory may be configured to support
a variety of different channel
configurations from a single channel
with 32 Kbytes of buffering to 672
channels, each with a minimum of 48
bytes of buffering.
• Provides a standard five signal
P1149.1 JTAG test port for boundary
scan board test purposes.
• Supports 3.3 Volt I/O on non-PCI
signals. Supports 3.3 Volt PCI
signaling environment.
• 352 pin enhanced ball grid array
(SBGA) package.
APPLICATIONS
• PPP interfaces for routers.
• Internet/Edge Routers.
• Frame Relay/Multiservice Switches.
• Packet-based DSLAM equipment.
• Remote Access Concentrators.
• Multiservice Access Concentrators.
DDATA[7:0]
DPL
DV5
DDP
SBI
Extract
SBI
Insert
Transmit
HDLC Processor
(THDL672)
Performance
Monitor
(PMON)
ADATA[7:0]
APL
AV5
ADP
AJUST_REQ
AACTIVE
ADETECT[1:0]
AD[31:0]
REQB
LOCKB
IDSEL
DEVSELB
STOPB
IRDYB
TRDYB
FRAMEB
PAR
C/BEB[3:0]
Receive
DMA
Controller
(RMAC672)
Transmit
DMA
Controller
(TMAC672)
GNTB
PERRB
SERRB
PCIINTB
PCICLK
PCICLKO
M66EN
Receive
Channel
Assigner
(RCAS672)
Transmit
Channel
Assigner
(TCAS672)
Receive
HDLC Processor
(RHDL672)
JTAG
RD[2:0]
RCLK[2:0]
PCI
Controller
(GPIC672)
TCLK[2:0]
TD [2:0]
BLOCK DIAGRAM


Similar Part No. - PM7384-1

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7384-BI PMC-PM7384-BI Datasheet
2Mb / 358P
   FRAME ENGINE AND DATA LINK MANAGER 84P672
More results

Similar Description - PM7384-1

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7385 PMC-PM7385 Datasheet
48Kb / 4P
   Frame Engine and Data Link Manager
PM7367 PMC-PM7367 Datasheet
2Mb / 323P
   FRAME ENGINE AND DATA LINK MANAGER
PM7380 PMC-PM7380 Datasheet
48Kb / 2P
   Frame Engine and Data Link Manager
PM7364 PMC-PM7364 Datasheet
2Mb / 325P
   FRAME ENGINE AND DATA LINK MANAGER
PM7381 PMC-PM7381 Datasheet
44Kb / 2P
   Frame Engine and Data Link Manager
PM7384 PMC-PM7384 Datasheet
44Kb / 4P
   Frame Engine and Data Link Manager
PM7366 PMC-PM7366 Datasheet
2Mb / 286P
   FRAME ENGINE AND DATA LINK MANAGER
PM7385-1 PMC-PM7385-1 Datasheet
37Kb / 2P
   Frame Engine and Data Link Manager
PM7380 PMC-PM7380 Datasheet
2Mb / 2P
   FRAME ENGINE AND DATA LINK MANAGER 32P672
PM7382 PMC-PM7382 Datasheet
2Mb / 330P
   FRAME ENGINE AND DATA LINK MANAGER 32P256
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com