Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-2579 Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # HI-2579
Description  3.3V MIL-STD-1553/1760 Dual Transceiver with Low Profile Integrated Transformers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-2579 Datasheet(HTML) 6 Page - Holt Integrated Circuits

Back Button HI-2579_16 Datasheet HTML 2Page - Holt Integrated Circuits HI-2579_16 Datasheet HTML 3Page - Holt Integrated Circuits HI-2579_16 Datasheet HTML 4Page - Holt Integrated Circuits HI-2579_16 Datasheet HTML 5Page - Holt Integrated Circuits HI-2579_16 Datasheet HTML 6Page - Holt Integrated Circuits HI-2579_16 Datasheet HTML 7Page - Holt Integrated Circuits HI-2579_16 Datasheet HTML 8Page - Holt Integrated Circuits HI-2579_16 Datasheet HTML 9Page - Holt Integrated Circuits HI-2579_16 Datasheet HTML 10Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
HI-2579, HI-2581
HOLT INTEGRATED CIRCUITS
6
Parameter
Symbol
Test Conditions
Min
Typ
Max Units
TRANSMITTER (Measured at Point “AD” in Figure 4 unless otherwise specified)
Output Voltage
Direct
Coupled
V
OUT
35Ω Load (measured at
point “AD” in Figure 4)
6.1
9.0
Vp-p
Transformer
Coupled
V
OUT
70Ω Load (measured at
point “AT” in Figure 5)
20.0
27.0
Vp-p
Output Noise
V
ON
Differential, Inhibited
10
mVp-p
Output Dynamic Offset Voltage
Direct
Coupled
V
DYN
35Ω Load (measured at
point “AD” in Figure 4)
-90
+90
mV
Transformer
Coupled
V
DYN
70Ω Load (measured at
point “AT” in Figure 5)
-250
+250
mV
Output Capacitance
C
OUT
1MHz Sine Wave
15
pF
Table 3. AC Electrical Characteristics
V
DD = +3.3V, GND = 0V, TA = Operating Temperature Range (unless otherwise stated)
Parameter
Symbol
Test Conditions
Min
Typ
Max Units
RECEIVER (Measured at Point “AT” in Figure 5)
Receiver Delay
t
DR
From input zero crossing to
RXA/B or RXA/B
450
Note 3
ns
Receiver Gap Time
t
RG
Spacing between RXA/B
and RXA/B pulses
90
Note 1
365
Note 2
ns
Receiver Enable Delay
t
REN
From RXENA/B rising or
falling edge to RXA/B or
RXA/B
40
ns
TRANSMITTER (Measured at Point “AD” in Figure 4)
Driver Delay
t
DT
TXA/B, TXA/B to BUSA/B,
BUSA/B
150
ns
Rise Time
t
r
35Ω Load
100
300
ns
Fall Time
t
f
35Ω Load
100
300
ns
Inhibit Delay
t
DI-H
Inhibited Output
100
ns
t
DI-L
Active Output
150
ns
Note 1. Measured using a 1 MHz sinusoid, 20 V peak to peak, line to line at point “AT” (Guaranteed but not tested).
Note 2. Measured using a 1 MHz sinusoid, 860 mV peak to peak, line to line at point “AT” (100% tested).
Note 3. Measured using a 1 MHz sinusoid, 860 mV peak to peak, line to line at point “AT”. Measured from input zero crossing point.


Similar Part No. - HI-2579_16

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-2579 HOLTIC-HI-2579 Datasheet
636Kb / 11P
   3.3V MIL-STD-1553/1760 Dual Transceiver
More results

Similar Description - HI-2579_16

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-2579 HOLTIC-HI-2579 Datasheet
636Kb / 11P
   3.3V MIL-STD-1553/1760 Dual Transceiver
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
HI-2130 HOLTIC-HI-2130 Datasheet
1,000Kb / 7P
   Single Package MIL-STD-1553 / MIL-STD-1760 3.3V BC / MT / RT with Integrated Transformers
HI-1579 HOLTIC-HI-1579_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 3.3V Monolithic Dual Transceivers
logo
Aeroflex Circuit Techno...
ACT4423 AEROFLEX-ACT4423 Datasheet
94Kb / 7P
   ACT4423 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4436 AEROFLEX-ACT4436 Datasheet
94Kb / 7P
   ACT 4436 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4487 AEROFLEX-ACT4487 Datasheet
99Kb / 7P
   ACT 4487 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4489111111 AEROFLEX-ACT4489111111 Datasheet
99Kb / 7P
   ACT 4489 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4433 AEROFLEX-ACT4433 Datasheet
97Kb / 7P
   ACT 4433 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4402 AEROFLEX-ACT4402 Datasheet
89Kb / 7P
   ACT4402 SINGLE TRANSCEIVER FOR MIL-STD-1553/1760
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com