Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2720SC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # AN2720SC
Description  Single-Chip USB-to-USB Networking Solution
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

AN2720SC Datasheet(HTML) 3 Page - Cypress Semiconductor

  AN2720SC Datasheet HTML 1Page - Cypress Semiconductor AN2720SC Datasheet HTML 2Page - Cypress Semiconductor AN2720SC Datasheet HTML 3Page - Cypress Semiconductor AN2720SC Datasheet HTML 4Page - Cypress Semiconductor AN2720SC Datasheet HTML 5Page - Cypress Semiconductor AN2720SC Datasheet HTML 6Page - Cypress Semiconductor AN2720SC Datasheet HTML 7Page - Cypress Semiconductor AN2720SC Datasheet HTML 8Page - Cypress Semiconductor AN2720SC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AN2720 Data Sheet Version 1.0
06/07/00
Page 3
EZ-Link (AN2720SC)
CHIP DETAILS
The AN2720 contains two slave interfaces that transfer data between through a 2-kilobyte FIFO.
It also contains two 5V to 3.3V regulators to supply power to the chip and to the USB pullup
resistor. Figure 2 of this document shows a functional block diagram of the AN2720. The
AN2720 contains:
! Two 5V to 3.3V regulators, which deliver clean, regulated power to the chip and to
the pullup resistor connected to the USB D+ line. These regulators are powered by the
USB 5V line.
! Two USB transceivers, one for each computer.
! Two USB cores, each consisting of a Serial Interface Engine (SIE) and an intelligent
machine that can respond to standard USB requests. These are the same enhanced SIE’s
used in Cypress’ line of EZ-USB products.
! A 2-Kilobyte FIFO which is used to buffer multiple packets between computers to
optimize data throughput.
! Control logic to manage transfer of USB data between the two SIEs.
! A single-crystal oscillator and PLL, shared by both SIE’s.
SOFTWARE SUPPORT
Software is provided in two different configurations: Ethernet drivers or Ethernet plus bridging
software.
The Ethernet drivers run on Windows 95/98/2000 and are miniport device driver software which
emulates a network interface connector. It manages the USB protocol and the PC-to-PC data
flow. The EZ-Link Ethernet device driver is written to the NDIS (Network Driver Interface
Specification) standard and provides a standard Windows interface to the resources of the
hardware. To the end user, EZ-Link appears and behaves like an Ethernet card even though no
physical network interface card is present. Thus, users can use standard Windows interface such
as Windows Explorer, Network Neighborhood and standard file sharing security features. With
this driver, users can use multiple EZ-Links to generate their own private mobile network, with
access to other peripheral devices such as printers appearing as network peripherals.
The Ethernet plus bridging drivers run on Windows 95/98/2000. In addition to the Ethernet
connection capability between multiple EZ-Links, users can connect to corporate LANs using
the PC that has both EZ-Link and a corporate Ethernet connection as a bridge device. With this
capability, users have complete access to corporate LAN resources.


Similar Part No. - AN2720SC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2722 STMICROELECTRONICS-AN2722 Datasheet
870Kb / 16P
   Demonstration board user guidelines for the
AN2725 STMICROELECTRONICS-AN2725 Datasheet
177Kb / 8P
   a brief description of the TS2012 device
AN2727 STMICROELECTRONICS-AN2727 Datasheet
99Kb / 6P
   This application note describes
AN2728 STMICROELECTRONICS-AN2728 Datasheet
270Kb / 20P
   ST1S12 small synchronous buck converter
More results

Similar Description - AN2720SC

ManufacturerPart #DatasheetDescription
logo
C-Media Electronics
CM6327A CMEDIA-CM6327A Datasheet
587Kb / 25P
   USB Single-Chip Audio Solution for Mono Microphone
logo
Cypress Semiconductor
SL11RIDE CYPRESS-SL11RIDE Datasheet
316Kb / 27P
   USB to IDE/ATAPI Solution
logo
Silicon Laboratories
CP2101-GMR SILABS-CP2101-GMR Datasheet
445Kb / 20P
   Single-Chip USB to UART Bridge
CP2130 SILABS-CP2130 Datasheet
364Kb / 27P
   SINGLE-CHIP USB-TO-SPI BRIDGE
CP2102 SILABS-CP2102_V01 Datasheet
2Mb / 26P
   SINGLE-CHIP USB-TO-UART BRIDGE
Rev. 1.8 1/17
CP2103 SILABS-CP2103 Datasheet
417Kb / 20P
   SINGLE-CHIP USB TO UART BRIDGE
logo
List of Unclassifed Man...
CP2101 ETC-CP2101 Datasheet
348Kb / 14P
   Single-Chip USB to UART Bridge
CP2103 ETC1-CP2103 Datasheet
399Kb / 18P
   SINGLE-CHIP USB TO UART BRIDGE
logo
Silicon Laboratories
CP2102 SILABS-CP2102 Datasheet
408Kb / 18P
   SINGLE-CHIP USB TO UART BRIDGE
logo
List of Unclassifed Man...
CP2130-F01-GM ETC2-CP2130-F01-GM Datasheet
364Kb / 27P
   SINGLE-CHIP USB-TO-SPI BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com