Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV62569DBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62569DBVT
Description  2-A High Efficiency Synchronous Buck Converter in SOT Package
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV62569DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV62569DBVT Datasheet HTML 3Page - Texas Instruments TLV62569DBVT Datasheet HTML 4Page - Texas Instruments TLV62569DBVT Datasheet HTML 5Page - Texas Instruments TLV62569DBVT Datasheet HTML 6Page - Texas Instruments TLV62569DBVT Datasheet HTML 7Page - Texas Instruments TLV62569DBVT Datasheet HTML 8Page - Texas Instruments TLV62569DBVT Datasheet HTML 9Page - Texas Instruments TLV62569DBVT Datasheet HTML 10Page - Texas Instruments TLV62569DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Control Logic
Soft Start
Thermal
Shutdown
UVLO
Gate
Drive
GND
FB
EN
SW
Modulator
TOFF
GND
Zero Current Detect
Peak Current Detect
+
_
VREF
VSW
VIN
+
±
GND
VPG
VFB
VIN
PG
Power Good feature is only available in TLV62569P
Copyright Ú 2016, Texas Instruments Incorporated
7
TLV62569, TLV62569P
www.ti.com
SLVSDG1 – DECEMBER 2016
Product Folder Links: TLV62569 TLV62569P
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The TLV62569 is a high-efficiency synchronous step-down converter. The device operates with an adaptive off
time with peak current control scheme. The device operates at typically 1.5-MHz frequency pulse width
modulation (PWM) at moderate to heavy load currents. Based on the VIN/VOUT ratio, a simple circuit sets the
required off time for the low-side MOSFET. It makes the switching frequency relatively constant regardless of the
variation of input voltage, output voltage, and load current.
9.2 Functional Block Diagrams
Figure 4. TLV62569 Functional Block Diagram
9.3 Feature Description
9.3.1 Power Save Mode
The device automatically enters Power Save Mode to improve efficiency at light load when the inductor current
becomes discontinuous. In Power Save Mode, the converter reduces switching frequency and minimizes current
consumption. In Power Save Mode, the output voltage rises slightly above the nominal output voltage. This effect
is minimized by increasing the output capacitor.
9.3.2 100% Duty Cycle Low Dropout Operation
The device offers a low input-to-output voltage differential by entering 100% duty cycle mode. In this mode, the
high-side MOSFET switch is constantly turned on and the low-side MOSFET is switched off. The minimum input
voltage to maintain output regulation, depending on the load current and output voltage, is calculated as:
VIN(MIN) = VOUT + IOUT x (RDS(ON) + RL)
where
RDS(ON) = High side FET on-resistance
RL = Inductor ohmic resistance (DCR)
(1)


Similar Part No. - TLV62569DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62569DBVT TI1-TLV62569DBVT Datasheet
1Mb / 23P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569DBVT TI1-TLV62569DBVT Datasheet
1Mb / 24P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569DBVT TI1-TLV62569DBVT Datasheet
1Mb / 25P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
More results

Similar Description - TLV62569DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62569_017 TI1-TLV62569_017 Datasheet
1Mb / 24P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569_0017 TI1-TLV62569_0017 Datasheet
1Mb / 25P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569_17 Datasheet
1Mb / 23P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62568 TI1-TLV62568 Datasheet
725Kb / 21P
[Old version datasheet]   1-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62568 TI1-TLV62568_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A High Efficiency Synchronous Buck Converter in SOT Package
TPS62A01 TI-TPS62A01_V01 Datasheet
1Mb / 21P
[Old version datasheet]   TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT-5X3 Package
MARCH 2022
TPS62A01 TI-TPS62A01_V02 Datasheet
1Mb / 21P
[Old version datasheet]   TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT-5X3 Package
MARCH 2022
TPS62A06 TI-TPS62A06_V01 Datasheet
1Mb / 23P
[Old version datasheet]   TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
TPS62A06 TI1-TPS62A06_V02 Datasheet
1Mb / 23P
[Old version datasheet]   TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
TLV62585 TI1-TLV62585 Datasheet
735Kb / 19P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com