Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS41LV16257-60KI Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS41LV16257-60KI
Description  256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41LV16257-60KI Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS41LV16257-60KI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS41LV16257-60KI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS41LV16257-60KI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS41LV16257-60KI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS41LV16257-60KI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS41LV16257-60KI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS41LV16257-60KI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS41LV16257-60KI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS41LV16257-60KI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
IS41C16257
IS41LV16257
Integrated Silicon Solution, Inc. — 1-800-379-4774
5
DR004-1B
05/24/99
ISSI®
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameters
Rating
Unit
VT
Voltage on Any Pin Relative to GND
5V
–1.0 to +7.0
V
3.3V
–0.5 t0 +4.6
VCC
Supply Voltage
5V
–1.0 to +7.0
V
3.3V
–0.5 t0 +4.6
IOUT
Output Current
50
mA
PD
Power Dissipation
1
W
TA
Operation Temperature
Com.
0 to 70
°C
Ind.
–40 to +85
TSTG
Storage Temperature
–55 to +125
°C
Note:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of the
device at these or any other conditions above those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
RECOMMENDED OPERATING CONDITIONS (Voltages are referenced to GND)
Symbol
Parameter
Voltage
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
5V
4.5
5.0
5.5
V
VCC
Supply Voltage
3.3V
3.0
3.3
3.6
V
VIH
Input High Voltage
5V
2.4
VCC + 1.0
V
VIH
Input High Voltage
3.3V
2.0
VCC + 0.3
V
VIL
Input Low Voltage
5V
–1.0
0.8
V
VIL
Input Low Voltage
3.3
–0.3
0.8
V
TA
Ambient Temperature
Com.
0
70
°C
Ind.
–40
85
CAPACITANCE(1,2)
Symbol
Parameter
Max.
Unit
CIN1
Input Capacitance: A0-A8
5
pF
CIN2
Input Capacitance:
RAS, UCAS, LCAS, WE, OE
7pF
CIO
Data Input/Output Capacitance: I/O0-I/O15
7
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25
°C, f = 1 MHz, VCC = 5.0V + 10% or Vcc=3.3V ± 10%.


Similar Part No. - IS41LV16257-60KI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS41LV16257-60K ICSI-IS41LV16257-60K Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results

Similar Description - IS41LV16257-60KI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C16257 ICSI-IC41C16257 Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16257B ISSI-IS41LV16257B Datasheet
129Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16256B ISSI-IS41LV16256B Datasheet
145Kb / 22P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256 ISSI-IS41C16256 Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T224160B TMT-T224160B Datasheet
131Kb / 9P
   256K x 16 DYNAMIC RAM FAST PAGE MODE?
logo
Integrated Silicon Solu...
IS41C4405X ISSI-IS41C4405X Datasheet
138Kb / 17P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
AMIC Technology
A418316 AMICC-A418316 Datasheet
264Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Mosel Vitelic, Corp
V53C16256H MOSEL-V53C16256H Datasheet
146Kb / 19P
   256K x 16 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS41C16105 ISSI-IS41C16105 Datasheet
140Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com