Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-1393774-7 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 1-1393774-7
Description  Directly triggerable with TTL standard modules as ALS, HCT & ACT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1-1393774-7 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  1-1393774-7 Datasheet HTML 1Page - TE Connectivity Ltd 1-1393774-7 Datasheet HTML 2Page - TE Connectivity Ltd 1-1393774-7 Datasheet HTML 3Page - TE Connectivity Ltd 1-1393774-7 Datasheet HTML 4Page - TE Connectivity Ltd 1-1393774-7 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
03-2016, Rev. 0316
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
4
AXICOM
Signal Relays
P1 Relay V23026 (Continued)
Recommended soldering conditions
Processing
108-98009 Rev. E
All specifications subject to change. Consult Tyco Electronics for latest specifications.
9 of 12
Telecom-, Signal and RF Relays
P1 V23026 Relay
AXICOM
Soldering conditions according IEC 60058-2-58 and
IPC/JEDEC J-STD-020B
Infrared Soldering: Temperature/Time Profile
(Lead and Housing Peak Temperature)
Infrared Soldering: Temperature/Time Profile
(Lead and Housing Peak Temperature)
Recommended Soldering Conditions
Resistance to soldering heat - Re ow prole
Recommended re ow soldering prole
Vapor Phase Soldering: Temperature/Time Profile
(Lead and Housing Peak Temperature)
240 °C
180 °C
130 °C
100 °C
20 - 40 sec
Full line:
typical
Dotted line: process limits
forced
cooling
Time (s)
Time (s)
108-98009 Rev. E
All specifications subject to change. Consult Tyco Electronics for latest specifications.
9 of 12
Telecom-, Signal and RF Relays
P1 V23026 Relay
AXICOM
Soldering conditions according IEC 60058-2-58 and
IPC/JEDEC J-STD-020B
Infrared Soldering: Temperature/Time Profile
(Lead and Housing Peak Temperature)
Infrared Soldering: Temperature/Time Profile
(Lead and Housing Peak Temperature)
Recommended Soldering Conditions
Resistance to soldering heat - Re ow prole
Recommended re ow soldering prole
Vapor Phase Soldering: Temperature/Time Profile
(Lead and Housing Peak Temperature)
240 °C
180 °C
130 °C
100 °C
20 - 40 sec
Full line:
typical
Dotted line: process limits
forced
cooling
Time (s)
Time (s)
108-98009 Rev. E
All specifications subject to change. Consult Tyco Electronics for latest specifications.
9 of 12
Telecom-, Signal and RF Relays
P1 V23026 Relay
AXICOM
Soldering conditions according IEC 60058-2-58 and
IPC/JEDEC J-STD-020B
Infrared Soldering: Temperature/Time Profile
(Lead and Housing Peak Temperature)
Infrared Soldering: Temperature/Time Profile
(Lead and Housing Peak Temperature)
Recommended Soldering Conditions
Resistance to soldering heat - Re ow prole
Recommended re ow soldering prole
Vapor Phase Soldering: Temperature/Time Profile
(Lead and Housing Peak Temperature)
240 °C
180 °C
130 °C
100 °C
20 - 40 sec
Full line:
typical
Dotted line: process limits
forced
cooling
Time (s)
Time (s)
Soldering conditions according IEC 60058-2-58 and
IPC/JEDEC J-STD-020B
Resistance to soldering heat - Reflow profile
Recommended reflow soldering profile
Vapor Phase Soldering:
temperature/time profile (lead
and housing peak temperature)
Infrared Soldering: temperature/
time profile (lead and housing
peak temperature)
Packing
108-98009 Rev. E
All specifications subject to change. Consult Tyco Electronics for latest specifications.
10 of 12
Telecom-, Signal and RF Relays
P1 V23026 Relay
AXICOM
Packing
Dimensions in mm
11.6±0.2
Tube for THT version
40 relays per tube
2‘000 relays per box
Tape and reel for SMT version
480 relays per reel
2‘400 per box
Reel dimension
Tube for THT version
40 relays per tube, 2000 relays per box
108-98009 Rev. E
All specifications subject to change. Consult Tyco Electronics for latest specifications.
10 of 12
Telecom-, Signal and RF Relays
P1 V23026 Relay
AXICOM
Packing
Dimensions in mm
11.6±0.2
Tube for THT version
40 relays per tube
2‘000 relays per box
Tape and reel for SMT version
480 relays per reel
2‘400 per box
Reel dimension
Tape and reel for SMT version
480 relays per reel, 2400 relays per box
Reel dimensions
108-98009 Rev. E
All specifications subject to change. Consult Tyco Electronics for latest specifications.
10 of 12
Telecom-, Signal and RF Relays
P1 V23026 Relay
AXICOM
Packing
Dimensions in mm
11.6±0.2
Tube for THT version
40 relays per tube
2‘000 relays per box
Tape and reel for SMT version
480 relays per reel
2‘400 per box
Reel dimension
108-98009 Rev. E
All specifications subject to change. Consult Tyco Electronics for latest specifications.
10 of 12
Telecom-, Signal and RF Relays
P1 V23026 Relay
AXICOM
Packing
Dimensions in mm
11.6±0.2
Tube for THT version
40 relays per tube
2‘000 relays per box
Tape and reel for SMT version
480 relays per reel
2‘400 per box
Reel dimension


Similar Part No. - 1-1393774-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1393774-7 MACOM-1-1393774-7 Datasheet
2Mb / 5P
   P1 Relay V23026
logo
TE Connectivity Ltd
1-1393774-7 TEC-1-1393774-7 Datasheet
2Mb / 5P
   Directly triggerable with TTL standard modules as ALS, HCT & ACT
More results

Similar Description - 1-1393774-7

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
P1-V23026 TEC-P1-V23026 Datasheet
2Mb / 5P
   Directly triggerable with TTL standard modules as ALS, HCT & ACT
logo
Lite-On Technology Corp...
LTV-702V LITEON-LTV-702V Datasheet
176Kb / 10P
   Directly connectable to TTL
LTV713V LITEON-LTV713V Datasheet
220Kb / 10P
   DIRECTLY CONNECTABLE TO TTL
logo
M/A-COM Technology Solu...
GAAS_PINDIODECHIPS MA-COM-GAAS_PINDIODECHIPS Datasheet
343Kb / 6P
   May be Driven Directly by TTL Signals
logo
IK Semicon Co., Ltd
IN74HCT14A IKSEMICON-IN74HCT14A Datasheet
192Kb / 5P
   Outputs Directly Inferface to CMOS, NMOS and TTL
logo
Microsemi Corporation
GG72230 MICROSEMI-GG72230 Datasheet
85Kb / 2P
   REFLECTIVE SPDT SWITCH MODULES with TTL Driver
GG71210 MICROSEMI-GG71210 Datasheet
92Kb / 2P
   REFLECTIVE SPST SWITCH MODULES with TTL Driver
GG71220 MICROSEMI-GG71220 Datasheet
97Kb / 3P
   ABSORPTIVE SPST SWITCH MODULES with TTL Driver
logo
Texas Instruments
4N35 TI-4N35_98 Datasheet
115Kb / 8P
[Old version datasheet]   COMPATIBLE WITH STANDARD TTL INTEGRATED CIRCUITS
logo
Microsemi Corporation
GG72220 MICROSEMI-GG72220 Datasheet
86Kb / 2P
   ABSORPTIVE SPDT SWITCH MODULES with TTL Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com