Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U5300 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # U5300
Description  Superior Accuracy and Total Error Band
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

U5300 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  U5300 Datasheet HTML 1Page - TE Connectivity Ltd U5300 Datasheet HTML 2Page - TE Connectivity Ltd U5300 Datasheet HTML 3Page - TE Connectivity Ltd U5300 Datasheet HTML 4Page - TE Connectivity Ltd U5300 Datasheet HTML 5Page - TE Connectivity Ltd U5300 Datasheet HTML 6Page - TE Connectivity Ltd U5300 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
U5300
Industrial Pressure Transducer
SENSOR SOLUTIONS ///U5300
10/2016
Page 2
FEATURES
Heavy Industrial CE Approval
10 V/m EMI Protection
Reverse Polarity Protection on Input
Short Circuit Protection on Output
±0.1% Accuracy
±0.5% Total Error Band
Compact Outline
-40°C to +125°C Operating Temperature
Weatherproof
APPLICATIONS
Military/Aerospace Test Stands
Automotive Test Stands
Calibration Equipment
High Accuracy Applications
Stationary Motor Fuel Control
High End Industrial Machinery
STANDARD RANGES
Range (psi)
Range (Bar)
Gage
Sealed
Absolute
Compound
0 to 015
0 to 001
0 to 030
0 to 002
0 to 050
0 to 3.5
0 to 100
0 to 007
0 to 150
0 to 010
0 to 200
0 to 014
0 to 300
0 to 020
0 to 500
0 to 035
0 to 01k
0 to 070
0 to 03k
0 to 200
0 to 05k
0 to 350
0 to 10k
0 to 700
Intermediate ranges available upon request.


Similar Part No. - U5300

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U5300A-102 KEYSIGHT-U5300A-102 Datasheet
2Mb / 14P
   PXIe High-Speed Digitizer
U5300A-112 KEYSIGHT-U5300A-112 Datasheet
2Mb / 14P
   PXIe High-Speed Digitizer
More results

Similar Description - U5300

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HSC HONEYWELL-HSC_4 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
SSC HONEYWELL-SSC_7 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SMT and DIP,60 mbar to 10 bar
HSC HONEYWELL-HSC_6 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Digital output,SMT and DIP,1 psi to 150 psi
SSC HONEYWELL-SSC_4 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
SSC HONEYWELL-SSC_5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SMT and DIP,60 mbar to 10 bar
HSC HONEYWELL-HSC_7 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Digital output,SMT and DIP,60 mbar to 10 bar
HSC HONEYWELL-HSC_5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,60 mbar to 10 bar
SSC HONEYWELL-SSC_6 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SMT and DIP,1 psi to 150 psi
HSC HONEYWELL-HSC Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
SSC HONEYWELL-SSC_3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,60 mbar to 10 bar
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com