Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T81 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # T81
Description  Au clad contacts in a 1 Form C (CO) arrangement
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

T81 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  T81 Datasheet HTML 1Page - TE Connectivity Ltd T81 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
Potter & Brumfield
Signal Relays
T81 Series Signal PCB Relay (Continued)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
standard coil
-30ºC to 60ºC
sensitive coil
-30ºC to 70ºC
Category of environmental protection
IEC 61810
RTIII - wash tight
Vibration resistance (functional)
10-50Hz, 1.5mm double amplitude
Shock resistance (functional)
IEC 60068-2-27 (half sine)
standard coil
98m/s2, 11ms
sensitive coil
65m/s2, 11ms
Terminal type
PCB-THT
Weight
3.5g
Resistance to soldering heat THT
IEC 60068-2-20
260°C/5s
Packaging/unit
tube/25 pcs., box/2000pcs.
Dimensions
Terminal assignment
PCB layout
Bottom view on solder pins
Bottom view on solder pins
.429 MAX.
(10.9)
.460
(11.7)
.626 MAX.
(15.9)
.122
(3.10)
1 2
12 11
7
.397
(10.1)
.100
(2.54)
.299
(7.6)
0.04 DIA.
(1.01)
Product code
Contact material
Coil power
Coil voltage
Part number
T81H5D312-05
Au overlay AgPd Alloy
Sensitive, 200mW
5VDC
5-1393779-5
T81H5D312-06
6VDC
5-1393779-6
T81H5D312-09
9VDC
5-1393779-7
T81H5D312-12
12VDC
5-1393779-8
T81H5D312-24
24VDC
5-1393779-9
T81N5D312-05
Standard, 450mW
5VDC
6-1393779-9
T81N5D312-09
9VDC
7-1393779-0
T81N5D312-12
12VDC
7-1393779-1
T81N5D312-24
24VDC
7-1393779-2
Product code structure
Typical product code
T81
H
5
D
3
1
2
Type
T81
Signal PCB Relay T81
Coil sensitivity
N Standard coil (450mw)
H Sensitive coil (200mw)
Contact arrangement
5
1 Form C (CO)
Coil input
D DC voltage
Dielectric strength
3
High dielectric strength
Contact rating
1
1A, 24VDC; 1A, 120VAC
Contact material
2
Au overlay AgPd alloy
Coil voltage
Coil code: please refer to coil versions table


Similar Part No. - T81

ManufacturerPart #DatasheetDescription
logo
EPCOS
T81-A150X EPCOS-T81-A150X Datasheet
28Kb / 2P
   SURGE ARRESTER 3-electrode arrester
T81-A230X EPCOS-T81-A230X Datasheet
29Kb / 2P
   SURGE ARRESTER 3-electrode arrester
T81-A230XF4 EPCOS-T81-A230XF4 Datasheet
24Kb / 2P
   SURGE ARRESTER 3-electrode arrester
T81-A350X EPCOS-T81-A350X Datasheet
29Kb / 2P
   SURGE ARRESTER 3-electrode arrester
T81-A90X EPCOS-T81-A90X Datasheet
29Kb / 2P
   SURGE ARRESTER 3-electrode arrester
More results

Similar Description - T81

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
R10 TEC-R10 Datasheet
344Kb / 6P
   1 through 8 form C (CO) contact arrangement
ORWH TEC-ORWH Datasheet
463Kb / 3P
   Compact relay with 1 Form A and 1 Form C contact arrangement
SNR TEC-SNR_15 Datasheet
258Kb / 3P
   1 pole 6A, 1 form C (CO), 1 form A (NO)
PBH TEC-PBH Datasheet
225Kb / 2P
   1pole 6 A, 1 form C (CO) or 1 form A (NO) contact
V23057-A0002-A101 TEC-V23057-A0002-A101 Datasheet
332Kb / 3P
   1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
RPII-2 TEC-RPII-2 Datasheet
313Kb / 2P
   2 pole 8 A, 2 form C (CO) or 2 form A (NO) contacts
RT114012F TEC-RT114012F Datasheet
567Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
RT114024AP TEC-RT114024AP Datasheet
336Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
logo
List of Unclassifed Man...
RM737012 ETC2-RM737012 Datasheet
487Kb / 4P
   2/3 pole 10/16A, 2 form C (CO) or 3 form C (CO) contacts
RP310024 ETC2-RP310024 Datasheet
494Kb / 3P
   1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com