Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM1872 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM1872
Description  Getting started with the Sub-1 GHz expansion board based on SPSGRF-868 and SPSGRF-915 modules for STM32 Nucleo
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1872 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM1872 Datasheet HTML 5Page - STMicroelectronics UM1872 Datasheet HTML 6Page - STMicroelectronics UM1872 Datasheet HTML 7Page - STMicroelectronics UM1872 Datasheet HTML 8Page - STMicroelectronics UM1872 Datasheet HTML 9Page - STMicroelectronics UM1872 Datasheet HTML 10Page - STMicroelectronics UM1872 Datasheet HTML 11Page - STMicroelectronics UM1872 Datasheet HTML 12Page - STMicroelectronics UM1872 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
DocID027622 Rev 2
9/21
UM1872
Hardware description
21
In addition, to use the additional connections to the SPIRIT1 module and to use the on-
board EEPROM, use the options in Table 6.
Please refer to the schematics for details.
To use the optional connections, modify the firmware based on the STM32 resources used.
3.3
Current measurement
To monitor the power consumption of the entire SPIRIT1 X-NUCLEO-IDS01Ax board,
jumper J1 can be used. Connect an ammeter probe between pins 1 and 2 of the connector
for measurements.
3.4
X-NUCLEO-IDS01Ax component placement details
Figure 3 shows the component placement on the SPIRIT1 expansion X-NUCLEO-IDS01Ax
board.
Table 5. SPIRIT1 interface (optional) with Nucleo board
SPIRIT1 signal
SPSGRF pin
Default STM32
port
Optional STM32 port
GPIO3
1 - SP1_GPIO3
PC7
PA0
To use optional connection mount R6,
demount R1
CSn
10 - SPI_CS
PB6
PA1
To use optional connection mount R5,
demount R2
SCLK
7 - SPI_CLK
PB3
PA5
To use optional connection mount R7,
demount R4
Table 6. SPIRIT1 interface with Nucleo board (additional connections)
Signal
Default connection
Optional STM32 connection
SPIRIT1 GPIO2
(SPSGRF pin 2)
Not connected
PA4
To use optional connection mount R8
SPIRIT1 GPIO1
(SPSGRF pin 3)
Not connected
PB0
To use optional connection mount R9
SPIRIT1 GPIO0
(SPSGRF pin 4)
Not connected
PC1
To use optional connection mount R10
EEPROM nS
Not connected
PB10
To use EEPROM, mount R3


Similar Part No. - UM1872

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1870 STMICROELECTRONICS-UM1870 Datasheet
2Mb / 58P
   BlueNRG-MS development kits
UM1871 STMICROELECTRONICS-UM1871 Datasheet
1Mb / 64P
   Evaluation board with STM32F446ZE MCU
October 2015 Rev 3
More results

Similar Description - UM1872

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1955 STMICROELECTRONICS-UM1955 Datasheet
874Kb / 28P
   Getting started with the multifunctional expansion board based on operational amplifiers for STM32 Nucleo
October 2015 Rev 1
UM1943 STMICROELECTRONICS-UM1943 Datasheet
1Mb / 28P
   Getting started with the X-NUCLEO-IHM07M1 motor driver expansion board based on the L6230 for STM32 Nucleo
September 2015 Rev 1
UM1900 STMICROELECTRONICS-UM1900 Datasheet
1Mb / 19P
   Getting started with the digital MEMS microphones expansion board based on MP34DT01-M for STM32 Nucleo
July 2016 Rev 3
UM1910 STMICROELECTRONICS-UM1910 Datasheet
1Mb / 12P
   Getting started with the high power stepper motor driver expansion board based on powerSTEP01 for STM32 Nucleo
July 2015 Rev 1
UM1975 STMICROELECTRONICS-UM1975 Datasheet
1Mb / 20P
   Getting started with X-NUCLEO-IDW01M1 Wi-Fi expansion board based on SPWF01SA module for STM32 Nucleo
November 2015 Rev 1
UM1970 STMICROELECTRONICS-UM1970 Datasheet
1Mb / 19P
   Getting started with the X-NUCLEO-IHM09M1 motor control connector expansion board for STM32 Nucleo
October 2015 Rev 1
UM2209 STMICROELECTRONICS-UM2209 Datasheet
828Kb / 17P
   Getting Started with X-NUCLEO-OUT01A1 industrial digital output expansion board for STM32 Nucleo
June 2017 Rev 1
UM2082 STMICROELECTRONICS-UM2082 Datasheet
665Kb / 14P
   Getting started with X-NUCLEO-IHM06A1 low voltage stepper motor driver expansion board based on STSPIN220 for STM32 Nucleo
July 2016 Rev 1
X-NUCLEO-S2868A2 STMICROELECTRONICS-X-NUCLEO-S2868A2 Datasheet
1Mb / 5P
   Sub-1 GHz 868 MHz RF expansion board based on S2-LP radio for STM32 Nucleo
December 2019
X-NUCLEO-S2915A1 STMICROELECTRONICS-X-NUCLEO-S2915A1 Datasheet
176Kb / 5P
   Sub-1 GHz 915 MHz RF expansion board based on S2-LP radio for STM32 Nucleo
November 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com