Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLV74HC595ADG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NLV74HC595ADG
Description  8-Bit Serial-Input/Serial or Parallel-Output Shift Register
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLV74HC595ADG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NLV74HC595ADG Datasheet HTML 3Page - ON Semiconductor NLV74HC595ADG Datasheet HTML 4Page - ON Semiconductor NLV74HC595ADG Datasheet HTML 5Page - ON Semiconductor NLV74HC595ADG Datasheet HTML 6Page - ON Semiconductor NLV74HC595ADG Datasheet HTML 7Page - ON Semiconductor NLV74HC595ADG Datasheet HTML 8Page - ON Semiconductor NLV74HC595ADG Datasheet HTML 9Page - ON Semiconductor NLV74HC595ADG Datasheet HTML 10Page - ON Semiconductor NLV74HC595ADG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MC74HC595A
www.onsemi.com
7
FUNCTION TABLE
Operation
Inputs
Resulting Function
Reset
Serial
Input
A
Shift
Clock
Latch
Clock
Output
Enable
Shift
Register
Contents
Latch
Register
Contents
Serial
Output
SQH
Parallel
Outputs
QA − QH
Reset shift register
L
X
X
L, H,
L
L
U
L
U
Shift data into shift
register
H
D
L, H,
L
D
→ SRA;
SRN → SRN+1
U
SRG → SRH
U
Shift register remains
unchanged
H
X
L, H,
L, H,
L
U
U
U
U
Transfer shift register
contents to latch
register
H
X
L, H,
L
U
SRN → LRN
U
SRN
Latch register remains
unchanged
X
X
X
L, H,
L
*
U
*
U
Enable parallel outputs
X
X
X
X
L
*
**
*
Enabled
Force outputs into high
impedance state
X
X
X
X
H
*
**
*
Z
SR = shift register contents
D = data (L, H) logic level
↑ = Low−to−High
* = depends on Reset and Shift Clock inputs
LR = latch register contents
U = remains unchanged
↓ = High−to−Low
** = depends on Latch Clock input
PIN DESCRIPTIONS
INPUTS
A (Pin 14)
Serial Data Input. The data on this pin is shifted into the
8−bit serial shift register.
CONTROL INPUTS
Shift Clock (Pin 11)
Shift Register Clock Input. A low− to−high transition on
this input causes the data at the Serial Input pin to be shifted
into the 8−bit shift register.
Reset (Pin 10)
Active−low, Asynchronous, Shift Register Reset Input. A
low on this pin resets the shift register portion of this device
only. The 8−bit latch is not affected.
Latch Clock (Pin 12)
Storage Latch Clock Input. A low−to−high transition on
this input latches the shift register data.
Output Enable (Pin 13)
Active−low Output Enable. A low on this input allows the
data from the latches to be presented at the outputs. A high
on this input forces the outputs (QA−QH) into the
high−impedance state. The serial output is not affected by
this control unit.
OUTPUTS
QA − QH (Pins 15, 1, 2, 3, 4, 5, 6, 7)
Noninverted, 3−state, latch outputs.
SQH (Pin 9)
Noninverted, Serial Data Output. This is the output of the
eighth stage of the 8−bit shift register. This output does not
have three−state capability.


Similar Part No. - NLV74HC595ADG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLV74HC595ADG ONSEMI-NLV74HC595ADG Datasheet
159Kb / 11P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register
September, 2012 ??Rev. 14
NLV74HC595ADG ONSEMI-NLV74HC595ADG Datasheet
158Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
July, 2013 ??Rev. 15
More results

Similar Description - NLV74HC595ADG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC165A ONSEMI-MC74HC165A Datasheet
112Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register
July, 2000 ??Rev. 4
logo
System Logic Semiconduc...
SL74HC165 SLS-SL74HC165 Datasheet
67Kb / 7P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
SL74HC166 SLS-SL74HC166 Datasheet
63Kb / 6P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
logo
ON Semiconductor
MC74HC595ADTR2G ONSEMI-MC74HC595ADTR2G Datasheet
159Kb / 11P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register
September, 2012 ??Rev. 14
logo
Motorola, Inc
MC54-74HC165A MOTOROLA-MC54-74HC165A Datasheet
288Kb / 9P
   8-BIT SERIAL OR PARALLEL-INPUT/SERIAL-OUTPUT SHIFT REGISTER
logo
ON Semiconductor
MC74HC597A ONSEMI-MC74HC597A Datasheet
150Kb / 12P
   8-Bit Serial or Parallel- Input/Serial-Output Shift Register
July, 2013 ??Rev. 3
MC74HC165A ONSEMI-MC74HC165A_16 Datasheet
135Kb / 12P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
October, 2014 ??Rev. 9
logo
Integral Corp.
IN74ACT164 INTEGRAL-IN74ACT164 Datasheet
166Kb / 5P
   8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
logo
ON Semiconductor
MC74HC164B ONSEMI-MC74HC164B Datasheet
97Kb / 9P
   8-Bit Serial-Input/Parallel- Output Shift Register
March, 2016 ??Rev. 2
logo
System Logic Semiconduc...
SL74LS164 SLS-SL74LS164 Datasheet
36Kb / 4P
   8-Bit Serial-Input/Parallel-Output Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com