Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HCT4851ADG Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74HCT4851ADG
Description  Analog Multiplexers/ Demultiplexers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT4851ADG Datasheet(HTML) 5 Page - ON Semiconductor

  MC74HCT4851ADG Datasheet HTML 1Page - ON Semiconductor MC74HCT4851ADG Datasheet HTML 2Page - ON Semiconductor MC74HCT4851ADG Datasheet HTML 3Page - ON Semiconductor MC74HCT4851ADG Datasheet HTML 4Page - ON Semiconductor MC74HCT4851ADG Datasheet HTML 5Page - ON Semiconductor MC74HCT4851ADG Datasheet HTML 6Page - ON Semiconductor MC74HCT4851ADG Datasheet HTML 7Page - ON Semiconductor MC74HCT4851ADG Datasheet HTML 8Page - ON Semiconductor MC74HCT4851ADG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MC74HCT4851A, MC74HCT4852A
www.onsemi.com
5
Figure 5. Typical On Resistance VCC = 4.5V
Figure 6. Injection Current Coupling Specification
Current Source
HP4155C
Smu #2
Vin1 = 4.9 V (Smu3)
Iin1 measure here
Vm1 connected here.
Vin2 / Iin2 meas. here.
GND or VSS
3
NOTES: Rs = 3.9 K
W or 20 KW.
NOTES: Vm1 & Vm2 are internal
NOTES:
HP4155C Voltmeters.
16
4
13
6
8
External DC P.S.
VCC = 5 V
X
Vout
Vm2 connected here.
X7
X0
RS


Similar Part No. - MC74HCT4851ADG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT4851ADG ONSEMI-MC74HCT4851ADG Datasheet
205Kb / 13P
   Analog Multiplexers/ Demultiplexers with Injection Current Effect Control with LSTTL Compatible Inputs
November, 2009 ??Rev. 1
MC74HCT4851ADG ONSEMI-MC74HCT4851ADG Datasheet
166Kb / 14P
   Analog Multiplexers/ Demultiplexers with Injection Current Effect Control with LSTTL Compatible Inputs
April, 2013 ??Rev. 6
MC74HCT4851ADG ONSEMI-MC74HCT4851ADG Datasheet
166Kb / 14P
   Analog Multiplexers/ Demultiplexers with
April, 2013 ??Rev. 6
More results

Similar Description - MC74HCT4851ADG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
   Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
   ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
   Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
341Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4051B STMICROELECTRONICS-HCC4051B Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com