Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLSV4T244 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLSV4T244
Description  4-Bit Dual-Supply Non-Inverting Level Translator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSV4T244 Datasheet(HTML) 4 Page - ON Semiconductor

  NLSV4T244_15 Datasheet HTML 1Page - ON Semiconductor NLSV4T244_15 Datasheet HTML 2Page - ON Semiconductor NLSV4T244_15 Datasheet HTML 3Page - ON Semiconductor NLSV4T244_15 Datasheet HTML 4Page - ON Semiconductor NLSV4T244_15 Datasheet HTML 5Page - ON Semiconductor NLSV4T244_15 Datasheet HTML 6Page - ON Semiconductor NLSV4T244_15 Datasheet HTML 7Page - ON Semiconductor NLSV4T244_15 Datasheet HTML 8Page - ON Semiconductor NLSV4T244_15 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NLSV4T244
www.onsemi.com
4
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
VCCA (V)
VCCB (V)
−40
5C to +855C
Unit
Min
Max
VIH
Input HIGH Voltage
(An, OE)
3.6 – 4.5
0.9 – 4.5
2.2
V
2.7 – 3.6
2.0
2.3 – 2.7
1.6
1.4 − 2.3
0.65 * VCCA
0.9 – 1.4
0.9 * VCCA
VIL
Input LOW Voltage
(An, OE)
3.6 – 4.5
0.9 – 4.5
0.8
V
2.7 – 3.6
0.8
2.3 – 2.7
0.7
1.4 − 2.3
0.35 * VCCA
0.9 – 1.4
0.1 * VCCA
VOH
Output HIGH Voltage
IOH = −100 mA; VI = VIH
0.9 – 4.5
0.9 – 4.5
VCCB – 0.2
V
IOH = −0.5 mA; VI = VIH
0.9
0.9
0.75 * VCCB
IOH = −2 mA; VI = VIH
1.4
1.4
1.05
IOH = −6 mA; VI = VIH
1.65
1.65
1.25
2.3
2.3
2.0
IOH = −12 mA; VI = VIH
2.3
2.3
1.8
2.7
2.7
2.2
IOH = −18 mA; VI = VIH
2.3
2.3
1.7
3.0
3.0
2.4
IOH = −24 mA; VI = VIH
3.0
3.0
2.2
VOL
Output LOW Voltage
IOL = 100 mA; VI = VIL
0.9 – 4.5
0.9 – 4.5
0.2
V
IOL = 0.5 mA; VI = VIL
1.1
1.1
0.3
IOL = 2 mA; VI = VIL
1.4
1.4
0.35
IOL = 6 mA; VI = VIL
1.65
1.65
0.3
IOL = 12 mA; VI = VIL
2.3
2.3
0.4
2.7
2.7
0.4
IOL = 18 mA; VI = VIL
2.3
2.3
0.6
3.0
3.0
0.45
IOL = 24 mA; VI = VIL
3.0
3.0
0.6
II
Input Leakage Current
VI = VCCA or GND
0.9 – 4.5
0.9 – 4.5
−1.0
1.0
mA
IOFF
Power−Off Leakage Current
OE = 0 V
0
0.9 – 4.5
0.9 – 4.5
0
−1.0
−1.0
1.0
1.0
mA
ICCA
Quiescent Supply Current
VI = VCCA or GND;
IO = 0, VCCA = VCCB
0.9 – 4.5
0.9 − 4.5
2.0
mA
ICCB
Quiescent Supply Current
VI = VCCA or GND;
IO = 0, VCCA = VCCB
0.9 – 4.5
0.9 − 4.5
2.0
mA
ICCA + ICCB Quiescent Supply Current
VI = VCCA or GND;
IO = 0, VCCA = VCCB
0.9 – 4.5
0.9 – 4.5
4.0
mA
DICCA
Increase in ICC per Input Voltage,
Other Inputs at VCCA or GND
VI = VCCA – 0.6 V;
VI = VCCA or GND
4.5
3.6
4.5
3.6
10
5.0
mA
DICCB
Increase in ICC per Input Voltage,
Other Inputs at VCCA or GND
VI = VCCA – 0.6 V;
VI = VCCA or GND
4.5
3.6
4.5
3.6
10
5.0
mA
IOZ
I/O Tri−State Output Leakage
Current
TA = 25°C, OE = VCCA
0.9 – 4.5
0.9 – 4.5
−1.0
1.0
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NLSV4T244_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSV4T244 ONSEMI-NLSV4T244_12 Datasheet
148Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 4
More results

Similar Description - NLSV4T244_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSV4T3144 ONSEMI-NLSV4T3144_15 Datasheet
83Kb / 7P
   4-Bit Dual-Supply Non-Inverting Level Translator
June, 2015 ??Rev. 1
NLSV4T244 ONSEMI-NLSV4T244_12 Datasheet
148Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 4
NLSV4T244E ONSEMI-NLSV4T244E Datasheet
150Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
June, 2011 ??Rev. 1
NLSV4T3144 ONSEMI-NLSV4T3144 Datasheet
123Kb / 7P
   4-Bit Dual-Supply Non-Inverting Level Translator
March, 2013 ??Rev. 0
NLSV4T244 ONSEMI-NLSV4T244 Datasheet
170Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
December, 2009 ??Rev. 3
SLSV4T244 ONSEMI-SLSV4T244 Datasheet
81Kb / 8P
   4-Bit Dual-Supply Non-Inverting Level Translator
March, 2015 ??Rev. 0
NLSV8T244 ONSEMI-NLSV8T244 Datasheet
171Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
June, 2009 ??Rev. 1
NLSV1T244 ONSEMI-NLSV1T244 Datasheet
90Kb / 6P
   1-Bit Dual-Supply Non-Inverting Level Translator
November, 2007 - Rev. 1
NLSV2T244 ONSEMI-NLSV2T244_12 Datasheet
144Kb / 9P
   2-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 2
NLSV8T244 ONSEMI-NLSV8T244_12 Datasheet
150Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
February, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com