Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLSX5011AMUTBG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NLSX5011AMUTBG
Description  1-Bit 100 Mb/s Configurable Dual-Supply Level Translator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX5011AMUTBG Datasheet(HTML) 5 Page - ON Semiconductor

  NLSX5011AMUTBG Datasheet HTML 1Page - ON Semiconductor NLSX5011AMUTBG Datasheet HTML 2Page - ON Semiconductor NLSX5011AMUTBG Datasheet HTML 3Page - ON Semiconductor NLSX5011AMUTBG Datasheet HTML 4Page - ON Semiconductor NLSX5011AMUTBG Datasheet HTML 5Page - ON Semiconductor NLSX5011AMUTBG Datasheet HTML 6Page - ON Semiconductor NLSX5011AMUTBG Datasheet HTML 7Page - ON Semiconductor NLSX5011AMUTBG Datasheet HTML 8Page - ON Semiconductor NLSX5011AMUTBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NLSX5011
www.onsemi.com
5
TIMING CHARACTERISTICS
Symbol
Parameter
Test Conditions
(Note 5)
VCC (V)
(Note 6)
VL (V)
(Note 7)
−55
5C to +1255C
Unit
Min
Typ
(Note 8)
Max
tR−VCC
I/O VCC Rise Time
CIOVCC = 15 pF
0.9 – 4.5
0.9 – 4.5
8.5
nS
1.8 – 4.5
1.8 – 4.5
3.5
tF−VCC
I/O VCC Fall Time
CIOVCC = 15 pF
0.9 – 4.5
0.9 – 4.5
8.5
nS
1.8 – 4.5
1.8 – 4.5
3.5
tR−VL
I/O VL Rise Time
CIOVL = 15 pF
0.9 – 4.5
0.9 – 4.5
8.5
nS
1.8 – 4.5
1.8 – 4.5
3.5
tF−VL
I/O VL Fall Time
CIOVL = 15 pF
0.9 – 4.5
0.9 – 4.5
8.5
nS
1.8 – 4.5
1.8 – 4.5
3.5
ZOVCC
I/O VCC One−Shot
Output Impedance
(Note 9)
0.9
1.8
4.5
0.9 – 4.5
37
20
6.0
W
ZOVL
I/O VL One−Shot Out-
put Impedance
(Note 9)
0.9
1.8
4.5
0.9 – 4.5
37
20
6.0
W
tPD_VL−VCC Propagation Delay
(Driving I/O VCC)
CIOVCC = 15 pF
0.9 – 4.5
0.9 – 4.5
35
nS
1.8 – 4.5
1.8 – 4.5
10
CIOVCC = 30 pF
0.9 – 4.5
0.9 – 4.5
35
1.8 – 4.5
1.8 – 4.5
10
CIOVCC = 50 pF
1.0 – 4.5
1.0 – 4.5
37
1.8 – 4.5
1.8 – 4.5
11
CIOVCC = 100 pF
1.2 – 4.5
1.2 – 4.5
40
1.8 – 4.5
1.8 – 4.5
13
tPD_VCC−VL Propagation Delay
(Driving I/O VL)
CIOVL = 15 pF
0.9 – 4.5
0.9 – 4.5
35
nS
1.8 – 4.5
1.8 – 4.5
10
CIOVL = 30 pF
0.9 – 4.5
0.9 – 4.5
35
1.8 – 4.5
1.8 – 4.5
10
CIOVL = 50 pF
1.0 – 4.5
1.0 – 4.5
37
1.8 – 4.5
1.8 – 4.5
11
CIOVL = 100 pF
1.2 – 4.5
1.2 – 4.5
40
1.8 – 4.5
1.8 – 4.5
13
tSK
Channel−to−Channel
Skew
CIOVCC = 15 pF, CIOVL = 15 pF
(Note 9)
0.9 – 4.5
0.9 – 4.5
0.15
nS
IIN_PEAK
Input Driver Maximum
Peak Current
EN = VL;
I/O_VCC = 1 MHz Square Wave,
Amplitude = VCC, or
I/O_VL = 1 MHz Square Wave,
Amplitude = VL (Note 9)
0.9 – 4.5
0.9 – 4.5
5.0
mA
5. Normal test conditions are VI = 0 V, CIOVCC ≤ 15 pF and CIOVL ≤ 15 pF, unless otherwise specified.
6. VCC is the supply voltage associated with the I/O VCC port, and VCC ranges from +0.9 V to 4.5 V under normal operating conditions.
7. VL is the supply voltage associated with the I/O VL port, and VL ranges from +0.9 V to 4.5 V under normal operating conditions.
8. Typical values are for VCC = +2.8 V, VL = +1.8 V and TA = +25°C. All units are production tested at TA = +25°C. Limits over the operating
temperature range are guaranteed by design.
9. Guaranteed by design.


Similar Part No. - NLSX5011AMUTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX5011AMX1TCG ONSEMI-NLSX5011AMX1TCG Datasheet
161Kb / 13P
   1-Bit 100 Mb/s Configurable Dual-Supply Level Translator
July, 2010 ??Rev. 0
More results

Similar Description - NLSX5011AMUTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX5011 ONSEMI-NLSX5011 Datasheet
161Kb / 13P
   1-Bit 100 Mb/s Configurable Dual-Supply Level Translator
July, 2010 ??Rev. 0
NLSX5012 ONSEMI-NLSX5012 Datasheet
171Kb / 14P
   2-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2010 ??Rev. 1
NLSX3018 ONSEMI-NLSX3018 Datasheet
177Kb / 12P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2009 ??Rev. 0
NLSX4014 ONSEMI-NLSX4014 Datasheet
180Kb / 13P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
December, 2009 ??Rev. 3
NLSX3013 ONSEMI-NLSX3013_17 Datasheet
96Kb / 10P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2017 ??Rev. 4
NLSX3013 ONSEMI-NLSX3013_15 Datasheet
95Kb / 10P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
January, 2015 ??Rev. 3
NLSX5014 ONSEMI-NLSX5014_18 Datasheet
172Kb / 14P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
April, 2018 ??Rev. 8
NLSX5004 ONSEMI-NLSX5004 Datasheet
236Kb / 16P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
February, 2021 ??Rev. 1
NLSX3018 ONSEMI-NLSX3018_13 Datasheet
150Kb / 12P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
July, 2013 ??Rev. 2
NLSX4014 ONSEMI-NLSX4014_15 Datasheet
112Kb / 13P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
December, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com