Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLSX5011 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLSX5011
Description  1-Bit 100 Mb/s Configurable Dual-Supply Level Translator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX5011 Datasheet(HTML) 3 Page - ON Semiconductor

  NLSX5011 Datasheet HTML 1Page - ON Semiconductor NLSX5011 Datasheet HTML 2Page - ON Semiconductor NLSX5011 Datasheet HTML 3Page - ON Semiconductor NLSX5011 Datasheet HTML 4Page - ON Semiconductor NLSX5011 Datasheet HTML 5Page - ON Semiconductor NLSX5011 Datasheet HTML 6Page - ON Semiconductor NLSX5011 Datasheet HTML 7Page - ON Semiconductor NLSX5011 Datasheet HTML 8Page - ON Semiconductor NLSX5011 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NLSX5011
www.onsemi.com
3
Figure 5. Logic Diagram
VL VCC GND
EN
I/O VL
I/O VCC
Figure 6. Pin Assignments
ULLGA6/UDFN6
(Top View)
VCC
I/O VCC
EN
VL
I/O VL
GND
6
5
4
1
2
3
PIN ASSIGNMENT
Pins
Description
VCC
VCC Input Voltage
VL
VL Input Voltage
GND
Ground
EN
Output Enable
I/O VCCn
I/O Port, Referenced to VCC
I/O VLn
I/O Port, Referenced to VL
FUNCTION TABLE
EN
Operating Mode
L
Hi−Z
H
I/O Buses Connected
MAXIMUM RATINGS
Symbol
Parameter
Value
Condition
Unit
VCC
High−side DC Supply Voltage
−0.5 to +5.5
V
VL
Low−side DC Supply Voltage
−0.5 to +5.5
V
I/O VCC
VCC−Referenced DC Input/Output Voltage
−0.5 to +5.5
V
I/O VL
VL−Referenced DC Input/Output Voltage
−0.5 to +5.5
V
VI
Enable Control Pin DC Input Voltage
−0.5 to +5.5
V
IIK
DC Input Diode Current
−50
VI < GND
mA
IOK
DC Output Diode Current
−50
VO < GND
mA
ICC
DC Supply Current Through VCC
$100
mA
IL
DC Supply Current Through VL
$100
mA
IGND
DC Ground Current Through Ground Pin
$100
mA
TSTG
Storage Temperature
−65 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
High−side Positive DC Supply Voltage
0.9
4.5
V
VL
Low−side Positive DC Supply Voltage
0.9
4.5
V
VI
Enable Control Pin Voltage
GND
4.5
V
VIO
Bus Input/Output Voltage
I/O VCC
I/O VL
GND
GND
4.5
4.5
V
TA
Operating Temperature Range
−55
+125
°C
Dt/DV
Input Transition Rise or Rate
VI, VIO from 30% to 70% of VCC; VCC = 3.3 V $ 0.3 V
0
10
ns
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the
Recommended Operating Ranges limits may affect device reliability.


Similar Part No. - NLSX5011

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX5011 ONSEMI-NLSX5011 Datasheet
161Kb / 13P
   1-Bit 100 Mb/s Configurable Dual-Supply Level Translator
July, 2010 ??Rev. 0
NLSX5011AMX1TCG ONSEMI-NLSX5011AMX1TCG Datasheet
161Kb / 13P
   1-Bit 100 Mb/s Configurable Dual-Supply Level Translator
July, 2010 ??Rev. 0
NLSX5011BMX1TCG ONSEMI-NLSX5011BMX1TCG Datasheet
161Kb / 13P
   1-Bit 100 Mb/s Configurable Dual-Supply Level Translator
July, 2010 ??Rev. 0
NLSX5011MUTCG ONSEMI-NLSX5011MUTCG Datasheet
161Kb / 13P
   1-Bit 100 Mb/s Configurable Dual-Supply Level Translator
July, 2010 ??Rev. 0
More results

Similar Description - NLSX5011

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX5011 ONSEMI-NLSX5011 Datasheet
161Kb / 13P
   1-Bit 100 Mb/s Configurable Dual-Supply Level Translator
July, 2010 ??Rev. 0
NLSX5012 ONSEMI-NLSX5012 Datasheet
171Kb / 14P
   2-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2010 ??Rev. 1
NLSX3018 ONSEMI-NLSX3018 Datasheet
177Kb / 12P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2009 ??Rev. 0
NLSX4014 ONSEMI-NLSX4014 Datasheet
180Kb / 13P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
December, 2009 ??Rev. 3
NLSX3013 ONSEMI-NLSX3013_17 Datasheet
96Kb / 10P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2017 ??Rev. 4
NLSX3013 ONSEMI-NLSX3013_15 Datasheet
95Kb / 10P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
January, 2015 ??Rev. 3
NLSX5014 ONSEMI-NLSX5014_18 Datasheet
172Kb / 14P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
April, 2018 ??Rev. 8
NLSX5004 ONSEMI-NLSX5004 Datasheet
236Kb / 16P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
February, 2021 ??Rev. 1
NLSX3018 ONSEMI-NLSX3018_13 Datasheet
150Kb / 12P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
July, 2013 ??Rev. 2
NLSX4014 ONSEMI-NLSX4014_15 Datasheet
112Kb / 13P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
December, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com