Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP90R340C3 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPP90R340C3
Description  CoolMOS??Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP90R340C3 Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPP90R340C3 Datasheet HTML 1Page - Infineon Technologies AG IPP90R340C3 Datasheet HTML 2Page - Infineon Technologies AG IPP90R340C3 Datasheet HTML 3Page - Infineon Technologies AG IPP90R340C3 Datasheet HTML 4Page - Infineon Technologies AG IPP90R340C3 Datasheet HTML 5Page - Infineon Technologies AG IPP90R340C3 Datasheet HTML 6Page - Infineon Technologies AG IPP90R340C3 Datasheet HTML 7Page - Infineon Technologies AG IPP90R340C3 Datasheet HTML 8Page - Infineon Technologies AG IPP90R340C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IPP90R340C3
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
2400
-
pF
Output capacitance
C oss
-
120
-
Effective output capacitance, energy
related
5)
C o(er)
-71-
Effective output capacitance, time
related
6)
C o(tr)
-
280
-
Turn-on delay time
t d(on)
-70-
ns
Rise time
t r
-20-
Turn-off delay time
t d(off)
-
400
-
Fall time
t f
-25-
Gate Charge Characteristics
Gate to source charge
Q gs
-11-
nC
Gate to drain charge
Q gd
-41-
Gate charge total
Q g
-
94
tbd
Gate plateau voltage
V plateau
-
4.6
-
V
Reverse Diode
Diode forward voltage
V SD
V GS=0 V, I F=9.2 A,
T j=25 °C
-
0.8
1.2
V
Reverse recovery time
t rr
-
510
-
ns
Reverse recovery charge
Q rr
-11-
µC
Peak reverse recovery current
I rrm
-41-
A
6) C
o(tr) is a fixed capacitance that gives the same charging time as C oss while V DS is rising from 0 to 50% V DSS.
5) C
o(er) is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 to 50% VDSS.
V R=400 V, I F=I S,
di F/dt =100 A/µs
3) Repetitive avalanche causes additional power losses that can be calculated asP
AV=E AR*f.
4) I
SD≤ID, di/dt≤200A/µs, VDClink=400V, Vpeak<V(BR)DSS, TJ<TJ,max, identical low side and high side switch
1) J-STD20 and JESD22
2) Pulse width t
p limited by T J,max
Values
V GS=0 V, V DS=100 V,
f =1 MHz
V DD=400 V,
V GS=10 V, I D=9.2A,
R G=23.1 Ω
V DD=400 V, I D=9.2 A,
V GS=0 to 10 V
V GS=0 V, V DS=0 V
to 500 V
Rev. 1.
1
page 3
20
12-01-10


Similar Part No. - IPP90R340C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP90R340C3 INFINEON-IPP90R340C3 Datasheet
292Kb / 10P
   CoolMOS??Power Transistor
Rev. 1.0 2008-07-29
logo
Inchange Semiconductor ...
IPP90R340C3 ISC-IPP90R340C3 Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IPP90R340C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB60R165CP INFINEON-IPB60R165CP Datasheet
335Kb / 10P
   CoolMOS Power Transistor
Rev. 2.1 2009-06-05
IPW60R045CP INFINEON-IPW60R045CP Datasheet
355Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
IPI60R199CP INFINEON-IPI60R199CP Datasheet
323Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
IPP60R199CP INFINEON-IPP60R199CP Datasheet
338Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
SPA11N60CFD INFINEON-SPA11N60CFD Datasheet
262Kb / 12P
   CoolMOS Power Transistor
Rev. 1.2 2006-05-15
IPW60R299CP INFINEON-IPW60R299CP Datasheet
353Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-04-04
SPA06N60C3 INFINEON-SPA06N60C3 Datasheet
202Kb / 10P
   CoolMOS Power Transistor
Rev. 1.0 2004-04-27
IPD60R385CP INFINEON-IPD60R385CP Datasheet
350Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-04-04
IPW90R340C3 INFINEON-IPW90R340C3 Datasheet
761Kb / 11P
   CoolMOS Power Transistor
2008-07-29 revision:1.0
IPA60R125CP INFINEON-IPA60R125CP_07 Datasheet
562Kb / 10P
   CoolMos Power Transistor
2007-11-30 revision:2.1
SPA11N60CFD_1012 INFINEON-SPA11N60CFD_1012 Datasheet
560Kb / 12P
   CoolMOS Power Transistor
Rev. 1.4 2010-12-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com