Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F0122PA050SC01 Datasheet(PDF) 6 Page - Vincotech

Part # F0122PA050SC01
Description  Compact and low inductance design
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

F0122PA050SC01 Datasheet(HTML) 6 Page - Vincotech

Back Button F0122PA050SC01 Datasheet HTML 2Page - Vincotech F0122PA050SC01 Datasheet HTML 3Page - Vincotech F0122PA050SC01 Datasheet HTML 4Page - Vincotech F0122PA050SC01 Datasheet HTML 5Page - Vincotech F0122PA050SC01 Datasheet HTML 6Page - Vincotech F0122PA050SC01 Datasheet HTML 7Page - Vincotech F0122PA050SC01 Datasheet HTML 8Page - Vincotech F0122PA050SC01 Datasheet HTML 9Page - Vincotech F0122PA050SC01 Datasheet HTML 10Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
FZ12 / F0122PA050SC01
preliminary datasheet
Figure 9
Output inverter IGBT
Figure 10
Output inverter IGBT
Typical switching times as a
Typical switching times as a
function of collector current
function of gate resistor
t = f(IC)
t = f(RG)
With an inductive load at
With an inductive load at
Tj =
150
°C
Tj =
150
°C
VCE =
600
V
VCE =
600
V
VGE =
±15
V
VGE =
±15
V
Rgon =
8
IC =
50
A
Rgoff =
8
Figure 11
Output inverter FRED
Figure 12
Output inverter FRED
Typical reverse recovery time as a
Typical reverse recovery time as a
function of collector current
function of IGBT turn on gate resistor
trr = f(IC)
trr = f(Rgon)
At
At
Tj =
25/150
°C
Tj =
25/150
°C
VCE =
600
V
VR =
600
V
VGE =
±15
V
IF =
50
A
Rgon =
8
VGE =
±15
V
Output Inverter
tdoff
tf
tdon
tr
0,001
0,01
0,1
1
0
2040
6080
100
I C (A)
Tj = Tjmax -25°C
trr
Tj = 25°C
trr
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0
8
16
24
32
40
R gon (
Ω )
tdoff
tf
tdon
tr
0,001
0,01
0,1
1
0
8
16
24
32
40
R G (
Ω )
Tj = Tjmax -25°C
trr
trr
Tj = 25°C
0
0,08
0,16
0,24
0,32
0,4
0
2040
6080
100
I C (A)
6
Revision: 1
Copyright by Vincotech


Similar Part No. - F0122PA050SC01

ManufacturerPart #DatasheetDescription
logo
Eichhoff Electronics,In...
F012-000 EICHHOFF-F012-000 Datasheet
258Kb / 4P
   Funk-Entst철rfilter im ovalen Metallgeh채use Radio-Interference Suppression Filters
F012-001 EICHHOFF-F012-001 Datasheet
107Kb / 2P
   Funk-Entst철rfilter im rechteckigen Kunststoffgeh채use
F012-003 EICHHOFF-F012-003 Datasheet
107Kb / 2P
   Funk-Entst철rfilter im rechteckigen Kunststoffgeh채use
F012-009 EICHHOFF-F012-009 Datasheet
107Kb / 2P
   Funk-Entst철rfilter im rechteckigen Kunststoffgeh채use
F012-010 EICHHOFF-F012-010 Datasheet
97Kb / 2P
   Funk-Entst철rfilter f체r Printmontage im Kunststoffgeh채use und Metallgeh채use
More results

Similar Description - F0122PA050SC01

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ122PA050SC01-P997F18 VINCOTECH-10-FZ122PA050SC01-P997F18 Datasheet
2Mb / 15P
   Compact and low inductance design
V23990-P823-F10-PM VINCOTECH-V23990-P823-F10-PM Datasheet
737Kb / 15P
   Compact and Low Inductance Design
10-FZ122PA075SC-P998F08 VINCOTECH-10-FZ122PA075SC-P998F08 Datasheet
2Mb / 15P
   Compact and low inductance design
V23990-P823-F-PM VINCOTECH-V23990-P823-F-PM Datasheet
1Mb / 16P
   Compact and Low Inductance Design
10-FZ062TA030 VINCOTECH-10-FZ062TA030 Datasheet
2Mb / 20P
   Compact and low inductance design
10-FZ122PA100SC01-P999F18 VINCOTECH-10-FZ122PA100SC01-P999F18 Datasheet
2Mb / 15P
   Compact and low inductance design
V23990-P824-F10-PM VINCOTECH-V23990-P824-F10-PM Datasheet
700Kb / 16P
   Compact and Low Inductance Design
V23990-P824-F10-P2-14 VINCOTECH-V23990-P824-F10-P2-14 Datasheet
1Mb / 16P
   Compact and Low Inductance Design
10-FZ062TA040FB-P984D18 VINCOTECH-10-FZ062TA040FB-P984D18 Datasheet
2Mb / 20P
   Compact and low inductance design
V23990-P829-F10-PM VINCOTECH-V23990-P829-F10-PM Datasheet
1Mb / 16P
   Compact and Low Inductance Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com