Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB041B-RC Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT45DB041B-RC
Description  4-megabit 2.5-volt Only or 2.7-volt Only DataFlash
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB041B-RC Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT45DB041B-RC Datasheet HTML 5Page - ATMEL Corporation AT45DB041B-RC Datasheet HTML 6Page - ATMEL Corporation AT45DB041B-RC Datasheet HTML 7Page - ATMEL Corporation AT45DB041B-RC Datasheet HTML 8Page - ATMEL Corporation AT45DB041B-RC Datasheet HTML 9Page - ATMEL Corporation AT45DB041B-RC Datasheet HTML 10Page - ATMEL Corporation AT45DB041B-RC Datasheet HTML 11Page - ATMEL Corporation AT45DB041B-RC Datasheet HTML 12Page - ATMEL Corporation AT45DB041B-RC Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
9
AT45DB041B
1938F–DFLSH–10/02
WRITE PROTECT: If the WP pin is held low, the first 256 pages of the main memory
cannot be reprogrammed. The only way to reprogram the first 256 pages is to first drive
the protect pin high and then use the program commands previously mentioned. The
WP pin is internally pulled high; therefore, connection of the WP pin is not necessary if
this pin and feature will not be utilized. However, it is recommended that the WP pin be
driven high externally whenever possible.
RESET: A low state on the reset pin (RESET) will terminate the operation in progress
and reset the internal state machine to an idle state. The device will remain in the reset
condition as long as a low level is present on the RESET pin. Normal operation can
resume once the RESET pin is brought back to a high level.
The device incorporates an internal power-on reset circuit, so there are no restrictions
on the RESET pin during power-on sequences. The RESET pin is also internally pulled
high; therefore, connection of the RESET pin is not necessary if this pin and feature will
not be utilized. However, it is recommended that the RESET pin be driven high exter-
nally whenever possible.
READY/BUSY: This open drain output pin will be driven low when the device is busy in
an internally self-timed operation. This pin, which is normally in a high state (through
a1 k
W external pull-up resistor), will be pulled low during programming operations, com-
pare operations, and during page-to-buffer transfers.
The busy status indicates that the Flash memory array and one of the buffers cannot be
accessed; read and write operations to the other buffer can still be performed.
Power-on/Reset State When power is first applied to the device, or when recovering from a reset condition, the
device will default to SPI Mode 3. In addition, the SO pin will be in a high-impedance
state, and a high-to-low transition on the CS pin will be required to start a valid instruc-
tion. The SPI mode will be automatically selected on every falling edge of CS by
sampling the inactive clock state.


Similar Part No. - AT45DB041B-RC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB041B-RC ATMEL-AT45DB041B-RC Datasheet
512Kb / 35P
   4-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB041B-RC-2.5 ATMEL-AT45DB041B-RC-2.5 Datasheet
512Kb / 35P
   4-megabit 2.5-volt or 2.7-volt DataFlash
More results

Similar Description - AT45DB041B-RC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB081B ATMEL-AT45DB081B Datasheet
414Kb / 32P
   8-megabit 2.5-volt Only or 2.7-volt Only DataFlash
AT45DB081B ATMEL-AT45DB081B_05 Datasheet
530Kb / 33P
   8-megabit 2.5-volt Only or 2.7-volt Only DataFlash
AT45DB161B ATMEL-AT45DB161B Datasheet
351Kb / 33P
   16 MEGABIT 2.5-VOLT ONLY OR 2.7-VOLT ONLY DATAFLASH
logo
List of Unclassifed Man...
AT45DB041D ETC2-AT45DB041D Datasheet
1Mb / 53P
   4-megabit 2.5-volt or 2.7-volt DataFlash
logo
ATMEL Corporation
AT45DB041D ATMEL-AT45DB041D_08 Datasheet
1Mb / 53P
   4-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB041B ATMEL-AT45DB041B Datasheet
512Kb / 35P
   4-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB041D ATMEL-AT45DB041D_07 Datasheet
1Mb / 53P
   4-megabit 2.5-volt or 2.7-volt DataFlash
AT26DF041 ATMEL-AT26DF041 Datasheet
553Kb / 20P
   4-MEGABIT 3.0-VOLT ONLY OR 2.7-VOLT ONLY SERIAL FIRMWARE DATAFLASH-R
AT45DB041 ATMEL-AT45DB041 Datasheet
209Kb / 18P
   4-Megabit 2.7-volt Only Serial DataFlash
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
   2-megabit 2.7-volt Only DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com