Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPI200N25N3G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPI200N25N3G
Description  OptiMOSTM3 Power-Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPI200N25N3G Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPI200N25N3G Datasheet HTML 1Page - Infineon Technologies AG IPI200N25N3G Datasheet HTML 2Page - Infineon Technologies AG IPI200N25N3G Datasheet HTML 3Page - Infineon Technologies AG IPI200N25N3G Datasheet HTML 4Page - Infineon Technologies AG IPI200N25N3G Datasheet HTML 5Page - Infineon Technologies AG IPI200N25N3G Datasheet HTML 6Page - Infineon Technologies AG IPI200N25N3G Datasheet HTML 7Page - Infineon Technologies AG IPI200N25N3G Datasheet HTML 8Page - Infineon Technologies AG IPI200N25N3G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
IPB200N25N3 G
IPP200N25N3 G
IPI200N25N3 G
5 Typ. output characteristics
6 Typ. drain-source on resistance
I D=f(V DS); T j=25 °C
R DS(on)=f(I D); T j=25 °C
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. forward transconductance
I D=f(V GS); |V DS|>2|I D|R DS(on)max
g fs=f(I D); T j=25 °C
parameter: T j
4.5 V
5 V
7 V
10 V
0
5
10
15
20
25
30
0
20
40
60
80
100
120
140
I
D [A]
25 °C
175 °C
0
20
40
60
80
100
120
140
0
2
4
6
8
V
GS [V]
0
20
40
60
80
100
120
140
160
180
0
25
50
75
100
125
I
D [A]
4.5 V
5 V
7 V
10 V
0
25
50
75
100
125
150
0
1
2
3
4
5
V
DS [V]
Rev. 2.4
page 5
2011-07-14


Similar Part No. - IPI200N25N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPI200N25N3G INFINEON-IPI200N25N3G Datasheet
427Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-10-23
IPI200N25N3G INFINEON-IPI200N25N3G Datasheet
719Kb / 11P
   OptiMOS3 Power-Transistor
Rev. 2.3 2010-10-19
More results

Similar Description - IPI200N25N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP110N20NA INFINEON-IPP110N20NA Datasheet
694Kb / 10P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2011-05-11
IPP114N12N3G INFINEON-IPP114N12N3G_11 Datasheet
309Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.4 2011-11-25
IPA126N10N3G INFINEON-IPA126N10N3G Datasheet
283Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-07-09
BSZ520N15NS3G INFINEON-BSZ520N15NS3G Datasheet
625Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev.2.2 2010-01-25
BSC109N10NS3G INFINEON-BSC109N10NS3G Datasheet
661Kb / 10P
   OptiMOSTM3 Power-Transistor
Rev.2.0 2010-03-25
BSZ12DN20NS3G INFINEON-BSZ12DN20NS3G Datasheet
680Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
IPB200N25N3G INFINEON-IPB200N25N3G Datasheet
427Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-10-23
IPB107N20N3G INFINEON-IPB107N20N3G_11 Datasheet
696Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.3 2011-07-14
BSC16DN25NS3G INFINEON-BSC16DN25NS3G Datasheet
545Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
BSC22DN20NS3G INFINEON-BSC22DN20NS3G Datasheet
536Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com