Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A0-VS122PA300M7-L757F70 Datasheet(PDF) 3 Page - Vincotech

Part # A0-VS122PA300M7-L757F70
Description  Industry standard housing
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

A0-VS122PA300M7-L757F70 Datasheet(HTML) 3 Page - Vincotech

  A0-VS122PA300M7-L757F70 Datasheet HTML 1Page - Vincotech A0-VS122PA300M7-L757F70 Datasheet HTML 2Page - Vincotech A0-VS122PA300M7-L757F70 Datasheet HTML 3Page - Vincotech A0-VS122PA300M7-L757F70 Datasheet HTML 4Page - Vincotech A0-VS122PA300M7-L757F70 Datasheet HTML 5Page - Vincotech A0-VS122PA300M7-L757F70 Datasheet HTML 6Page - Vincotech A0-VS122PA300M7-L757F70 Datasheet HTML 7Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
A0-VS122PA300M7-L757F70
A0-VP122PA300M7-L757F70T
target datasheet
27 Apr. 2016 / Revision 1
3
Copyright Vincotech
Characteristic Values
Parameter
Symbol
Conditions
Value
Unit
VGE [V]
VGS [V]
VCE [V]
VDS [V]
VF [V]
IC [A]
ID [A]
IF [A]
Tj [°C]
Min
Typ
Max
Half Bridge Switch
Half Bridge Diode
Static
Forward voltage
VF
300
25
1,60
2,1
V
125
1,65
Reverse leakage current
IR
1200
25
180
µA
Thermal
25
1,55
2,05
125
1,75
150
1,80
Thermal resistance case to sink
R th(c-s)
phase-change
material
λ = 3,4 W /mK
0,059
K/W
Static
25
5,4
6
6,6
V
Collec tor- emitter saturation voltage
V CEsat
15
Gate- emitter threshold voltage
V GE(th)
V GE = V CE
0,03
300
V
Collec tor- emitter c ut-off current
I CES
0
1200
25
320
µA
Gate- emitter leakage c urrent
I GES
10
0
25
1000
nA
1760
1,5
Input capacitance
C ies
0
10
Internal gate resistance
r g
300
25
2000
nC
Reverse transfer capac itance
C res
640
Gate c harge
Q g
15
600
25
6000
pF
Output capacitance
C oes
0,094
K/W
Thermal
Thermal resistance junc tion to case
R th(j-c)
Thermal resistance junction to case
Rth(j-c)
0,151
K/W
Thermal resistance case to sink
Rth(c-s)
phase-change
material
λ = 3,4 W/mK
0,069
K/W


Similar Part No. - A0-VS122PA300M7-L757F70

ManufacturerPart #DatasheetDescription
logo
Vincotech
A0-VS122PA450M7-L758F70 VINCOTECH-A0-VS122PA450M7-L758F70 Datasheet
298Kb / 7P
   Industry standard housing
A0-VS122PA600M7-L759F70 VINCOTECH-A0-VS122PA600M7-L759F70 Datasheet
298Kb / 7P
   Industry standard housing
A0-VS122PA690M7-L750F70 VINCOTECH-A0-VS122PA690M7-L750F70 Datasheet
1Mb / 16P
   Solid cover technology for higher reliability
More results

Similar Description - A0-VS122PA300M7-L757F70

ManufacturerPart #DatasheetDescription
logo
Vincotech
A0-VS122PA450M7-L758F70 VINCOTECH-A0-VS122PA450M7-L758F70 Datasheet
298Kb / 7P
   Industry standard housing
A0-VS122PA600M7-L759F70 VINCOTECH-A0-VS122PA600M7-L759F70 Datasheet
298Kb / 7P
   Industry standard housing
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
   Industry Standard Package
logo
Energizer
EL123APBP ENERGIZER-EL123APBP Datasheet
253Kb / 1P
   Industry Standard Dimensions
logo
MMD Components
MTBH MMD-MTBH Datasheet
111Kb / 2P
   Industry Standard Package
MVAP MMD-MVAP Datasheet
136Kb / 2P
   Industry Standard Package
logo
Emerson Network Power
BXB100 EMERSON-NETWORKPOWER-BXB100 Datasheet
593Kb / 3P
   Industry standard footprint
logo
MMD Components
MKP MMD-MKP Datasheet
74Kb / 1P
   Industry Standard Package
logo
ATMEL Corporation
ATF16V8CZ ATMEL-ATF16V8CZ_14 Datasheet
596Kb / 26P
   Industry-standard Architecture
logo
Infineon Technologies A...
IRLML0060TRPBF INFINEON-IRLML0060TRPBF Datasheet
297Kb / 10P
   Industry-Standard Pinout
2016-12-20
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com