Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80-M3072PA300SC-K836F30 Datasheet(PDF) 5 Page - Vincotech

Part # 80-M3072PA300SC-K836F30
Description  Integrated NTC sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

80-M3072PA300SC-K836F30 Datasheet(HTML) 5 Page - Vincotech

  80-M3072PA300SC-K836F30 Datasheet HTML 1Page - Vincotech 80-M3072PA300SC-K836F30 Datasheet HTML 2Page - Vincotech 80-M3072PA300SC-K836F30 Datasheet HTML 3Page - Vincotech 80-M3072PA300SC-K836F30 Datasheet HTML 4Page - Vincotech 80-M3072PA300SC-K836F30 Datasheet HTML 5Page - Vincotech 80-M3072PA300SC-K836F30 Datasheet HTML 6Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
80-M3072PA300SC-K836F30
target datasheet
18 Apr. 2016 / Revision1.
5
Copyright Vincotech
Pinout
Half Brdidge FWD
Identification
Comment
650 V
Voltage
Current
Function
300 A
Half Brdige Switc h
300 A
ID
IGBT
Diode
Component
T11, T12
D11, D12
650 V
Rt
Thermistor
Thermistor


Similar Part No. - 80-M3072PA300SC-K836F30

ManufacturerPart #DatasheetDescription
logo
Vincotech
80-M3122PA300SC-K839F42 VINCOTECH-80-M3122PA300SC-K839F42 Datasheet
396Kb / 6P
   Half bridge topology
80-M3126BA140SC02-K489G40 VINCOTECH-80-M3126BA140SC02-K489G40 Datasheet
1Mb / 21P
   Solderless interconnection
80-M312PMA100M7-K420A70 VINCOTECH-80-M312PMA100M7-K420A70 Datasheet
319Kb / 7P
   Solder-free spring contact technology
More results

Similar Description - 80-M3072PA300SC-K836F30

ManufacturerPart #DatasheetDescription
logo
Vincotech
80-M2122PA150SC-K708F40 VINCOTECH-80-M2122PA150SC-K708F40 Datasheet
476Kb / 6P
   Integrated NTC sensor
80-M2072PA150SC-K704F40 VINCOTECH-80-M2072PA150SC-K704F40 Datasheet
379Kb / 6P
   Integrated NTC sensor
logo
TDK Electronics
NTCG164QH105JT1 TDK-NTCG164QH105JT1 Datasheet
114Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG103NH681JT1 TDK-NTCG103NH681JT1 Datasheet
115Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG104LH154JTDS TDK-NTCG104LH154JTDS Datasheet
115Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG164BH222JTDS TDK-NTCG164BH222JTDS Datasheet
114Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG203JH472JT1 TDK-NTCG203JH472JT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG203SH223JT1 TDK-NTCG203SH223JT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG103JH103HT1 TDK-NTCG103JH103HT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG064BF473FTBX TDK-NTCG064BF473FTBX Datasheet
111Kb / 2P
   Chip NTC Thermistors (Sensor)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com