Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB1300L Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # TB1300L
Description  THYRISTOR SURGE SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

TB1300L Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  TB1300L Datasheet HTML 1Page - SUNMATE electronic Co., LTD TB1300L Datasheet HTML 2Page - SUNMATE electronic Co., LTD TB1300L Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 of 3
Electrical Characteristics
@ TA = 25°C unless otherwise specified
Part Number
Rated
Repetitive
Off-State
Voltage
Off-State
Leakage
Current @
VDRM
Breakover
Voltage
On-State
Voltage
@ IT = 1A
Breakover
Current
IBO
Holding Current
IH
Off-State
Capacitance
VDRM (V)
IDRM (uA)
VBO (V)
VT (V)
Min
(mA)
Max (mA)
Min
(mA)
Max (mA)
CO (pF)
TB0640L
58
5
77
3.5
50
800
150
800
100
TB0720L
65
5
88
3.5
50
800
150
800
100
TB0900L
75
5
98
3.5
50
800
150
800
100
TB1100L
90
5
130
3.5
50
800
150
800
60
TB1300L
120
5
160
3.5
50
800
150
800
60
TB1500L
140
5
180
3.5
50
800
150
800
60
TB1800L
160
5
220
3.5
50
800
150
800
60
TB2300L
190
5
265
3.5
50
800
150
800
40
TB2600L
220
5
300
3.5
50
800
150
800
40
TB3100L
275
5
350
3.5
50
800
150
800
40
TB3500L
320
5
400
3.5
50
800
150
800
40
Symbol
Parameter
VDRM
Stand-off Voltage
IDRM
Leakage current at stand-off voltage
VBR
Breakdown voltage
IBR
Breakdown current
VBO
Breakover voltage
IBO
Breakover current
IH
Holding current
NOTE: 1
VT
On state voltage
IPP
Peak pulse current
CO
Off-state capacitance
NOTE: 2
Notes:
1. IH > (VL/RL) If this criterion is not obeyed, the TSPD triggers but does not return correctly to high-resistance state. The surge
recovery time does not exceed 30ms.
2. Off-state capacitance measured at f = 1.0MHz, 1.0VRMS signal, VR = 2VDC bias.
I
BO
V
BR
V
DRM
V
T
V
BO
I
H
I
V
I
BR
I
DRM
I
PP
Marking
Code
T064L
T072L
T090L
T110L
T130L
T150L
T180L
T230L
T260L
T310L
T350L


Similar Part No. - TB1300L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TB1300L DIODES-TB1300L Datasheet
190Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 2 - 1
logo
Lite-On Technology Corp...
TB1300L LITEON-TB1300L Datasheet
47Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Diodes Incorporated
TB1300L DIODES-TB1300L Datasheet
79Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 6 - 2
TB1300L DIODES-TB1300L Datasheet
114Kb / 5P
   30A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 8 - 2
TB1300L-13 DIODES-TB1300L-13 Datasheet
190Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 2 - 1
More results

Similar Description - TB1300L

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
P0080SA LUGUANG-P0080SA Datasheet
1Mb / 6P
   Thyristor Surge Suppressors
logo
Shanghai Leiditech Elec...
SE2312 LEIDITECH-SE2312 Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
SE9926 LEIDITECH-SE9926 Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
SE8205A LEIDITECH-SE8205A Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
logo
SUNMATE electronic Co.,...
TB0640H SUNMATE-TB0640H Datasheet
964Kb / 3P
   THYRISTOR SURGE SUPPRESSORS
TB0640M SUNMATE-TB0640M Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
logo
Shanghai Yint Electroni...
PXXXL YINT-PXXXL Datasheet
576Kb / 4P
   Thyristor Surge Suppressors
logo
Shanghai Leiditech Elec...
P0060SC2 LEIDITECH-P0060SC2 Datasheet
392Kb / 4P
   Thyristor Surge Suppressors
P0300-C2 LEIDITECH-P0300-C2 Datasheet
1Mb / 4P
   Thyristor Surge Suppressors
logo
Guangdong Kexin Industr...
P0080TB KEXIN-P0080TB Datasheet
1Mb / 3P
   Thyristor Surge Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com