Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9018 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # S9018
Description  SILICON EPITAXIAL PLANAR TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

S9018 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  S9018 Datasheet HTML 1Page - SUNMATE electronic Co., LTD S9018 Datasheet HTML 2Page - SUNMATE electronic Co., LTD S9018 Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON EPITAXIAL PLANAR TRANSISTOR
S9018
1 of 3
·
Case: SOT-23, Molded Plastic
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: See Diagrams
·
Approx. Weight: 0.008 grams
Mechanical Data
Features
·
·
A
E
J
L
TOP VIEW
M
B
C
H
G
D
K
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
a
0
°
8
°
All Dimensions in mm
Maximum Ratings and Electrical Characteristics T
A = 25
°C unless otherwise specified
High current gain bandwidth product.
power dissipation.(PC=200mW)
VCBO
Collector-Base Voltage
25
V
VCEO
Collector-Emitter Voltage
18
V
VEBO
Emitter-Base Voltage
4
V
IC
Collector Current -Continuous
50
mA
PC
Collector Dissipation
200
mW
Tj,Tstg
Junction and Storage Temperature
-55~150
Symbol
Parameter
Value
Units


Similar Part No. - S9018

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
S9018 FAIRCHILD-S9018 Datasheet
40Kb / 4P
   AM/FM Amplifier, Local Oscillator of FM/VHF Tuner
logo
Galaxy Semi-Conductor H...
S9018 BILIN-S9018 Datasheet
189Kb / 3P
   Silicon Epitaxial Planar Transistor
logo
Goodwork Semiconductor ...
S9018 GWSEMI-S9018 Datasheet
527Kb / 3P
   TRANSISTOR(NPN)
logo
List of Unclassifed Man...
S9018 ETC-S9018 Datasheet
36Kb / 1P
   AM/FM IF AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER
logo
Jiangsu High diode Semi...
S9018 HDSEMI-S9018 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
More results

Similar Description - S9018

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SS8050W BILIN-SS8050W Datasheet
160Kb / 4P
   Silicon Epitaxial Planar Transistor
STD123 BILIN-STD123 Datasheet
268Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC3356W BILIN-2SC3356W Datasheet
164Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC4081W BILIN-2SC4081W Datasheet
217Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC4097W BILIN-2SC4097W Datasheet
133Kb / 3P
   Silicon Epitaxial Planar Transistor
2SC4177W BILIN-2SC4177W Datasheet
271Kb / 4P
   Silicon Epitaxial Planar Transistor
2SD596 BILIN-2SD596 Datasheet
264Kb / 4P
   Silicon Epitaxial Planar Transistor
KTA1298 BILIN-KTA1298 Datasheet
216Kb / 4P
   Silicon Epitaxial Planar Transistor
2SB709A_0712 BILIN-2SB709A_0712 Datasheet
190Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC1654_0712 BILIN-2SC1654_0712 Datasheet
268Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC2411_0712 BILIN-2SC2411_0712 Datasheet
189Kb / 4P
   Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com