Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC5566LD Datasheet(PDF) 2 Page - Sanken electric

Part # LC5566LD
Description  Integrated on-time control circuit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5566LD Datasheet(HTML) 2 Page - Sanken electric

  LC5566LD Datasheet HTML 1Page - Sanken electric LC5566LD Datasheet HTML 2Page - Sanken electric LC5566LD Datasheet HTML 3Page - Sanken electric LC5566LD Datasheet HTML 4Page - Sanken electric LC5566LD Datasheet HTML 5Page - Sanken electric LC5566LD Datasheet HTML 6Page - Sanken electric LC5566LD Datasheet HTML 7Page - Sanken electric LC5566LD Datasheet HTML 8Page - Sanken electric LC5566LD Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
SANKEN ELECTRIC CO., LTD.
LC5560LD-DS
Single-Stage Power Factor Corrected
Off-Line Switching Regulator ICs
LC5560LD
Series
November 26, 2012
Selection Guide
Part
Number
MOSFET
VDSS(min)
(V)
RDS(on)
(max)
(Ω)
PWM Operation
Frequency, fOSC(typ)
(kHz)
On-Time
tON(MAX)(typ)
(μs)
POUT*
(W)
230 VAC
85 to 265
VAC
LC5565LD
650
3.95
72
9.3
13
10
LC5566LD
650
1.9
60
11.2
20
16
*Based on the thermal rating; the allowable maximum output power can be up to 120% to 140% of
this value. However, maximum output power may be limited in such an application with low output
voltage or short duty cycle.
The polarity value for current specifies a sink as "+," and a source as “−,” referencing the IC.
Absolute Maximum Ratings Unless specifically noted, TA is 25°C
Characteristic
Symbol
Notes
Pins
Rating
Unit
Drain Current1
IDPeak
LC5565LD Single pulse
8 – 1
2.5
A
LC5566LD Single pulse
8 – 1
4.0
A
Single Pulse Avalanche Energy2
EAS
LC5565LD ILPeak = 2.0A, VDD = 99 V, L = 20 mH
8 – 1
47
mJ
LC5566LD ILPeak = 2.7A, VDD = 99 V, L = 20 mH
8 – 1
86
mJ
Control Part Input Voltage
VCC
2 – 1
35
V
OCP Pin Voltage
VOCP
3 – 1
−2.0 to 5.0
V
COMP Pin Voltage
VCOMP
4 – 1
−0.3 to 7.0
V
VREF Pin Voltage
VREF
5 – 1
−0.3 to 5.0
V
ISENSE Pin Voltage
VSEN
6 – 1
−0.3 to 5.0
V
Allowable Power Dissipation of
MOSFET3
PD1
Mounted on a 15 mm × 15 mm PCB
8 – 1
0.97
W
Operating Ambient Temperature
TOP
―−55 to 125
°C
Storage Temperature
Tstg
―−55 to 125
°C
Channel Temperature
Tch
150
°C
1
Refer to MOSFET Safe Operating Area Curve.
2
Refer to MOSFET Avalanche Energy Derating Coefficient Curve.
3
Refer to MOSFET Temperature versus Power Dissipation Curve.


Similar Part No. - LC5566LD

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5566LD SANKEN-LC5566LD Datasheet
297Kb / 10P
   LC5560LD Series Single-Stage Power Factor Corrected Off-Line Switching Regulators for LEDs
More results

Similar Description - LC5566LD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM6686 STMICROELECTRONICS-PM6686 Datasheet
1Mb / 50P
   Constant ON-time control
July 2009 Rev 4
logo
Unisonic Technologies
L8532G-S08-R UTC-L8532G-S08-R Datasheet
227Kb / 8P
   Constant On Time PWM Control
logo
NTE Electronics
NTE7089 NTE-NTE7089 Datasheet
18Kb / 2P
   Integrated Circuit Motor Control Circuit
logo
Mitel Networks Corporat...
TDA2086 MITEL-TDA2086 Datasheet
64Kb / 6P
   PHASE CONTROL INTEGRATED CIRCUIT
MAY 1992
logo
Fairchild Semiconductor
FAN7711 FAIRCHILD-FAN7711_07 Datasheet
1Mb / 21P
   Ballast Control Integrated Circuit
logo
Freescale Semiconductor...
33800 FREESCALE-33800 Datasheet
1Mb / 39P
   Engine Control Integrated Circuit
logo
ON Semiconductor
FAN7711 ONSEMI-FAN7711 Datasheet
1Mb / 23P
   Ballast Control Integrated Circuit
May 2007 Rev. 1.0.3
logo
Changyuntong Semiconduc...
CYT8011TG CYT-CYT8011TG Datasheet
632Kb / 7P
   LIne-Controlled Integrated Circuit LED Control Integrated Circuit
CYT8012TG CYT-CYT8012TG Datasheet
570Kb / 7P
   LIne-Controlled Integrated Circuit LED Control Integrated Circuit
logo
NTE Electronics
NTE7044 NTE-NTE7044 Datasheet
37Kb / 2P
   Integrated Circuit Switching Regulator Control Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com