Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC5566LD Datasheet(PDF) 1 Page - Sanken electric

Part # LC5566LD
Description  Integrated on-time control circuit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5566LD Datasheet(HTML) 1 Page - Sanken electric

  LC5566LD Datasheet HTML 1Page - Sanken electric LC5566LD Datasheet HTML 2Page - Sanken electric LC5566LD Datasheet HTML 3Page - Sanken electric LC5566LD Datasheet HTML 4Page - Sanken electric LC5566LD Datasheet HTML 5Page - Sanken electric LC5566LD Datasheet HTML 6Page - Sanken electric LC5566LD Datasheet HTML 7Page - Sanken electric LC5566LD Datasheet HTML 8Page - Sanken electric LC5566LD Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SANKEN ELECTRIC CO., LTD.
http://www.sanken-ele.co.jp/en/
Description
The LC5560LD series is the power IC for the non-iso-
lated type LED driver which has an incorporated power
MOSFET, designed for input capacitorless applications, and
making it possible for systems to comply with the harmon-
ics standard (IEC61000-3-2 class C), even during light load
condition.
The controller adapts the average current control method for
realizing high power factors, and the quasi-resonant topol-
ogy contributes to high efficiency and low EMI noise. The
series is housed in DIP8 packages.
The rich set of protection features helps to realize low com-
ponent counts, and high performance-to-cost power supply.
The incorporated MOSFET has a VDSS(min) rating of
650 V. The RDS(on)(max) is 1.9 Ω (LC5566LD) to 3.95 Ω
(LC5565LD). It is capable of a maximum output power of
20 W on 230 VAC supply to 16 W on universal input supply
(85 to 265VAC) (LC5566LD) based on the thermal rating.
Note that the maximum output power can be up to 120% to
140% of this value. However, it may be limited in applica-
tions with low output voltage or short duty cycle. The PWM
oscillation frequency ranges from 60 kHz (LC5566LD) to
72 kHz (LC5565LD).
Features and Benefits
• Integrated on-time control circuit (it realizes high power
factor by average current control)
• Integrated startup circuit (no external startup
circuit necessary)
• Integrated soft-start circuit (reduces power stress during
start-up on the incorporated power MOSFET and output
rectifier)
• Integrated bias assist circuit (improves startup
performance, suppresses VCC voltage droop during
operation, and allows use of low-rated ceramic capacitor
on VCC pin)
• Integrated Leading Edge Blanking (LEB) circuit
• Integrated maximum on-time limit circuit
• Protection features:
▫ Overcurrent protection (OCP): pulse-by-pulse
▫ Overvoltage protection (OVP): latched shutdown
▫ Overload protection (OLP): latched shutdown
▫ Thermal shutdown (TSD): latched shutdown
Single-Stage Power Factor Corrected
Off-Line Switching Regulator ICs
Typical Application
Package: 8-pin DIP
Not to scale
LC5560LD Series
LC5560LD-DS
November 26, 2012
5
1
2
3
D/ST
8
S/GND VCC
Control
Part
C2
C5
D8
U1
D1
D3
D2
D4
F1
L1
C1
D5
C4
DZ1
COMP
DZ2
D6
T1
C3
D7
L2
LED
OCP
ISENSE
VREF
R1
C6
D9
R
OCP
R3
R4
R5
R6
R7
VAC
C8
C7
C9
C11
C12
LC556xLD
6
4
C10
R8
Applications
• LED lighting fixtures
• LED light bulbs


Similar Part No. - LC5566LD

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5566LD SANKEN-LC5566LD Datasheet
297Kb / 10P
   LC5560LD Series Single-Stage Power Factor Corrected Off-Line Switching Regulators for LEDs
More results

Similar Description - LC5566LD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM6686 STMICROELECTRONICS-PM6686 Datasheet
1Mb / 50P
   Constant ON-time control
July 2009 Rev 4
logo
Unisonic Technologies
L8532G-S08-R UTC-L8532G-S08-R Datasheet
227Kb / 8P
   Constant On Time PWM Control
logo
NTE Electronics
NTE7089 NTE-NTE7089 Datasheet
18Kb / 2P
   Integrated Circuit Motor Control Circuit
logo
Mitel Networks Corporat...
TDA2086 MITEL-TDA2086 Datasheet
64Kb / 6P
   PHASE CONTROL INTEGRATED CIRCUIT
MAY 1992
logo
Fairchild Semiconductor
FAN7711 FAIRCHILD-FAN7711_07 Datasheet
1Mb / 21P
   Ballast Control Integrated Circuit
logo
Freescale Semiconductor...
33800 FREESCALE-33800 Datasheet
1Mb / 39P
   Engine Control Integrated Circuit
logo
ON Semiconductor
FAN7711 ONSEMI-FAN7711 Datasheet
1Mb / 23P
   Ballast Control Integrated Circuit
May 2007 Rev. 1.0.3
logo
Changyuntong Semiconduc...
CYT8011TG CYT-CYT8011TG Datasheet
632Kb / 7P
   LIne-Controlled Integrated Circuit LED Control Integrated Circuit
CYT8012TG CYT-CYT8012TG Datasheet
570Kb / 7P
   LIne-Controlled Integrated Circuit LED Control Integrated Circuit
logo
NTE Electronics
NTE7044 NTE-NTE7044 Datasheet
37Kb / 2P
   Integrated Circuit Switching Regulator Control Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com