Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KGF65A3L Datasheet(PDF) 6 Page - Sanken electric

Part # KGF65A3L
Description  Trench Field Stop IGBTs with Fast Recovery Diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

KGF65A3L Datasheet(HTML) 6 Page - Sanken electric

Back Button KGF65A3L Datasheet HTML 2Page - Sanken electric KGF65A3L Datasheet HTML 3Page - Sanken electric KGF65A3L Datasheet HTML 4Page - Sanken electric KGF65A3L Datasheet HTML 5Page - Sanken electric KGF65A3L Datasheet HTML 6Page - Sanken electric KGF65A3L Datasheet HTML 7Page - Sanken electric KGF65A3L Datasheet HTML 8Page - Sanken electric KGF65A3L Datasheet HTML 9Page - Sanken electric KGF65A3L Datasheet HTML 10Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
KGF65A3L, MGF65A3L, FGF65A3L
xGF65A3L-DSE Rev.1.0
SANKEN ELCTRIC CO., LTD.
6
Oct. 03, 2016
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2016
Figure 6.
Collector Current vs. Case Temperature
Figure 7.
Collector Current vs. Case Temperature
Figure 8.
Collector Current vs. Case Temperature
Figure 9.
Collector Current vs. Case Temperature
0
20
40
60
80
100
25
50
75
100
125
150
175
Case Temperature, T
C (°C)
TO3P-3L,
TO247-3L
T
J < 175 °C
0
10
20
30
40
50
25
50
75
100
125
150
175
Case Temperature, T
C (°C)
TO3PF-3L,
T
J < 175 °C
0
20
40
60
80
100
25
50
75
100
125
150
175
Case Temperature, T
C (°C)
TO3P-3L Di,
TO247-3L Di
T
J < 175 °C
0
10
20
30
40
50
25
50
75
100
125
150
175
Case Temperature, T
C (°C)
TO3PF-3L Di
T
J < 175 °C


Similar Part No. - KGF65A3L

ManufacturerPart #DatasheetDescription
logo
Sanken electric
KGF65A3H SANKEN-KGF65A3H Datasheet
768Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
KGF65A3H SANKEN-KGF65A3H Datasheet
768Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
KGF65A3H SANKEN-KGF65A3H Datasheet
768Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
More results

Similar Description - KGF65A3L

ManufacturerPart #DatasheetDescription
logo
Sanken electric
KGF65A6H SANKEN-KGF65A6H Datasheet
645Kb / 14P
   Trench Field Stop IGBTs with Fast Recovery Diode
KGF65A4H SANKEN-KGF65A4H Datasheet
769Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
MGF65A4H SANKEN-MGF65A4H Datasheet
769Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
KGF65A4L SANKEN-KGF65A4L Datasheet
796Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
FGF65A3H SANKEN-FGF65A3H Datasheet
768Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
MGF65A6H SANKEN-MGF65A6H Datasheet
645Kb / 14P
   Trench Field Stop IGBTs with Fast Recovery Diode
FGF65A4H SANKEN-FGF65A4H Datasheet
769Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
KGF65A3H SANKEN-KGF65A3H Datasheet
768Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
MGF65A3H SANKEN-MGF65A3H Datasheet
768Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
MGF65A6L SANKEN-MGF65A6L Datasheet
675Kb / 14P
   VCE = 650 V, IC = 60 A Trench Field Stop IGBTs with Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com