Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3122 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SK3122
Description  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK3122 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SK3122 Datasheet HTML 1Page - Sanyo Semicon Device 2SK3122 Datasheet HTML 2Page - Sanyo Semicon Device 2SK3122 Datasheet HTML 3Page - Sanyo Semicon Device 2SK3122 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SK3122
No.6105–2/4
Switching Time Test Circuit
50
P.G
2SK3122
S
G
D
VOUT
VDD=15V
VIN
ID=1.5A
RL=10Ω
PW=10
µs
D.C.
≤1%
VIN
10V
0V
Continued from preceding page.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
Is
s
i
CV S
D
z
H
M
1
=
f
,
V
0
1
=5
2
1F
p
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Os
s
o
CV S
D
z
H
M
1
=
f
,
V
0
1
=0
8F
p
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
Rs
s
r
CV S
D
z
H
M
1
=
f
,
V
0
1
=5
3F
p
e
m
i
T
y
a
l
e
D
N
O
-
n
r
u
Tt
)
n
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S7
s
n
e
m
i
T
e
s
i
Rtr
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S5
1s
n
e
m
i
T
y
a
l
e
D
F
F
O
-
n
r
u
Tt
)
f
f
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S7
1s
n
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S1
1s
n
e
g
r
a
h
C
e
t
a
G
l
a
t
o
Tg
Q
V S
D
V
,
V
0
1
=
S
G
I
,
V
0
1
=
D
A
3
=
6
.
5C
n
e
g
r
a
h
C
e
c
r
u
o
S
-
o
t
-
e
t
a
Gs
g
Q
1C
n
e
g
r
a
h
C
"
r
e
ll
i
M
"
n
i
a
r
D
-
o
t
-
e
t
a
Gd
g
Q
4
.
1C
n
e
g
a
t
l
o
V
d
r
a
w
r
o
F
e
d
o
i
DV D
S
IS
V
,
A
3
=
S
G
0
=0
.
12
.
1V
ID - VDS
ID - VGS
RDS(on) - VGS
Tc=25
°C
VDS=10V
VGS=2.5V
3.5V
3.0V
8.0V
4.0V
ID=0.5A
ID=1.5A
3.2
2.8
2.4
2.0
0.4
0
0
1.2
0.8
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.6
0
0
2
4
6
1
3
5
12
3
5
46
60
2
0
4
6
8
10
12
14
16
18
20
0
120
180
240
300
Drain-to-Source Voltage, VDS –V
Gate-to-Source Voltage, VGS –V
Gate-to-Source Voltage, VGS –V
Case Temperature, Tc –
°C
R DS(on) - Tc
0
100
020
-20
-40
-60
40
60
80
100
120
160
140
200
300
400
ID=1.5A
,VGS
=10V
ID=0.5A,V
GS
=4V


Similar Part No. - 2SK3122

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK312 ISC-2SK312 Datasheet
343Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Sanyo Semicon Device
2SK3120 SANYO-2SK3120 Datasheet
136Kb / 4P
   Ultrahigh-Speed Switching Applications
2SK3121 SANYO-2SK3121 Datasheet
125Kb / 4P
   Ultrahigh-Speed Switching Applications
logo
Panasonic Semiconductor
2SK3124 PANASONIC-2SK3124 Datasheet
22Kb / 1P
   Silicon N-Channel Power F-MOS FET
logo
Inchange Semiconductor ...
2SK3124 ISC-2SK3124 Datasheet
329Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3122

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com