Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM60060-1MW14 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # RM60060-1MW14
Description  Up to 60 A Class R 250 V and 600 V ferrule power distribution fuse blocks
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

RM60060-1MW14 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  RM60060-1MW14 Datasheet HTML 1Page - Cooper Bussmann, Inc. RM60060-1MW14 Datasheet HTML 2Page - Cooper Bussmann, Inc. RM60060-1MW14 Datasheet HTML 3Page - Cooper Bussmann, Inc. RM60060-1MW14 Datasheet HTML 4Page - Cooper Bussmann, Inc. RM60060-1MW14 Datasheet HTML 5Page - Cooper Bussmann, Inc. RM60060-1MW14 Datasheet HTML 6Page - Cooper Bussmann, Inc. RM60060-1MW14 Datasheet HTML 7Page - Cooper Bussmann, Inc. RM60060-1MW14 Datasheet HTML 8Page - Cooper Bussmann, Inc. RM60060-1MW14 Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Technical Data 10491
Effective June 2016
Class R 250 V and 600 V ferrule power distribution fuse blocks
Eaton.com/bussmannseries
Specifications:
Fuse class
Class R
Ratings
Volts:
250 V
600 V
Amps: up to 60 A
Withstand rating (SCCR): 200 kA Sym RMS
Agency information
Blocks:
UL® Listed E14853 – IZLT
CSA® Certified 47235 — 6225-01
Covers: UL Listed UL E58836 – JDVS
RoHS compliant
Poles
1-, 2-, 3-pole
Flammability ratings
Blocks: UL 94V0, self-extinguishing
Covers: UL 94HB, self-extinguishing
Operating and storage temperature range
Blocks: -40°C to +120°C
Covers:
Non-indicating -40°C to +120°C
Indicating -20°C to +90°C
Materials
Base: Thermoplastic
Terminals: Tin-plated aluminum
Conductors
75°C Cu/Al (unless otherwise noted)
Accessories:
Optional IP20 finger-safe covers in indicating and non-indicating
versions. Order one for each pole.
Universal marker labels, Bussmann series catalog number
TM26CB.
DIN-Rail end stops, Bussmann series catalog numbers BRKT-ND
or BRKT-NDSCRW2.
Recommended fuses (order separately)
Description
Volts Amps
Data
sheet no.
Ultimate protection time-delay
Low-Peak™ LPN
250 V up to 60
1003
Advanced protection fast-acting
Limitron™ KTN-R
1043
Advanced protection energy efficient
time-delay Fusetron™ FRN-R
1019
Ultimate protection time-delay
Low-Peak LPS
600 V up to 60
1001
Advanced protection fast-acting
Limitron KTS-R
1044
Advanced protection energy efficient
time-delay Fusetron FRS-R
1017
Recommended accessories:
Description
Catalog no.
DIN-Rail end stops
BRKT-ND
BRKT-NDSCREW2
Marker labels
TM26CB
Probe holes for easy testing
without removing cover
DIN-Rail or panel mounting on each
pole provides installation flexibility
Standard phase barriers
for additional safety
Finger grips on cover
for easy removal
Optional open fuse indication
speeds troubleshooting
Lockout/tagout feature
improves safety
Vent slots improve cooling
(no fuse derating necessary)
Tool-less interlocking modular design
for easy point-of-use assembly
Optional see-through, snap-on
cover for easy visual inspection
Available two-port lineside
lug for easy daisy-chain
wiring configuration
Multi-port loadside lug
for power distribution to
multiple branch circuit
connections
Marker label provision
for easy circuit
identification
Ports on power distribution lugs rated for
dual-wire application, increasing the number
of branch circuit connections (see catalog
number table for details)


Similar Part No. - RM60060-1MW14

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
RM60060-1CR COOPER-RM60060-1CR Datasheet
3Mb / 8P
   Class H(K), J and R modular ferrule fuse blocks
More results

Similar Description - RM60060-1MW14

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HM25060-1MW12 COOPER-HM25060-1MW12 Datasheet
5Mb / 11P
   Up to 60 A Class H(K) 250 V and 600 V ferrule power distribution fuse blocks
logo
List of Unclassifed Man...
JM60030-1MW14 ETC1-JM60030-1MW14 Datasheet
4Mb / 9P
   Up to 400 A Class J ferrule and knifeblade power distribution fuse blocks
logo
Cooper Bussmann, Inc.
JM60030-1MW14 COOPER-JM60030-1MW14 Datasheet
4Mb / 9P
   Up to 400 A Class J ferrule and knifeblade power distribution fuse blocks
logo
List of Unclassifed Man...
HM25060-1MW12 ETC1-HM25060-1MW12 Datasheet
5Mb / 11P
   ferrule power distribution fuse blocks
logo
Cooper Bussmann, Inc.
HM25030-1CR COOPER-HM25030-1CR Datasheet
3Mb / 8P
   Class H(K), J and R modular ferrule fuse blocks
logo
List of Unclassifed Man...
JM60030-1CR ETC1-JM60030-1CR Datasheet
5Mb / 12P
   Class J modular ferrule and knifeblade fuse blocks
logo
Littelfuse
LH25030-1 LITTELFUSE-LH25030-1 Datasheet
623Kb / 5P
   Class H/K5 and R Fuse Blocks
LT30030-2 LITTELFUSE-LT30030-2 Datasheet
526Kb / 4P
   Class T Fuse Blocks - 300 and 600 Volt
logo
Cooper Bussmann, Inc.
BCM603-1S COOPER-BCM603-1S Datasheet
1Mb / 3P
   Modular ferrule fuse blocks
logo
Littelfuse
LFJ600601CID LITTELFUSE-LFJ600601CID Datasheet
2Mb / 6P
   LF SEIRES CLASS H/K5 AND R FUSE BLOCKS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com