Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PV-2.5A14LF Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # PV-2.5A14LF
Description  14x65mm photovoltaic fuses ??1500/1300Vdc, 2.25-32A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PV-2.5A14LF Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  PV-2.5A14LF Datasheet HTML 1Page - Cooper Bussmann, Inc. PV-2.5A14LF Datasheet HTML 2Page - Cooper Bussmann, Inc. PV-2.5A14LF Datasheet HTML 3Page - Cooper Bussmann, Inc. PV-2.5A14LF Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 1172
Effective June 2015
Supersedes May 2014
BUSSMANN
SERIES
14x65mm photovoltaic fuses — 1500/1300Vdc, 2.25-32A
Catalog symbols / mounting style:
PV-(amp)A14LF (cylindrical)
PV-(amp)A14L-T (cylindrical with tags)
PV-(amp)A14LF10F (cylindrical with 10mm
fixings)
PV-(amp)A-CT__ (in-line with crimp terminals)
Description:
Eaton’s Bussmann® series of 14x65mm package
PV fuses are specifically designed for protecting
and isolating photovoltaic strings. These fuse links
are capable of interrupting low overcurrents asso-
ciated with faulted PV systems (reverse current,
multi-array fault).
Available with four mounting styles for application
flexibility.
Basic fuse size
14x65mm
Ratings
Volts
1500Vdc (2.25-20A)
1300Vdc (25-32A)
Amps 2.25-32A
Interrupting rating 10kA
Time constant 1-3ms
Operating class
gPV and UL PV fuse links
Agency information
UL Listed 2579*
IEC 60269-6 gPV
CSA pending
CCC pending
RoHS compliant
* Crimp terminal version is UL Recognized to UL 2579.
Packaging (carton quantity):
PV-(amp)A14LF, PV-(amp)A14L-T,
PV-(amp)A14LF10F: 10
PV-(amp)A-CT: 75
Technical data
PV fuse coordination with thin film cells, and 4”,
5” and 6” crystalline silicon cells.
Features:
Specifically designed to provide fast-acting pro-
tection under low fault current conditions asso-
ciated with PV systems
High DC voltage rating
Variety of mounting options for flexibility
Demonstrated performance in extreme tem-
perature cycling conditions
Wide range of available amp ratings makes it
easy to standardize wire harness protection
Fuses meet UL and IEC photovoltaic standards
for global product acceptance
Low watts loss for greater PV system efficiency
Low heat rise permits more precise sizing for
greater electrical protection
In-line crimp terminal version is easy to apply in
wire harness construction.
Typical applications:
Combiner boxes
Inverters
PV wire harnesses
31.8
(1.25)
3.2
(0.125)
6.4
(0.25)


Similar Part No. - PV-2.5A14LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PV-2.5A10F-CT ETC1-PV-2.5A10F-CT Datasheet
528Kb / 2P
   Single-pole, non-serviceable in-line PV fuse holder and fuse assembly
logo
Eaton All Rights Reserv...
PV-2.5A10F-CT EATON-PV-2.5A10F-CT Datasheet
692Kb / 2P
   HPV single-pole, non-serviceable in-line PV fuse holder and fuse assembly: 1-20 A, 1000 Vdc / 4 A, 1500 Vdc
PV-2.5A10F-CT EATON-PV-2.5A10F-CT Datasheet
528Kb / 2P
   Single-pole, non-serviceable in-line PV fuse holder and fuse assembly
More results

Similar Description - PV-2.5A14LF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MXP1005 MICROSEMI-MXP1005 Datasheet
175Kb / 5P
   Photovoltaic By-Pass Diode 120 Volts, 2.25 Amps
logo
Cooper Bussmann, Inc.
PV-1A10F COOPER-PV-1A10F Datasheet
909Kb / 6P
   10x38mm photovoltaic fuses 1000Vdc, 1-30A
logo
Bourns Electronic Solut...
PF-E BOURNS-PF-E Datasheet
591Kb / 4P
   PF-E Series – Photovoltaic (gPV) Power Fuses
REV. 05/22
PF-H_GPV BOURNS-PF-H_GPV Datasheet
670Kb / 4P
   PF-H (gPV) Series – Photovoltaic Power Fuses
REV. 05/22
logo
List of Unclassifed Man...
PV-1A10F ETC1-PV-1A10F Datasheet
954Kb / 4P
   10x38mm photovoltaic fuses ??1000 Vdc, 1-20 A
logo
Eaton All Rights Reserv...
PV-1A10F EATON-PV-1A10F Datasheet
958Kb / 4P
   10x38mm photovoltaic fuses ??1000 Vdc, 1-20 A
logo
Cooper Bussmann, Inc.
PVM-10 COOPER-PVM-10 Datasheet
622Kb / 2P
   PVM fast-acting 13??2? x 1 1??? (10x38mm) 600Vdc photovoltaic fuses
logo
HY ELECTRONIC CORP.
SD2040 HY-SD2040_17 Datasheet
142Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PHOTOVOLTAIC SOLAR CELL
logo
List of Unclassifed Man...
PVA01APSSS001C ETC-PVA01APSSS001C Datasheet
100Kb / 5P
   Photovoltaic substrate
logo
International Rectifier
PVI5033R IRF-PVI5033R Datasheet
90Kb / 4P
   Photovoltaic Isolator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com