Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PV-2.25A14LF Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # PV-2.25A14LF
Description  14x65mm photovoltaic fuses ??1500/1300Vdc, 2.25-32A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PV-2.25A14LF Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  PV-2.25A14LF Datasheet HTML 1Page - Cooper Bussmann, Inc. PV-2.25A14LF Datasheet HTML 2Page - Cooper Bussmann, Inc. PV-2.25A14LF Datasheet HTML 3Page - Cooper Bussmann, Inc. PV-2.25A14LF Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data 1172
Effective June 2015
14x65mm photovoltaic fuses — 1500/1300Vdc, 2.25-32A
Eaton.com/bussmannseries
Specifications:
Part numbers / configurations
Current
rating
(amps)
Voltage
rating
(Vdc)
Energy integrals I2t (A2s)
Watts loss
Cylindrical
Cylindrical
with tags
Cylindrical with
10mm fixings
In-line with
crimp terminals
Pre-arcing
Total at rated
voltage
0.8 I
n
I
n
PV-2.25A14LF
PV-2.25A14L-T PV-2.25A14LF10F PV-2.25A-CT
2.25
1500
4
8
1.4
2.3
PV-2.5A14LF
PV-2.5A14L-T
PV-2.5A14LF10F
PV-2.5A-CT
2.5
1500
5
10
1.5
2.5
PV-3A14LF
PV-3A14L-T
PV-3A14LF10F
PV-3A-CT
3.0
1500
8
14
1.7
2.8
PV-3.5A14LF
PV-3.5A14L-T
PV-3.5A14LF10F
PV-3.5A-CT
3.5
1500
12
23
1.8
3.0
PV-4A14LF
PV-4A14L-T
PV-4A14LF10F
PV-4A-CT
4.0
1500
18
34
2.0
3.3
PV-15A14LF
PV-15A14L-T
PV-15A14LF10F
PV-15A-CT
15
1500
14
160
3.2
5.8
PV-20A14LF
PV-20A14L-T
PV-20A14LF10F
PV-20A-CT
20
1500
34
400
3.8
6.9
PV-25A14LF
PV-25A14L-T
PV-25A14LF10F
25
1300
65
550
4.1
7.5
PV-32A14LF
PV-32A14L-T
PV-32A14LF10F
32
1300
105
900
5.7
10.4
Dimensions/configurations - mm:
Cylindrical PV-(amp)A14LF
Cylindrical with 10mm fixings PV-(amp)A14LF10F
Cylindrical with tags PV-(amp)A14L-T
In-line with crimp terminals PV-(amp)A-CT
+0.6
-2.0
66.70
10.10
14.30
14.10
Ø
14.22
14.02
86.77 / 84.77
69.34 / 67.34
77.12 / 75.12
90.07 / 88.07
15.22
15.02
118
Ø14
The in-line crimp terminal version can be electrically insulated with
customer supplied overmolding or approved heat-shrink.
Operating temperature range:
-40°C to 90°C
Wire range and type:
Single conductor, 12-10AWG 75°C/90°C Cu stranded PV
Overmolding temperature parameters:
233°C for 180 sec Max.
Terminals:
Crimp terminals for 12-10AWG copper PV conductors
Recommended tools:
Sta-Kon terminal crimping tool, catalog # ERG4002


Similar Part No. - PV-2.25A14LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PV-2.5A10F-CT ETC1-PV-2.5A10F-CT Datasheet
528Kb / 2P
   Single-pole, non-serviceable in-line PV fuse holder and fuse assembly
logo
Eaton All Rights Reserv...
PV-2.5A10F-CT EATON-PV-2.5A10F-CT Datasheet
692Kb / 2P
   HPV single-pole, non-serviceable in-line PV fuse holder and fuse assembly: 1-20 A, 1000 Vdc / 4 A, 1500 Vdc
PV-2.5A10F-CT EATON-PV-2.5A10F-CT Datasheet
528Kb / 2P
   Single-pole, non-serviceable in-line PV fuse holder and fuse assembly
More results

Similar Description - PV-2.25A14LF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MXP1005 MICROSEMI-MXP1005 Datasheet
175Kb / 5P
   Photovoltaic By-Pass Diode 120 Volts, 2.25 Amps
logo
Cooper Bussmann, Inc.
PV-1A10F COOPER-PV-1A10F Datasheet
909Kb / 6P
   10x38mm photovoltaic fuses 1000Vdc, 1-30A
logo
Bourns Electronic Solut...
PF-E BOURNS-PF-E Datasheet
591Kb / 4P
   PF-E Series – Photovoltaic (gPV) Power Fuses
REV. 05/22
PF-H_GPV BOURNS-PF-H_GPV Datasheet
670Kb / 4P
   PF-H (gPV) Series – Photovoltaic Power Fuses
REV. 05/22
logo
List of Unclassifed Man...
PV-1A10F ETC1-PV-1A10F Datasheet
954Kb / 4P
   10x38mm photovoltaic fuses ??1000 Vdc, 1-20 A
logo
Eaton All Rights Reserv...
PV-1A10F EATON-PV-1A10F Datasheet
958Kb / 4P
   10x38mm photovoltaic fuses ??1000 Vdc, 1-20 A
logo
Cooper Bussmann, Inc.
PVM-10 COOPER-PVM-10 Datasheet
622Kb / 2P
   PVM fast-acting 13??2? x 1 1??? (10x38mm) 600Vdc photovoltaic fuses
logo
HY ELECTRONIC CORP.
SD2040 HY-SD2040_17 Datasheet
142Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PHOTOVOLTAIC SOLAR CELL
logo
List of Unclassifed Man...
PVA01APSSS001C ETC-PVA01APSSS001C Datasheet
100Kb / 5P
   Photovoltaic substrate
logo
International Rectifier
PVI5033R IRF-PVI5033R Datasheet
90Kb / 4P
   Photovoltaic Isolator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com